Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUK6E2R3-40C Fiches technique(PDF) 1 Page - NXP Semiconductors

No de pièce BUK6E2R3-40C
Description  N-channel TrenchMOS intermediate level FET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK6E2R3-40C Fiches technique(HTML) 1 Page - NXP Semiconductors

  BUK6E2R3-40C_15 Datasheet HTML 1Page - NXP Semiconductors BUK6E2R3-40C_15 Datasheet HTML 2Page - NXP Semiconductors BUK6E2R3-40C_15 Datasheet HTML 3Page - NXP Semiconductors BUK6E2R3-40C_15 Datasheet HTML 4Page - NXP Semiconductors BUK6E2R3-40C_15 Datasheet HTML 5Page - NXP Semiconductors BUK6E2R3-40C_15 Datasheet HTML 6Page - NXP Semiconductors BUK6E2R3-40C_15 Datasheet HTML 7Page - NXP Semiconductors BUK6E2R3-40C_15 Datasheet HTML 8Page - NXP Semiconductors BUK6E2R3-40C_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
Product profile
1.1 General description
Intermediate level gate drive N-channel enhancement mode Field-Effect Transistor (FET)
in a plastic package using advanced TrenchMOS technology. This product has been
designed and qualified to the appropriate AEC Q101 standard for use in high performance
automotive applications.
1.2 Features and benefits
AEC Q101 compliant
Suitable for intermediate level gate
drive sources
Suitable for thermally demanding
environments due to 175 °C rating
1.3 Applications
12 V Automotive systems
Electric and electro-hydraulic power
steering
Motors, lamps and solenoid control
Start-Stop micro-hybrid applications
Transmission control
Ultra high performance power
switching
1.4 Quick reference data
BUK6E2R3-40C
N-channel TrenchMOS intermediate level FET
Rev. 1 — 18 August 2010
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDS
drain-source
voltage
Tj ≥ 25 °C; Tj ≤ 175 °C
--40
V
ID
drain current
VGS =10V; Tmb =25°C;
see Figure 1
[1]
--120
A
Ptot
total power
dissipation
Tmb = 25 °C; see Figure 2
--306
W
Static characteristics
RDSon
drain-source
on-state
resistance
VGS =10V; ID =25A;
Tj =25°C; see Figure 11;
see Figure 12
-2
2.3
m


Numéro de pièce similaire - BUK6E2R3-40C_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BUK6E2R3-40C NXP-BUK6E2R3-40C Datasheet
399Kb / 15P
   N-channel TrenchMOS intermediate level FET
Rev. 1-18 August 2010
logo
Nexperia B.V. All right...
BUK6E2R3-40C NEXPERIA-BUK6E2R3-40C Datasheet
947Kb / 15P
   N-channel TrenchMOS intermediate level FET
Rev. 1 - 18 August 2010
More results

Description similaire - BUK6E2R3-40C_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BUK6218-40C NXP-BUK6218-40C Datasheet
391Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 1-4 October 2010
BUK662R5-30C PHILIPS-BUK662R5-30C_15 Datasheet
380Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 2-14 October 2010
BUK6E3R4-40C PHILIPS-BUK6E3R4-40C_15 Datasheet
376Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 3-14 October 2010
BUK6217-55C PHILIPS-BUK6217-55C_15 Datasheet
195Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 3-9 July 2012
BUK664R4-55C PHILIPS-BUK664R4-55C_15 Datasheet
225Kb / 16P
   N-channel TrenchMOS intermediate level FET
Rev. 03-21 December 2010
logo
Nexperia B.V. All right...
BUK652R7-30C NEXPERIA-BUK652R7-30C Datasheet
495Kb / 17P
   N-channel TrenchMOS intermediate level FET
BUK652R1-30C NEXPERIA-BUK652R1-30C Datasheet
512Kb / 17P
   N-channel TrenchMOS intermediate level FET
BUK661R8-30C NEXPERIA-BUK661R8-30C Datasheet
756Kb / 14P
   N-channel TrenchMOS intermediate level FET
BUK653R5-55C NEXPERIA-BUK653R5-55C Datasheet
490Kb / 15P
   N-channel TrenchMOS intermediate level FET
Rev. 1 - 27 October 2010
logo
NXP Semiconductors
BUK6213-30A PHILIPS-BUK6213-30A_15 Datasheet
304Kb / 10P
   N-channel TrenchMOS intermediate level FET
Rev. 03-2 February 2011
BUK6210-55C PHILIPS-BUK6210-55C_15 Datasheet
383Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 2-4 October 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com