Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUK6C2R1-55C Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce BUK6C2R1-55C
Description  N-channel TrenchMOS intermediate level FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK6C2R1-55C Fiches technique(HTML) 8 Page - NXP Semiconductors

Back Button BUK6C2R1-55C_15 Datasheet HTML 4Page - NXP Semiconductors BUK6C2R1-55C_15 Datasheet HTML 5Page - NXP Semiconductors BUK6C2R1-55C_15 Datasheet HTML 6Page - NXP Semiconductors BUK6C2R1-55C_15 Datasheet HTML 7Page - NXP Semiconductors BUK6C2R1-55C_15 Datasheet HTML 8Page - NXP Semiconductors BUK6C2R1-55C_15 Datasheet HTML 9Page - NXP Semiconductors BUK6C2R1-55C_15 Datasheet HTML 10Page - NXP Semiconductors BUK6C2R1-55C_15 Datasheet HTML 11Page - NXP Semiconductors BUK6C2R1-55C_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
BUK6C2R1-55C
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 3 — 18 January 2012
8 of 13
NXP Semiconductors
BUK6C2R1-55C
N-channel TrenchMOS intermediate level FET
Tj = 25 °C; ID = 180 A
Fig 13. Gate-source voltage as a function of gate
charge; typical values
Fig 14. Gate charge waveform definitions
VGS = 0 V; f = 1 MHz
VGS = 0 V
Fig 15. Input, output and reverse transfer capacitances
as a function of drain-source voltage; typical
values
Fig 16. Source (diode forward) current as a function of
source-drain (diode forward) voltage; typical
values
003aaf973
0
2
4
6
8
10
0
100
200
300
QG (nC)
VGS
(V)
VDS = 44V
003aaa508
VGS
VGS(th)
QGS1
QGS2
QGD
VDS
QG(tot)
ID
QGS
VGS(pl)
003aaf970
10
2
10
3
10
4
10
5
10
-1
1
10
10
2
VDS (V)
C
(pF)
Ciss
Crss
Coss
003aaf974
0
100
200
300
00.5
11.5
VSD (V)
IS
(A)
Tj = 25 °C
Tj = 175 °C


Numéro de pièce similaire - BUK6C2R1-55C_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BUK6C2R1-55C PHILIPS-BUK6C2R1-55C Datasheet
191Kb / 13P
   N-channel TrenchMOS intermediate level FET
Rev. 3-18 January 2012
logo
Nexperia B.V. All right...
BUK6C2R1-55C NEXPERIA-BUK6C2R1-55C Datasheet
913Kb / 13P
   N-channel TrenchMOS intermediate level FET
Rev. 3 - 18 January 2012
More results

Description similaire - BUK6C2R1-55C_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BUK6218-40C NXP-BUK6218-40C Datasheet
391Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 1-4 October 2010
BUK662R5-30C PHILIPS-BUK662R5-30C_15 Datasheet
380Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 2-14 October 2010
BUK6E3R4-40C PHILIPS-BUK6E3R4-40C_15 Datasheet
376Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 3-14 October 2010
BUK6217-55C PHILIPS-BUK6217-55C_15 Datasheet
195Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 3-9 July 2012
BUK664R4-55C PHILIPS-BUK664R4-55C_15 Datasheet
225Kb / 16P
   N-channel TrenchMOS intermediate level FET
Rev. 03-21 December 2010
logo
Nexperia B.V. All right...
BUK652R7-30C NEXPERIA-BUK652R7-30C Datasheet
495Kb / 17P
   N-channel TrenchMOS intermediate level FET
BUK652R1-30C NEXPERIA-BUK652R1-30C Datasheet
512Kb / 17P
   N-channel TrenchMOS intermediate level FET
BUK661R8-30C NEXPERIA-BUK661R8-30C Datasheet
756Kb / 14P
   N-channel TrenchMOS intermediate level FET
BUK653R5-55C NEXPERIA-BUK653R5-55C Datasheet
490Kb / 15P
   N-channel TrenchMOS intermediate level FET
Rev. 1 - 27 October 2010
logo
NXP Semiconductors
BUK6213-30A PHILIPS-BUK6213-30A_15 Datasheet
304Kb / 10P
   N-channel TrenchMOS intermediate level FET
Rev. 03-2 February 2011
BUK6210-55C PHILIPS-BUK6210-55C_15 Datasheet
383Kb / 14P
   N-channel TrenchMOS intermediate level FET
Rev. 2-4 October 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com