Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSD87501L Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce CSD87501L
Description  CSD87501L 30 V Dual Common Drain N-Channel NexFET Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CSD87501L Fiches technique(HTML) 4 Page - Texas Instruments

  CSD87501L_15 Datasheet HTML 1Page - Texas Instruments CSD87501L_15 Datasheet HTML 2Page - Texas Instruments CSD87501L_15 Datasheet HTML 3Page - Texas Instruments CSD87501L_15 Datasheet HTML 4Page - Texas Instruments CSD87501L_15 Datasheet HTML 5Page - Texas Instruments CSD87501L_15 Datasheet HTML 6Page - Texas Instruments CSD87501L_15 Datasheet HTML 7Page - Texas Instruments CSD87501L_15 Datasheet HTML 8Page - Texas Instruments CSD87501L_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
VS1S2 - Source-to-Source Voltage (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0
10
20
30
40
50
D002
VGS = 4.5 V
VGS = 6 V
VGS = 10 V
VS1S2 - Source-to-Source Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
0
5
10
15
20
25
30
35
40
45
50
D003
TC = 125°C
TC = 25°C
TC = -55°C
CSD87501L
SLPS523A – FEBRUARY 2015 – REVISED APRIL 2015
www.ti.com
5.3 Typical MOSFET Characteristics
(TA = 25°C unless otherwise stated)
Figure 1. Transient Thermal Impedance
VS1S2 = 15V
Figure 2. Saturation Characteristics
Figure 3. Transfer Characteristics
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: CSD87501L


Numéro de pièce similaire - CSD87501L_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD87502Q2 TI-CSD87502Q2 Datasheet
566Kb / 13P
[Old version datasheet]   CSD87502Q2 30 V Dual N-Channel NexFET??Power MOSFETs
CSD87502Q2 TI1-CSD87502Q2 Datasheet
599Kb / 13P
[Old version datasheet]   Dual N-Channel NexFET Power MOSFETs
CSD87502Q2T TI1-CSD87502Q2T Datasheet
599Kb / 13P
[Old version datasheet]   Dual N-Channel NexFET Power MOSFETs
CSD87503Q3E TI1-CSD87503Q3E Datasheet
485Kb / 12P
[Old version datasheet]   30-V N-Channel NexFET Power MOSFETs
CSD87503Q3ET TI1-CSD87503Q3ET Datasheet
485Kb / 12P
[Old version datasheet]   30-V N-Channel NexFET Power MOSFETs
More results

Description similaire - CSD87501L_15

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI7902EDN VISHAY-SI7902EDN Datasheet
54Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET, Common Drain
Rev. A, 18-Feb-02
SISF04DN VISHAY-SISF04DN Datasheet
192Kb / 9P
   Common Drain Dual N-Channel 30 V (S1-S2) MOSFET
01-Jan-2022
SISF06DN VISHAY-SISF06DN Datasheet
225Kb / 9P
   Common Drain Dual N-Channel 30 V (S1-S2) MOSFET
01-Jan-2022
SISF00DN VISHAY-SISF00DN Datasheet
270Kb / 9P
   Common Drain Dual N-Channel 30 V (S1-S2) MOSFET
01-Jan-2022
logo
Texas Instruments
CSD17483F4 TI-CSD17483F4 Datasheet
560Kb / 10P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFET
CSD17556Q5B TI1-CSD17556Q5B_16 Datasheet
843Kb / 13P
[Old version datasheet]   30 V N-Channel NexFET Power MOSFET
CSD17318Q2 TI1-CSD17318Q2 Datasheet
344Kb / 13P
[Old version datasheet]   30-V N-Channel NexFET Power MOSFET
CSD17570Q5B TI1-CSD17570Q5B_16 Datasheet
647Kb / 13P
[Old version datasheet]   30 V N-Channel NexFET Power MOSFET
CSD87313DMS TI1-CSD87313DMS Datasheet
1Mb / 16P
[Old version datasheet]   30-V Dual N-Channel NexFET Power MOSFETs
CSD17507Q5A TI1-CSD17507Q5A Datasheet
415Kb / 14P
[Old version datasheet]   CSD17507Q5A 30-V N-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com