Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AME5251A Fiches technique(PDF) 2 Page - Analog Microelectronics

No de pièce AME5251A
Description  Dual 1A, 1.5MHz Synchronous Step-Down Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AME [Analog Microelectronics]
Site Internet  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5251A Fiches technique(HTML) 2 Page - Analog Microelectronics

  AME5251A Datasheet HTML 1Page - Analog Microelectronics AME5251A Datasheet HTML 2Page - Analog Microelectronics AME5251A Datasheet HTML 3Page - Analog Microelectronics AME5251A Datasheet HTML 4Page - Analog Microelectronics AME5251A Datasheet HTML 5Page - Analog Microelectronics AME5251A Datasheet HTML 6Page - Analog Microelectronics AME5251A Datasheet HTML 7Page - Analog Microelectronics AME5251A Datasheet HTML 8Page - Analog Microelectronics AME5251A Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
AME
2
Dual 1A, 1.5MHz Synchronous
Step-Down Converter
AME5251A
Rev.A.04
n
Function Block Diagram
0.6V
VREF
0.6V
0.55V
4
Mode
Select
Slope
COMP
Soft
Start
OSC
UVDET
LOGIC
NMOS
COMP
IRCOMP
VIN
EN1
FB1
6
9 GND
Constant
Off-time
0.6V
VREF
0.6V
0.55V
10
Mode
Select
Slope
COMP
Soft
Start
OSC
UVDET
PWM
COMP
LOGIC
NMOS
COMP
IRCOMP
VIN
EN2
FB2
12
1 IN2
2 SW2
3 GND
Constant
Off-time
7 IN1
SW1
8
PWM
COMP


Numéro de pièce similaire - AME5251A

FabricantNo de pièceFiches techniqueDescription
logo
Analog Microelectronics
AME5251 AME-AME5251 Datasheet
365Kb / 19P
   Dual 1A, 1.5MHz Synchronous Step-Down Converter
More results

Description similaire - AME5251A

FabricantNo de pièceFiches techniqueDescription
logo
Anpec Electronics Corop...
APW7176A ANPEC-APW7176A Datasheet
278Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Eutech Microelectronics...
EUP3419 EUTECH-EUP3419 Datasheet
143Kb / 1P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Anpec Electronics Corop...
APW7176 ANPEC-APW7176 Datasheet
276Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
APW7179 ANPEC-APW7179 Datasheet
277Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
APW7179A ANPEC-APW7179A Datasheet
276Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Analog Microelectronics
AME5251 AME-AME5251 Datasheet
365Kb / 19P
   Dual 1A, 1.5MHz Synchronous Step-Down Converter
AME5250A AME-AME5250A Datasheet
409Kb / 22P
   1A, 1.5MHz Synchronous Step-Down Converter
AME5253 AME-AME5253 Datasheet
615Kb / 18P
   1A, 1.5MHz Synchronous Step-Down Converter
AME5253A AME-AME5253A Datasheet
615Kb / 18P
   1A, 1.5MHz Synchronous Step-Down Converter
AME5250 AME-AME5250 Datasheet
370Kb / 21P
   1A, 1.5MHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com