Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AME5250A Fiches technique(PDF) 10 Page - Analog Microelectronics

No de pièce AME5250A
Description  1A, 1.5MHz Synchronous Step-Down Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AME [Analog Microelectronics]
Site Internet  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5250A Fiches technique(HTML) 10 Page - Analog Microelectronics

Back Button AME5250A Datasheet HTML 6Page - Analog Microelectronics AME5250A Datasheet HTML 7Page - Analog Microelectronics AME5250A Datasheet HTML 8Page - Analog Microelectronics AME5250A Datasheet HTML 9Page - Analog Microelectronics AME5250A Datasheet HTML 10Page - Analog Microelectronics AME5250A Datasheet HTML 11Page - Analog Microelectronics AME5250A Datasheet HTML 12Page - Analog Microelectronics AME5250A Datasheet HTML 13Page - Analog Microelectronics AME5250A Datasheet HTML 14Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
AME
10
1A, 1.5MHz Synchronous
Step-Down Converter
AME5250A
Rev.A.03
Figure 5. 1.2V Step-Down Regulator
C
FWD: 22pF~220pF
Figure 6. 1.5V Step-Down Regulator
C
FWD: 22pF~220pF
Figure 7. 2.5V Step-Down Regulator
C
FWD: 22pF~220pF
Figure 8. 1.6V Step-Down Regulator
C
FWD: 22pF~220pF
Figure 9. 3.3V Step-Down Regulator
C
FWD: 22pF~220pF
2.2
µH
AME5250A
IN
SW
FB
EN
GND
COUT
10
µF
CER
VIN
2.5V to 5.5V
VOUT
1.2V
CIN
4.7
µF
CER
150K
150K
CFWD
2.2
µH
AME5250A
IN
SW
FB
EN
GND
COUT
10
µF
CER
VIN
3.3V to 5.5V
VOUT
1.5V
CIN
4.7
µF
CER
150K
100K
CFWD
2.2
µH
AME5250A
IN
SW
FB
EN
GND
COUT
10
µF
CER
VIN
2.7V to 5.5V
VOUT
2.5V
CIN
4.7
µF
CER
150K
47.3K
CFWD
2.2
µH
AME5250A
IN
SW
FB
EN
GND
COUT
10
µF
CER
VIN
2.5V to 5.5V
VOUT
1.6V
CIN
4.7
µF
CER
150K
90K
CFWD
2.2
µH
AME5250A
IN
SW
FB
EN
GND
COUT
10
µF
CER
VIN
3.6V to 5.5V
VOUT
3.3V
CIN
4.7
µF
CER
150K
33.3K
CFWD


Numéro de pièce similaire - AME5250A

FabricantNo de pièceFiches techniqueDescription
logo
Analog Microelectronics
AME5250 AME-AME5250 Datasheet
370Kb / 21P
   1A, 1.5MHz Synchronous Step-Down Converter
More results

Description similaire - AME5250A

FabricantNo de pièceFiches techniqueDescription
logo
Analog Microelectronics
AME5253 AME-AME5253 Datasheet
615Kb / 18P
   1A, 1.5MHz Synchronous Step-Down Converter
AME5253A AME-AME5253A Datasheet
615Kb / 18P
   1A, 1.5MHz Synchronous Step-Down Converter
AME5250 AME-AME5250 Datasheet
370Kb / 21P
   1A, 1.5MHz Synchronous Step-Down Converter
logo
Anpec Electronics Corop...
APW7176A ANPEC-APW7176A Datasheet
278Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Analog Microelectronics
AME5251A AME-AME5251A Datasheet
354Kb / 19P
   Dual 1A, 1.5MHz Synchronous Step-Down Converter
logo
Eutech Microelectronics...
EUP3419 EUTECH-EUP3419 Datasheet
143Kb / 1P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Anpec Electronics Corop...
APW7176 ANPEC-APW7176 Datasheet
276Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
APW7179 ANPEC-APW7179 Datasheet
277Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
APW7179A ANPEC-APW7179A Datasheet
276Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Analog Microelectronics
AME5251 AME-AME5251 Datasheet
365Kb / 19P
   Dual 1A, 1.5MHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com