Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSI382A Fiches technique(PDF) 2 Page - Integrated Device Technology

No de pièce TSI382A
Description  Legacy mode support for subtractive decode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

TSI382A Fiches technique(HTML) 2 Page - Integrated Device Technology

  TSI382A Datasheet HTML 1Page - Integrated Device Technology TSI382A Datasheet HTML 2Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tundra Semiconductor Corporation
603 March Road, Ottawa,
Ontario, Canada, K2K 2M5
Phone: +1 613-592-0714 Toll-free: 800-267-7231
Fax: +1 613-592-1320 Email: info@tundra.com
Document: 80E2040_FB001_01
©2009 Tundra Semiconductor Corporation
All trademarks are property of their respective
owners. Information is subject to change
without notice.
Tsi382
PCI Express to PCI Bridge
Low Power Consumption
The Tsi382A has typical power consumption of less than 0.7W, and it
incorporates advanced power management modes to minimize consumption
during operation.
High Performance
In addition to low-latency operation, the Tsi382A’s superior queueing
architecture and rich feature set allow designers to optimize their overall
system performance. Features such as short-term caching also enable
designers to tune the device’s performance for different applications.
Transparent and Non-transparent Bridging
Transparent mode operation is available for efficient, flow-through
configurations, while non-transparent bridging enables multi-host systems
and is used in applications such as intelligent adapter cards.
Typical Applications
The Tsi382A is suited to applications that need to bridge PCIe to downstream
PCI devices. Its flexibility, high performance, small footprint, and low power
consumption, make it ideal for a range of applications, including:
• Motherboards
• PC adapter cards (communications, graphics, imaging, and multimedia)
• Digital video recorders
• ExpressCards for laptop computers
• Multifunction printers
• Line cards and NICs
Motherboard Application
80E2040_TA001_01
PCI
10x10 mm footprint
Supports up to four
PCI devices off x1 PCIe
PCIe
Tsi382A
PCI Slot
PCI Slot
Processor
Chipset
CPU
PCIe Slot
Peripherals
Graphics
Memory
Other Features
• Masquerade mode
• JTAG IEEE 1149.1, 1149.6
• Four GPIO pins and four interrupt pins
that can generate MSIs
• D0, D3 hot, D3 cold power
management state support
• 1.2V core power supply, 3.3V I/O
• No power sequencing constraints
• Packaging:
– BGA: 144-pin, 10 x 10 mm,
0.8 mm ball pitch, Industrial
operating temperature, RoHS/Green
compliant
– LQFP: 176-pin, 20 x 20 mm,
Commercial operating temperature,
RoHS compliant
Benefits
• Enhances system performance by
delivering high throughput and low
latency across the bridge
• Simplifies system design by offering
numerous programmable features
• Minimizes board space due to small
footprint of BGA package
Design Support Tools
Tundra is committed to helping customers
minimize their time to market. That’s why
we provide one of the highest levels of
design support in the industry, including:
• Application notes
• Evaluation boards
•IC models
• Hardware and software development
tools
Tundra Confidential


Numéro de pièce similaire - TSI382A

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
TSI382 RENESAS-TSI382 Datasheet
395Kb / 3P
   PCIe® to PCI Bridge Product Brief
August 14, 2009
More results

Description similaire - TSI382A

FabricantNo de pièceFiches techniqueDescription
logo
Keysight Technologies
N5464A KEYSIGHT-N5464A Datasheet
976Kb / 8P
   Decode for Ininiium 90000
logo
STMicroelectronics
P-NUCLEO-IHM001 STMICROELECTRONICS-P-NUCLEO-IHM001 Datasheet
685Kb / 6P
   Full support for sensorless and sensor mode
logo
Keysight Technologies
N5391B KEYSIGHT-N5391B Datasheet
3Mb / 8P
   Triggering and Decode
N8817B KEYSIGHT-N8817B Datasheet
8Mb / 8P
   Triggering and decode
logo
Power-One
PPS7 POWER-ONE-PPS7 Datasheet
153Kb / 4P
   Legacy Products- For Reference Only
logo
Keysight Technologies
N5462B KEYSIGHT-N5462B Datasheet
5Mb / 8P
   Triggering and Decode
N8809A KEYSIGHT-N8809A Datasheet
3Mb / 8P
   Protocol Triggering and Decode
logo
DATEL, Inc.
AM-500MC DATEL-AM-500MC Datasheet
93Kb / 1P
   Legacy Amplifiers
AM-1435MM DATEL-AM-1435MM Datasheet
96Kb / 1P
   Legacy Amplifiers
AM-1435MC DATEL-AM-1435MC Datasheet
94Kb / 1P
   Legacy Amplifiers
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com