Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSD13306W Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce CSD13306W
Description  CSD13306W 12 V N Channel NexFETv Power MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CSD13306W Fiches technique(HTML) 10 Page - Texas Instruments

Back Button CSD13306W_15 Datasheet HTML 6Page - Texas Instruments CSD13306W_15 Datasheet HTML 7Page - Texas Instruments CSD13306W_15 Datasheet HTML 8Page - Texas Instruments CSD13306W_15 Datasheet HTML 9Page - Texas Instruments CSD13306W_15 Datasheet HTML 10Page - Texas Instruments CSD13306W_15 Datasheet HTML 11Page - Texas Instruments CSD13306W_15 Datasheet HTML 12Page - Texas Instruments CSD13306W_15 Datasheet HTML 13Page - Texas Instruments CSD13306W_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
19-Mar-2015
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
CSD13306W
ACTIVE
DSBGA
YZC
6
3000
Green (RoHS
& no Sb/Br)
Call TI | SNAGCU
Level-1-260C-UNLIM
13306
CSD13306WT
ACTIVE
DSBGA
YZC
6
250
Green (RoHS
& no Sb/Br)
Call TI | SNAGCU
Level-1-260C-UNLIM
13306
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.


Numéro de pièce similaire - CSD13306W_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD13306WT TI-CSD13306WT Datasheet
616Kb / 12P
[Old version datasheet]   CSD13306W 12 V N Channel NexFET??Power MOSFET
More results

Description similaire - CSD13306W_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD13306W TI-CSD13306W Datasheet
616Kb / 12P
[Old version datasheet]   CSD13306W 12 V N Channel NexFET??Power MOSFET
CSD13302W TI-CSD13302W_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD13302W 12 V N Channel NexFET??Power MOSFET
CSD83325L TI1-CSD83325L_16 Datasheet
1Mb / 14P
[Old version datasheet]   12 V Dual N-Channel NexFET Power MOSFET
CSD13302W TI1-CSD13302W_16 Datasheet
492Kb / 12P
[Old version datasheet]   CSD13302W 12 V N Channel NexFET??Power MOSFET
CSD83325L TI1-CSD83325L Datasheet
639Kb / 11P
[Old version datasheet]   12 V Dual N-Channel NexFET??Power MOSFET
logo
Nexperia B.V. All right...
PMCM440VNE NEXPERIA-PMCM440VNE Datasheet
711Kb / 15P
   12 V, N-channel Trench MOSFET
PMCM650VNE NEXPERIA-PMCM650VNE Datasheet
741Kb / 15P
   12 V, N-channel Trench MOSFET
logo
NXP Semiconductors
PMXB40UNE PHILIPS-PMXB40UNE_15 Datasheet
261Kb / 15P
   12 V, N-channel Trench MOSFET
27 September 2013
logo
Nexperia B.V. All right...
PMCM6501VNE NEXPERIA-PMCM6501VNE Datasheet
777Kb / 15P
   12 V, N-channel Trench MOSFET
PMCA14UN NEXPERIA-PMCA14UN Datasheet
286Kb / 15P
   12 V, N-channel Trench MOSFET
6 August 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com