Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UF12AR23-__H Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce UF12AR23-__H
Description  AC AXIAL FANS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

UF12AR23-__H Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  UF12AR23-__H Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
UF12AR series
(120 x 120 x 38 mm)
4.69 x 4.69 x 1.5 inches
Features:
Reverse air flow
Operating voltage: 115 or 230 VAC
Construction:
aluminum die cast frame;
UL94V-0 PBT impeller
Bearing option:
ball bearing or sintered bronze
sleeve
Motor:
shaded pole
Air Flow:
intake over struts
Connection:
terminal or 22 AWG lead wire
Protection:
impedance
w w w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 515 5
Tel: 425 -222- 5 9 0 0
800-453-4569
Co o l i n g Si m p l i f i e d
Model No.
Rated Freq.
Voltage
Input Rated Locked Speed
Power Cur.
Cur.
Air Volume
Max. Static
Sound Weight
Pressure (H20) Noise
V
HZ
W
A
A
RPM M³/Min. CFM
MM
INCH
dbA
kg
UF12AR12-_ _H
115
60
11
0.19
0.20
3,100
2.8
99
8.5
0.33
47
0.53
UF12AR23-_ _H
230
60
15
0.09
0.10
3,100
2.8
99
8.5
0.33
47
0.53
UF12AR12-_ _M
115
60
11
0.17
0.19
2,750
2.4
85
6.5
0.26
45
0.53
UF12AR23-_ _M
230
60
15
0.08
0.09
2,750
2.4
85
6.5
0.26
45
0.53
UF12AR12-_ _L
115
60
11
0.15
0.16
2,300
2.1
75
4.0
0.16
38
0.53
UF12AR23-_ _L
230
60
15
0.07
0.08
2,300
2.1
75
4.0
0.16
38
0.53
0.16
(4)
Ø4.49
Ø114)
Nom. 11.8
(300)
Ø0.17
(Ø4.3 ±0.2)
1.50 ±0.02
(38 ±0.5)
4.69 ±0.02
(120 ±0.5)
4.12 ±0.01
(104.8 ±0.3)
TERMINAL TYPE
LEAD WIRE TYPE
0.12
(3)
0.33
(8.5)
0.31
(8)
(
0
20
40
60
80
100
120
AIR FLOW (CFM)
.05
.10
.15
.20
.25
.30
.35
H
L
M
12.15.14


Numéro de pièce similaire - UF12AR23-__H

FabricantNo de pièceFiches techniqueDescription
logo
Mechatronics, Inc.
UF12AR23-XXH MECHATRONICS-UF12AR23-XXH Datasheet
335Kb / 1P
   AC AXIAL FANS
More results

Description similaire - UF12AR23-__H

FabricantNo de pièceFiches techniqueDescription
logo
ETRI
125XL0282010 ETRI-125XL0282010_15 Datasheet
258Kb / 1P
   AC Axial Fans
125XR5182002 ETRI-125XR5182002_11 Datasheet
166Kb / 1P
   AC Axial Fans
125XL0182001 ETRI-125XL0182001 Datasheet
185Kb / 1P
   AC Axial Fans
113XN0182000 ETRI-113XN0182000_15 Datasheet
1Mb / 1P
   AC Axial Fans
113XN0181000 ETRI-113XN0181000_12 Datasheet
162Kb / 1P
   AC Axial Fans
99XM0182001 ETRI-99XM0182001 Datasheet
189Kb / 1P
   AC Axial Fans
98XC0182000 ETRI-98XC0182000_1 Datasheet
182Kb / 1P
   AC Axial Fans
99XM0182000 ETRI-99XM0182000 Datasheet
216Kb / 1P
   AC Axial Fans
113XN0182000 ETRI-113XN0182000 Datasheet
155Kb / 1P
   AC Axial Fans
126LH0181000 ETRI-126LH0181000 Datasheet
172Kb / 1P
   AC Axial Fans
logo
ebm-papst
4850Z EBMPAPST-4850Z_17 Datasheet
134Kb / 1P
   AC axial fans
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com