Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2306 Fiches technique(PDF) 6 Page - Unisonic Technologies

No de pièce UC2306
Description  MICROPOWER DC/DC CONVERTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC2306 Fiches technique(HTML) 6 Page - Unisonic Technologies

Back Button UC2306_15 Datasheet HTML 2Page - Unisonic Technologies UC2306_15 Datasheet HTML 3Page - Unisonic Technologies UC2306_15 Datasheet HTML 4Page - Unisonic Technologies UC2306_15 Datasheet HTML 5Page - Unisonic Technologies UC2306_15 Datasheet HTML 6Page - Unisonic Technologies UC2306_15 Datasheet HTML 7Page - Unisonic Technologies UC2306_15 Datasheet HTML 8Page - Unisonic Technologies UC2306_15 Datasheet HTML 9Page - Unisonic Technologies UC2306_15 Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
UC2306
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 12
www.unisonic.com.tw
QW-R103-029.C
TYPICAL APPLICATION(Cont.)
+
VIN
SW
SENSE
ILIM
SHDN
GND
C2
47 μ F
16V
3.3V
300mA
L1A
UC2306-3.3
C3
100μF
10V
+
MBRS130L
SHUTDOWN
NC
21
4
3
C1
1 μF
L1B*
VIN
2.5V to 8V
3.3V SEPIC Efficiency(Step-Up/Step-Down Converter)
+
VIN
SW
SENSE
ILIM
SHDN
GND
47 μ F
16V
5V
200mA
L1A
UC2306-5.0
100μF
10V
+
MBRS130L
SHUTDOWN
NC
21
4
3
C1
1 μF
L1B
VIN
3V to 8V
5V SEPIC (Step-Up/Step-Down Converter)


Numéro de pièce similaire - UC2306_15

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
UC2306-XX-D08-T UTC-UC2306-XX-D08-T Datasheet
506Kb / 12P
   MICROPOWER DC/DC CONVERTERS WITH LOW-BATTERY DETECTOR
UC2306-XX-S08-R UTC-UC2306-XX-S08-R Datasheet
506Kb / 12P
   MICROPOWER DC/DC CONVERTERS WITH LOW-BATTERY DETECTOR
UC2306-XX-S08-T UTC-UC2306-XX-S08-T Datasheet
506Kb / 12P
   MICROPOWER DC/DC CONVERTERS WITH LOW-BATTERY DETECTOR
UC2306L-XX-D08-T UTC-UC2306L-XX-D08-T Datasheet
506Kb / 12P
   MICROPOWER DC/DC CONVERTERS WITH LOW-BATTERY DETECTOR
UC2306L-XX-S08-R UTC-UC2306L-XX-S08-R Datasheet
506Kb / 12P
   MICROPOWER DC/DC CONVERTERS WITH LOW-BATTERY DETECTOR
More results

Description similaire - UC2306_15

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LT1317B LINER-LT1317B_15 Datasheet
408Kb / 16P
   Micropower, 600kHz PWM DC/DC Converters
logo
Linear Integrated Syste...
LT1615IS5-1 LINEAR-LT1615IS5-1 Datasheet
148Kb / 8P
   Micropower Step-Up DC/DC Converters
logo
Linear Technology
LT1317 LINER-LT1317 Datasheet
447Kb / 16P
   Micropower, 600kHz PWM DC/DC Converters
LT1317 LINER-LT1317_15 Datasheet
408Kb / 16P
   Micropower, 600kHz PWM DC/DC Converters
LTC1751-3.3 LINER-LTC1751-3.3_15 Datasheet
220Kb / 12P
   Micropower, Regulated Charge Pump DC/DC Converters
LTC1751-5 LINER-LTC1751-5_15 Datasheet
220Kb / 12P
   Micropower, Regulated Charge Pump DC/DC Converters
LT3483 LINER-LT3483_15 Datasheet
956Kb / 12P
   Inverting Micropower DC/DC Converters with Schottky
LT3483A LINER-LT3483A_15 Datasheet
956Kb / 12P
   Inverting Micropower DC/DC Converters with Schottky
LTC1751 LINER-LTC1751_15 Datasheet
220Kb / 12P
   Micropower, Regulated Charge Pump DC/DC Converters
logo
ams AG
AS1322 AMSCO-AS1322_1 Datasheet
740Kb / 17P
   Low Voltage, Micropower, DC-DC Step-Up Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com