Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS51604-Q1 Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce TPS51604-Q1
Description  TPS51604-Q1 Synchronous Buck FET Driver for High-FrequencyCPU Core Power in Automotive Applications
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS51604-Q1 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS51604-Q1_15 Datasheet HTML 5Page - Texas Instruments TPS51604-Q1_15 Datasheet HTML 6Page - Texas Instruments TPS51604-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS51604-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS51604-Q1_15 Datasheet HTML 9Page - Texas Instruments TPS51604-Q1_15 Datasheet HTML 10Page - Texas Instruments TPS51604-Q1_15 Datasheet HTML 11Page - Texas Instruments TPS51604-Q1_15 Datasheet HTML 12Page - Texas Instruments TPS51604-Q1_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
50
55
60
65
70
75
80
85
90
95
100
0
2
4
6
8
10
12
14
16
18
20
22
Output Current (A)
SKIP = High
VIN = 7.4 V
VOUT = 1.8 V
fSW = 800 kHz
FCCM Operation
G000
50
55
60
65
70
75
80
85
90
95
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Output Current (A)
SKIP = Low
VIN = 7.4 V
VOUT = 1.8 V
fSW = 800 kHz
Skip Mode Operation
G000
TPS51604-Q1
www.ti.com
SLUSBT2A – JANUARY 2014 – REVISED AUGUST 2014
6.7 Typical Power Block MOSFET Characteristics
Power block MOSFET: CSD87330 (SLPS284), Inductor: 0.22 µF, 1.1-m
Ω DCR
Figure 13. Efficiency vs Output Current, SKIP = High
Figure 14. Efficiency vs Output Current, SKIP = Low
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS51604-Q1


Numéro de pièce similaire - TPS51604-Q1_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS51604 TI-TPS51604 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck FET Driver Optimized for High-Frequency Applications
TPS51604DSGR TI-TPS51604DSGR Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck FET Driver Optimized for High-Frequency Applications
TPS51604DSGT TI-TPS51604DSGT Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck FET Driver Optimized for High-Frequency Applications
TPS51604 TI1-TPS51604_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS51604 Synchronous Buck FET Driver for High-Frequency CPU Core Power
More results

Description similaire - TPS51604-Q1_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS51604 TI1-TPS51604_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS51604 Synchronous Buck FET Driver for High-Frequency CPU Core Power
TPS59603-Q1 TI1-TPS59603-Q1 Datasheet
398Kb / 17P
[Old version datasheet]   TPS59603-Q1 Synchronous Buck FET Driver for High-Frequency CPU Core Power in Automotive Applications
TPS51604 TI-TPS51604 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck FET Driver Optimized for High-Frequency Applications
TPS92642-Q1 TI1-TPS92642-Q1 Datasheet
2Mb / 44P
[Old version datasheet]   TPS92642-Q1 Automotive Synchronous Buck Infrared LED Driver
NOVEMBER 2023
TPS92643-Q1 TI-TPS92643-Q1 Datasheet
2Mb / 41P
[Old version datasheet]   TPS92643-Q1 Automotive 3-A Synchronous Buck LED Driver
MAY 2022
logo
STMicroelectronics
L99LD20 STMICROELECTRONICS-L99LD20 Datasheet
1Mb / 61P
   High power LED driver for automotive applications
July 2018 Rev 3
L99LD21 STMICROELECTRONICS-L99LD21 Datasheet
1Mb / 73P
   High power LED driver for automotive applications
July 2018 Rev 5
logo
International Rectifier
IRF3709PBF IRF-IRF3709PBF_15 Datasheet
236Kb / 12P
   High Frequency Buck Converters for Server Processor Power Synchronous FET
logo
Texas Instruments
LM53600-Q1 TI-LM53600-Q1_15 Datasheet
112Kb / 4P
[Old version datasheet]   LM5360x-Q1 5-V, 3.3-V, and Adjustable Synchronous-Buck 1-A Regulator for Automotive Applications
logo
Major-Power Technology ...
MA5603 MPOWER-MA5603 Datasheet
412Kb / 9P
   Synchronous Buck for LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com