Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMZ21701 Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce LMZ21701
Description  LMZ21701 1 A SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LMZ21701 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button LMZ21701_15 Datasheet HTML 5Page - Texas Instruments LMZ21701_15 Datasheet HTML 6Page - Texas Instruments LMZ21701_15 Datasheet HTML 7Page - Texas Instruments LMZ21701_15 Datasheet HTML 8Page - Texas Instruments LMZ21701_15 Datasheet HTML 9Page - Texas Instruments LMZ21701_15 Datasheet HTML 10Page - Texas Instruments LMZ21701_15 Datasheet HTML 11Page - Texas Instruments LMZ21701_15 Datasheet HTML 12Page - Texas Instruments LMZ21701_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
INDUCTOR
EMBEDDED BUCK IC
FR-4 LAMINATE
SUBSTRATE
BOTTOM
COPPER PATTERN
LMZ21701
www.ti.com
SNVS853D – AUGUST 2012 – REVISED NOVEMBER 2014
8.3 Package Construction
In order to achieve a small solution size the LMZ21701 Nano Module comes in an innovative MicroSiP™
package. The construction consists of a synchronous buck converter IC embedded inside an FR-4 laminate
substrate, with a power inductor mounted on top of the substrate material. See Figure 12 and Figure 13 below.
The bottom (landing pads) of the package resemble a typical 8-pin DFN package. See the Mechanical drawings
at the end of the datasheet for details on the recommended landing pattern and solder paste stencil information.
Figure 12. LMZ21701 in the SIL0008E Package
Figure 13. LMZ21701 Package Construction Cross Section
(Illustration Only, Not to Scale)
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMZ21701


Numéro de pièce similaire - LMZ21701_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LMZ21701SILR TI1-LMZ21701SILR Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21701 1 A SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
LMZ21701SILT TI1-LMZ21701SILT Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21701 1 A SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
More results

Description similaire - LMZ21701_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LMZ21701 TI1-LMZ21701 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21701 1 A SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
LMZ10501 TI1-LMZ10501_16 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ10501 1-A SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
LMZ21700 TI-LMZ21700_15 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21700 650 mA SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
LMZ21700 TI1-LMZ21700 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21700 650 mA SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
logo
National Semiconductor ...
LMZ10500 NSC-LMZ10500 Datasheet
1Mb / 20P
   650mA SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
LMZ10501 NSC-LMZ10501 Datasheet
1Mb / 20P
   1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
logo
Texas Instruments
LMZ10500 TI1-LMZ10500 Datasheet
1Mb / 22P
[Old version datasheet]   LMZ10500 650mA SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
LMZ10500 TI-LMZ10500_15 Datasheet
982Kb / 32P
[Old version datasheet]   LMZ10500 650-mA SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
LMZ10501 TI1-LMZ10501 Datasheet
1Mb / 22P
[Old version datasheet]   LMZ10501 1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
LMZ10500 TI1-LMZ10500_16 Datasheet
1Mb / 34P
[Old version datasheet]   LMZ10500 650-mA SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com