Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRLR8721PBF-1 Fiches technique(PDF) 2 Page - International Rectifier

No de pièce IRLR8721PBF-1
Description  Compatible with Existing Surface Mount Techniques
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRLR8721PBF-1 Fiches technique(HTML) 2 Page - International Rectifier

  IRLR8721PBF-1_15 Datasheet HTML 1Page - International Rectifier IRLR8721PBF-1_15 Datasheet HTML 2Page - International Rectifier IRLR8721PBF-1_15 Datasheet HTML 3Page - International Rectifier IRLR8721PBF-1_15 Datasheet HTML 4Page - International Rectifier IRLR8721PBF-1_15 Datasheet HTML 5Page - International Rectifier IRLR8721PBF-1_15 Datasheet HTML 6Page - International Rectifier IRLR8721PBF-1_15 Datasheet HTML 7Page - International Rectifier IRLR8721PBF-1_15 Datasheet HTML 8Page - International Rectifier IRLR8721PBF-1_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
IRLR8721PbF-1
2
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
July 30, 2014
S
D
G
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
ΔΒVDSS/ΔTJ
Breakdown Voltage Temp. Coefficient
–––
21
––– mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
6.3
8.4
m
Ω
–––
10.1
11.8
VGS(th)
Gate Threshold Voltage
1.35
1.9
2.35
V
ΔVGS(th)
Gate Threshold Voltage Coefficient
–––
-6.8
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
μA
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
46
–––
–––
S
Qg
Total Gate Charge
–––
8.5
13
Qgs1
Pre-Vth Gate-to-Source Charge
–––
1.9
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
1.2
–––
nC
Qgd
Gate-to-Drain Charge
–––
3.4
–––
Qgodr
Gate Charge Overdrive
–––
2.0
–––
See Fig. 16
Qsw
Switch Charge (Qgs2 + Qgd)
–––
4.6
–––
Qoss
Output Charge
–––
7.9
–––
nC
RG
Gate Resistance
–––
2.3
3.8
Ω
td(on)
Turn-On Delay Time
–––
8.8
–––
tr
Rise Time
–––
30
–––
td(off)
Turn-Off Delay Time
–––
9.4
–––
ns
tf
Fall Time
–––
6.5
–––
Ciss
Input Capacitance
–––
1030
–––
Coss
Output Capacitance
–––
350
–––
pF
Crss
Reverse Transfer Capacitance
–––
110
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
dh
mJ
IAR
Avalanche Current
Ù
A
EAR
Repetitive Avalanche Energy
™
mJ
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
65
f
A
(Body Diode)
ISM
Pulsed Source Current
–––
–––
260
(Body Diode)
Ùh
VSD
Diode Forward Voltage
–––
–––
1.0
V
trr
Reverse Recovery Time
–––
17
26
ns
Qrr
Reverse Recovery Charge
–––
24
36
nC
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
MOSFET symbol
VGS = 4.5V, ID = 20A f
–––
VGS = 4.5V
Typ.
–––
–––
ID = 20A
VGS = 0V
VDS = 15V
TJ = 25°C, IF = 20A, VDD = 15V
di/dt = 300A/μs
f
TJ = 25°C, IS = 20A, VGS = 0V f
showing the
integral reverse
p-n junction diode.
VDS = VGS, ID = 25μA
VDS = 24V, VGS = 0V
VDS = 24V, VGS = 0V, TJ = 125°C
RG = 1.8Ω
VDS = 15V, ID = 20A
VDS = 16V, VGS = 0V
VDD = 15V, VGS = 4.5V f
ID = 20A
VDS = 15V
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 25A
f
VGS = 20V
VGS = -20V
Conditions
6.5
See Fig. 14
Max.
93
20
ƒ = 1.0MHz


Numéro de pièce similaire - IRLR8721PBF-1_15

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRLR8721PBF IRF-IRLR8721PBF Datasheet
364Kb / 11P
   HEXFET Power MOSFET
IRLR8721PBF IRF-IRLR8721PBF Datasheet
298Kb / 12P
   Ultra-Low Gate Impedance
IRLR8721PBF IRF-IRLR8721PBF_15 Datasheet
298Kb / 12P
   Ultra-Low Gate Impedance
More results

Description similaire - IRLR8721PBF-1_15

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF6674TR1PBF IRF-IRF6674TR1PBF Datasheet
255Kb / 9P
   Compatible with existing Surface Mount Techniques
IRF6635TR1PBF IRF-IRF6635TR1PBF Datasheet
253Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFH8321PBF IRF-IRFH8321PBF_15 Datasheet
238Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFML8244PBF IRF-IRFML8244PBF_15 Datasheet
202Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFHM4231PBF IRF-IRFHM4231PBF_15 Datasheet
572Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM8228PBF IRF-IRFHM8228PBF_15 Datasheet
672Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRFHM9391PBF IRF-IRFHM9391PBF_15 Datasheet
564Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML2244PBF IRF-IRLML2244PBF_15 Datasheet
240Kb / 10P
   Compatible with existing Surface Mount Techniques
IRLML2246PBF-1 IRF-IRLML2246PBF-1_15 Datasheet
204Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML6401PBF-1 IRF-IRLML6401PBF-1_15 Datasheet
195Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML6402PBF-1 IRF-IRLML6402PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com