Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ICS853S310I Fiches technique(PDF) 9 Page - Integrated Device Technology

No de pièce ICS853S310I
Description  Two selectable differential input pairs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS853S310I Fiches technique(HTML) 9 Page - Integrated Device Technology

Back Button ICS853S310I Datasheet HTML 5Page - Integrated Device Technology ICS853S310I Datasheet HTML 6Page - Integrated Device Technology ICS853S310I Datasheet HTML 7Page - Integrated Device Technology ICS853S310I Datasheet HTML 8Page - Integrated Device Technology ICS853S310I Datasheet HTML 9Page - Integrated Device Technology ICS853S310I Datasheet HTML 10Page - Integrated Device Technology ICS853S310I Datasheet HTML 11Page - Integrated Device Technology ICS853S310I Datasheet HTML 12Page - Integrated Device Technology ICS853S310I Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
ICS853S310CVI REVISION A NOVEMBER 17, 2010
9
©2010 Integrated Device Technology, Inc.
ICS853S310I Data Sheet
LOW SKEW, 1-TO-8 DIFFERENTIAL-TO-3.3V LVPECL/ECL FANOUT BUFFER
LVPECL Clock Input Interface
The PCLK /nPCLK accepts LVPECL, LVDS, CML, SSTL and other
differential signals. Both VSWING and VOH must meet the VPP and
VCMR input requirements. Figures 3A to 3F show interface examples
for the PCLK/nPCLK input driven by the most common driver types.
The input interfaces suggested here are examples only. If the driver
is from another vendor, use their termination recommendation.
Please consult with the vendor of the driver component to confirm the
driver termination requirements.
Figure 3A. PCLK/nPCLK Input Driven by a CML Driver
Figure 3C. PCLK/nPCLK Input Driven by a
3.3V LVPECL Driver
Figure 3E. PCLK/nPCLK Input Driven by an SSTL Driver
Figure 3B. PCLK/nPCLK Input Driven by a
Built-In Pullup CML Driver
Figure 3D. PCLK/nPCLK Input Driven by a
3.3V LVPECL Driver with AC Couple
Figure 3F. PCLK/nPCLK Input Driven by a
3.3V LVDS Driver
PCLK
nPCLK
LVPECL
Input
CML
3.3V
Zo = 50
Zo = 50
3.3V
3.3V
R1
50
R2
50
R3
125
R4
125
R1
84
R2
84
3.3V
Zo = 50
Zo = 50
PCLK
nPCLK
3.3V
3.3V
LVPECL
LVPECL
Input
PCLK
nPCLK
LVPECL
Input
SSTL
2.5V
Zo = 60
Zo = 60
2.5V
3.3V
R1
120
R2
120
R3
120
R4
120
3.3V
R1
100
CML Built-In Pullup
PCLK
nPCLK
3.3V
LVPECL
Input
Zo = 50
Zo = 50
R1
50
R2
50
R5
100
Ω - 200Ω
R6
100
Ω - 200Ω
PCLK
VBB
nPCLK
3.3V LVPECL
3.3V
Zo = 50
Zo = 50
3.3V
LVPECL
Input
C1
C2
PCLK
nPCLK
VBB
3.3V
LVPECL
Input
R1
1k
R2
1k
3.3V
Zo = 50
Zo = 50
C1
C2
R5
100
LVDS
C3
0.1µF


Numéro de pièce similaire - ICS853S310I

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ICS853S310I RENESAS-ICS853S310I Datasheet
1Mb / 18P
   Low Skew, 1-to-8 Differential-to3.3V LVPECL/ECL Fanout Buffer
NOVEMBER 17, 2010
More results

Description similaire - ICS853S310I

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
853S111B IDT-853S111B Datasheet
342Kb / 25P
   Two selectable differential input pairs
IDT8SLVD1204I IDT-IDT8SLVD1204I Datasheet
440Kb / 18P
   Two selectable differential clock input pairs
8SLVD1204-33 IDT-8SLVD1204-33 Datasheet
377Kb / 18P
   Two selectable differential clock input pairs
DT8SLVD1204I IDT-DT8SLVD1204I Datasheet
440Kb / 18P
   Two selectable differential clock input pairs
8735BI-01 IDT-8735BI-01 Datasheet
413Kb / 21P
   Selectable differential input pairs
IDT8T39S10I IDT-IDT8T39S10I Datasheet
892Kb / 43P
   Two differential reference clock input pairs
logo
Integrated Circuit Syst...
ICS9DB202 ICST-ICS9DB202 Datasheet
263Kb / 11P
   Two 0.7V current mode differential HCSL output pairs, 1 differential clock input
logo
Integrated Device Techn...
8T33FS6222 IDT-8T33FS6222 Datasheet
779Kb / 34P
   Two selectable differential PECL inputs
logo
PREMA Semiconductor.
PR5401 PREMA-PR5401 Datasheet
601Kb / 6P
   Two differential pairs of photodiodes with amplifiers
logo
Integrated Device Techn...
ICS853S014I IDT-ICS853S014I Datasheet
248Kb / 20P
   Two selectable differential LVPECL clock inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com