Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MTB11N03BQ8 Fiches technique(PDF) 2 Page - Cystech Electonics Corp.

No de pièce MTB11N03BQ8
Description  N-Channel Logic Level Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB11N03BQ8 Fiches technique(HTML) 2 Page - Cystech Electonics Corp.

  MTB11N03BQ8 Datasheet HTML 1Page - Cystech Electonics Corp. MTB11N03BQ8 Datasheet HTML 2Page - Cystech Electonics Corp. MTB11N03BQ8 Datasheet HTML 3Page - Cystech Electonics Corp. MTB11N03BQ8 Datasheet HTML 4Page - Cystech Electonics Corp. MTB11N03BQ8 Datasheet HTML 5Page - Cystech Electonics Corp. MTB11N03BQ8 Datasheet HTML 6Page - Cystech Electonics Corp. MTB11N03BQ8 Datasheet HTML 7Page - Cystech Electonics Corp. MTB11N03BQ8 Datasheet HTML 8Page - Cystech Electonics Corp. MTB11N03BQ8 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : CA00Q8
Issued Date : 2015.05.01
Revised Date :
Page No. : 2/9
MTB11N03BQ8
CYStek Product Specification
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
10s
Steady State
Unit
Drain-Source Voltage
VDS
30
Gate-Source Voltage
VGS
±25
V
Continuous Drain Current @ TA=25
°C, VGS=10V*3
12
8.3
Continuous Drain Current @ TA=70
°C, VGS=10V*3
ID
7.6
6.6
Pulsed Drain Current
IDM
48 *1
Avalanche Current
IAS
12
A
Avalanche Energy @ L=1mH, ID=12A, RG=25Ω
EAS
72
Repetitive Avalanche Energy @ L=0.05mH
EAR
5
*2
mJ
TA=25℃
2.5
1.4
Total Power Dissipation *3
TA=70℃
PD
1.6
0.9
W
Operating Junction and Storage Temperature Range
Tj, Tstg
-55~+150
°C
Thermal Data
Parameter
Symbol
Typical
Maximum
Unit
t≤10s
35
40
Thermal Resistance, Junction-to-ambient *3
Steady State
RθJA
70
85
Thermal Resistance, Junction-to case
Steady State
RθJC
16
25
°C/W
Note : 1. Pulse width limited by maximum junction temperature.
2. Duty cycle≤1%.
3. Surface mounted on 1 in² copper pad of FR-4 board; 125
°C/W when mounted on minimum copper pad.
Characteristics (TC=25
°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
30
-
-
VGS=0V, ID=250μA
VGS(th)
1.0
-
2.5
V
VDS = VGS, ID=250μA
GFS *1
-
19
-
S
VDS =5V, ID=11A
IGSS
-
-
±
100
nA
VGS=±25V
-
-
1
VDS =30V, VGS =0V
IDSS
-
-
5
μA
VDS =24V, VGS =0V, Tj=55
°C
-
8.8
12
VGS =10V, ID=12A
RDS(ON) *1
-
12.8
17
VGS =4.5V, ID=12A
Dynamic
Ciss
-
751
-
Coss
-
199
-
Crss
-
106
-
pF
VGS=0V, VDS=10V, f=1MHz


Numéro de pièce similaire - MTB11N03BQ8

FabricantNo de pièceFiches techniqueDescription
logo
SHENZHEN DOINGTER SEMIC...
MTB11N03BQ8 DOINGTER-MTB11N03BQ8 Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
More results

Description similaire - MTB11N03BQ8

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
MTB30N06V8 CYSTEKEC-MTB30N06V8 Datasheet
330Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTN4402Q8 CYSTEKEC-MTN4402Q8 Datasheet
315Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTN6515F3 CYSTEKEC-MTN6515F3 Datasheet
318Kb / 8P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTB02N03H8 CYSTEKEC-MTB02N03H8 Datasheet
345Kb / 11P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB02N03Q8 CYSTEKEC-MTB02N03Q8 Datasheet
318Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTD55N10Q8 CYSTEKEC-MTD55N10Q8 Datasheet
379Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTB13N03Q8 CYSTEKEC-MTB13N03Q8 Datasheet
327Kb / 8P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB1D7N03ATH8 CYSTEKEC-MTB1D7N03ATH8 Datasheet
427Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB4D0N03BV8 CYSTEKEC-MTB4D0N03BV8 Datasheet
459Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTA3D0N01H8 CYSTEKEC-MTA3D0N01H8 Datasheet
564Kb / 10P
   N-Channel Logic Level Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com