Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

8T73S208A-01 Fiches technique(PDF) 10 Page - Integrated Device Technology

No de pièce 8T73S208A-01
Description  One differential input reference clock
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

8T73S208A-01 Fiches technique(HTML) 10 Page - Integrated Device Technology

Back Button 8T73S208A-01 Datasheet HTML 6Page - Integrated Device Technology 8T73S208A-01 Datasheet HTML 7Page - Integrated Device Technology 8T73S208A-01 Datasheet HTML 8Page - Integrated Device Technology 8T73S208A-01 Datasheet HTML 9Page - Integrated Device Technology 8T73S208A-01 Datasheet HTML 10Page - Integrated Device Technology 8T73S208A-01 Datasheet HTML 11Page - Integrated Device Technology 8T73S208A-01 Datasheet HTML 12Page - Integrated Device Technology 8T73S208A-01 Datasheet HTML 13Page - Integrated Device Technology 8T73S208A-01 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
8T73S208A-01 DATA SHEET
2.5V, 3.3V DIFFERENTIAL LVPECL CLOCK DIVIDER AND BUFFER
10
REVISION 1 06/15/15
Parameter Measurement Information, continued
Part-to-Part Skew
Output Rise/Fall Times
Output Duty Cycle/Pulse Width/Period
Single-Ended & Differential Input Voltage Swing
tsk(pp)
Par t 1
Par t 2
nQx
Qx
nQy
Qy
10%
90%
90%
10%
tR
t F
VSWING
nQ[0:7]
Q[0:7]
nQ[0:7]
Q[0:7]
nQ[0:7]
Q[0:7]
V
IN
V
DIFF_IN
Differential Voltage Swing = 2 x Single-ended V
IN
nIN
IN


Numéro de pièce similaire - 8T73S208A-01

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
8T73S208A-01 IDT-8T73S208A-01 Datasheet
438Kb / 24P
   2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
logo
Renesas Technology Corp
8T73S208A-01 RENESAS-8T73S208A-01 Datasheet
878Kb / 25P
   2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
05/20/16
logo
Integrated Device Techn...
8T73S208A-01NLGI IDT-8T73S208A-01NLGI Datasheet
438Kb / 24P
   2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
8T73S208A-01NLGI8 IDT-8T73S208A-01NLGI8 Datasheet
438Kb / 24P
   2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
8T73S208A-01 IDT-8T73S208A-01_16 Datasheet
438Kb / 24P
   2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
More results

Description similaire - 8T73S208A-01

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
8T74S208A-01 IDT-8T74S208A-01 Datasheet
354Kb / 19P
   One differential input reference clock
8T74S208 IDT-8T74S208 Datasheet
353Kb / 18P
   One differential input reference clock
8731-01 IDT-8731-01 Datasheet
255Kb / 17P
   Differential reference clock input pair
IDT8P34S1106I IDT-IDT8P34S1106I Datasheet
312Kb / 18P
   One differential clock input pair
ICS874S02I IDT-ICS874S02I Datasheet
3Mb / 16P
   One differential clock input pair
IDT8T39S10I IDT-IDT8T39S10I Datasheet
892Kb / 43P
   Two differential reference clock input pairs
5P49V5908 IDT-5P49V5908 Datasheet
516Kb / 30P
   One reference LVCMOS output clock
logo
Integrated Silicon Solu...
IS43R32800B ISSI-IS43R32800B Datasheet
556Kb / 39P
   Differential clock input
logo
Integrated Device Techn...
ICS854S006I IDT-ICS854S006I Datasheet
205Kb / 15P
   Low Skew, 1-to-6, Differential-to - LVDS Fanout Buffer One differential clock input pair
logo
Estek Electronics Co. L...
ICL7106 ESTEK-ICL7106 Datasheet
81Kb / 4P
   True Differential input and Reference, Direct Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com