Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UF504G Fiches technique(PDF) 2 Page - YENYO TECHNOLOGY Co., Ltd

No de pièce UF504G
Description  Glass Passivated Ultra Fast Recovery Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  YENYO [YENYO TECHNOLOGY Co., Ltd]
Site Internet  http://www.yenyo.com.tw
Logo YENYO - YENYO TECHNOLOGY Co., Ltd

UF504G Fiches technique(HTML) 2 Page - YENYO TECHNOLOGY Co., Ltd

  UF504G Datasheet HTML 1Page - YENYO TECHNOLOGY Co., Ltd UF504G Datasheet HTML 2Page - YENYO TECHNOLOGY Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES UF501G THRU UF507G
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
5.0
3.0
2.0
1.0
4.0
0.1
1.0
10
0.01
0.6
0.4
0.8
1.0
1.2
1.4
1.6
1.8
0
0
50
100
150
LEAD TEMPERATURE,
oC
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
0
25
50
75
100
125
1
10
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.1
0
1
10
1000
100
20
40
60
80
100
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
0.1
10
1000
1.0
4.0
10
100
100
60 Hz Resistive or
Inductive load
Pulse Width 8.3ms
Single Half-Sire-Wave
(JEDEC Method)
TJ=25
oC
PULSE WIDTH=300uS
1% DUTY CYCLE
TJ=125
oC
TJ=25
oC
TJ = 25
oC
f = 1.0 MHZ
Vsig = 50mVp-p
UF501G-UF503G
UF505G-UF507G
UF504G
150
UF501G-UF504G
UF505G-UF507G
YENYO TECHNOLOGY CO., LTD.
2 / 2
R1, MAY-12


Numéro de pièce similaire - UF504G

FabricantNo de pièceFiches techniqueDescription
logo
Zibo Seno Electronic En...
UF504G ZSELEC-UF504G Datasheet
87Kb / 2P
   5A GLASS PASSIVATED ULTRAFAST DIODE
More results

Description similaire - UF504G

FabricantNo de pièceFiches techniqueDescription
logo
Comchip Technology
UF16C01C-G COMCHIP-UF16C01C-G Datasheet
46Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
logo
YENYO TECHNOLOGY Co., L...
UF4002E YENYO-UF4002E Datasheet
646Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
UF8A01 YENYO-UF8A01 Datasheet
950Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
UF16C01C YENYO-UF16C01C Datasheet
683Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
UF16C01CF YENYO-UF16C01CF Datasheet
671Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
UF20C01CF YENYO-UF20C01CF Datasheet
845Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
UF30P01 YENYO-UF30P01 Datasheet
674Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
logo
Comchip Technology
UF20C01C-G COMCHIP-UF20C01C-G Datasheet
47Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
UF8A01F-G COMCHIP-UF8A01F-G Datasheet
46Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
UF16C01CF-G COMCHIP-UF16C01CF-G Datasheet
47Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com