Moteur de recherche de fiches techniques de composants électroniques |
|
UF30P03C Fiches technique(PDF) 1 Page - YENYO TECHNOLOGY Co., Ltd |
|
UF30P03C Fiches technique(HTML) 1 Page - YENYO TECHNOLOGY Co., Ltd |
1 / 2 page YENYO Dimensions in inches and (millimeters) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS For capacitive load, derate current by 20%. Single phase, half wave, 60Hz, resistive or inductive load. Rating at 25oC ambient temperature unless otherwise specified. NOTES : -55 to +150 TO-247-3L UF30P01C THRU UF30P05C Voltage Range 50 to 600 V Current 30.0 Ampere Glass Passivated Ultra Fast Recovery Rectifier UF 30P01C SYMBOL VRRM VRMS VDC IF(AV) IFSM VF IR Trr CJ TJ, TSTG UF 30P02C UF 30P03C UF 30P04C UF 30P05C 50 100 200 140 200 400 280 400 35 70 50 100 30.0 10.0 250 1.0 1.3 1.7 50 500 175 UNIT V V V V A A uA uA oC pF nS 600 420 600 Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Peak Forward Surge Current, 8.3ms single Maximum Instantaneous Forward Voltage Maximum DC Reverse Current @TJ=25 oC Typical junction Capacitance (Note 2) Operating Junction and Storage Current TC=100 oC Half sine-wave superimposed on rated load (JEDEC method) @ 15.0 A At Rated DC Blocking Voltage @TJ=125 oC Maximum Reverse Recovery Time (Note 1) Features Low forward voltage drop Fast switching for high efficiency High current capability Case: Molded plastic TO-247-3L High surge current capability Weight: 5.6 grams Polarity:Color band denotes cathode method 208 Mounting position: Any Terminals: Solderable per MIL-STD-202 Mechanical Data Low reverse leakage current Temperature Range (1) Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A. (2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC. Epoxy: UL 94V-0 rate flame retardant 1 / 2 R2,MAY-12 1 3 2 case 1 .645(16.4) .625(15.9) .245(6.2) .225(5.7) .840(21.3) .820(20.8) .795(20.2) .775(19.5) .048(1.22) .044(1.12) .225(5.7) .205(5.2) .160(4.1) .140(3.5) .142(3.6) .138(3.5) 3 2 .17(4.3) .323(8.2) .313(7.9) .127(3.22) .117(2.97) .086(2.18) .076(1.93) .203(5.16) .193(4.90) .078(1.98) .118(3.0) .108(2.7) .030(0.76) .020(0.51) 10 o 30 o 10 o 75 PARAMTER |
Numéro de pièce similaire - UF30P03C |
|
Description similaire - UF30P03C |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |