Moteur de recherche de fiches techniques de composants électroniques |
|
IRFG6110 Fiches technique(PDF) 2 Page - International Rectifier |
|
IRFG6110 Fiches technique(HTML) 2 Page - International Rectifier |
2 / 12 page IRFG6110 2 www.irf.com For footnotes, refer to the last page Source-Drain Diode Ratings and Characteristics (Per Die) Parameter Min Typ Max Units Test Conditions IS Continuous Source Current (Body Diode) — — 1.0 ISM Pulse Source Current (Body Diode) À — — 4.0 VSD Diode Forward Voltage — — 1.5 V Tj = 25°C, IS = 1.0A, VGS = 0V Ã trr Reverse Recovery Time — — 200 nS Tj = 25°C, IF = 1.0A, di/dt ≤ 100A/µs QRR Reverse Recovery Charge — — 0.83 nC VDD ≤ 50V Ã ton Forward Turn-On Time Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD. A Electrical Characteristics For Each N-Channel Device @ Tj = 25°C (Unless Otherwise Specified) Parameter Min Typ Max Units Test Conditions BVDSS Drain-to-Source Breakdown Voltage 100 — V VGS = 0V, ID = 1.0mA ∆BVDSS/∆TJ Temperature Coefficient of Breakdown — 0.13 — V/°C Reference to 25°C, ID = 1.0mA Voltage RDS(on) Static Drain-to-Source On-State — — 0.7 VGS = 10V, ID = 0.6A Resistance — — 0.8 VGS = 10V, ID = 1.0A VGS(th) Gate Threshold Voltage 2.0 — 4.0 V VDS = VGS, ID = 250µA gfs Forward Transconductance 0.86 — S VDS > 15V, IDS = 0.6A Ã IDSS Zero Gate Voltage Drain Current — — 25 VDS= 80V, VGS= 0V — — 250 VDS = 80V, VGS = 0V, TJ =125°C IGSS Gate-to-Source Leakage Forward — — 100 VGS = 20V IGSS Gate-to-Source Leakage Reverse — — -100 VGS = -20V Qg Total Gate Charge — — 15 VGS =10V, ID = 1.0A, Qgs Gate-to-Source Charge — — 7.5 nC VDS = 50V Qgd Gate-to-Drain (‘Miller’) Charge — — 7.5 td(on) Turn-On Delay Time — — 20 VDD = 50V, ID = 1.0A, tr Rise Time — — 25 VGS =10V, RG = 7.5Ω td(off) Turn-Off Delay Time — — 40 tf Fall Time — — 40 LS + LD Total Inductance — 10 — Ciss Input Capacitance — 180 — VGS = 0V, VDS = 25V Coss Output Capacitance — 82 — pF f = 1.0MHz Crss Reverse Transfer Capacitance — 15 — nA Ã nH ns µA Ω Thermal Resistance (Per Die) Parameter Min Typ Max Units Test Conditions RthJC Junction-to-Case — — 17 RthJA Junction-to-Ambient — — 90 Typical socket mount °C/W — — Note: Corresponding Spice and Saber models are available on International Rectifier Website. Measured from drain lead (6mm/ 0.25in. from package) to source lead (6mm/0.25in. from package) |
Numéro de pièce similaire - IRFG6110_15 |
|
Description similaire - IRFG6110_15 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |