Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM391CN5 Fiches technique(PDF) 8 Page - Cystech Electonics Corp.

No de pièce LM391CN5
Description  Differential Comparator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM391CN5 Fiches technique(HTML) 8 Page - Cystech Electonics Corp.

  LM391CN5 Datasheet HTML 1Page - Cystech Electonics Corp. LM391CN5 Datasheet HTML 2Page - Cystech Electonics Corp. LM391CN5 Datasheet HTML 3Page - Cystech Electonics Corp. LM391CN5 Datasheet HTML 4Page - Cystech Electonics Corp. LM391CN5 Datasheet HTML 5Page - Cystech Electonics Corp. LM391CN5 Datasheet HTML 6Page - Cystech Electonics Corp. LM391CN5 Datasheet HTML 7Page - Cystech Electonics Corp. LM391CN5 Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C545N5
Issued Date : 2015.04.15
Revised Date : 2015.05.04
Page No. : 8/8
LM391CN5
CYStek Product Specification
SOT-25 Dimension
Marking:
Millimeters
Inches
Millimeters
Inches
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
1.050
1.250
0.041
0.049
E
1.500
1.700
0.059
0.067
A1
0.000
0.100
0.000
0.004
E1
2.650
2.950
0.104
0.116
A2
1.050
1.150
0.041
0.045
e
0.950 (BSC)
0.037 (BSC)
b
0.300
0.500
0.012
0.020
e1
1.800
2.000
0.071
0.079
c
0.100
0.200
0.004
0.008
L
0.300
0.600
0.012
0.024
D
2.820
3.020
0.111
0.119
θ
Notes : 1.Controlling dimension : millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material :
• Lead :Pure tin plated.
• Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0.
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Style:
Pin 1: IN(-)
Pin 2: IN(+)
Pin 3: GND
Pin 4: OUT
Pin 5: VCC
5-Lead SOT-23-5L Plastic
Surface Mounted Package
CYStek Package Code:N5
Device
Code
Date
Code


Numéro de pièce similaire - LM391CN5

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM391 NSC-LM391 Datasheet
236Kb / 12P
   LM391 Audio Power Driver
logo
Seoul Semiconductor
LM391 SEOUL-LM391 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LM391 SEOUL-LM391 Datasheet
360Kb / 13P
   CYAN LAMP LED
LM391 SEOUL-LM391 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LM391 SEOUL-LM391 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
More results

Description similaire - LM391CN5

FabricantNo de pièceFiches techniqueDescription
logo
SeCoS Halbleitertechnol...
SHLM339 SECOS-SHLM339 Datasheet
526Kb / 4P
   Differential Comparator
logo
Texas Instruments
TL712 TI-TL712_06 Datasheet
259Kb / 12P
[Old version datasheet]   DIFFERENTIAL COMPARATOR
TL712 TI-TL712 Datasheet
263Kb / 11P
[Old version datasheet]   DIFFERENTIAL COMPARATOR
TL712CP TI-TL712CP Datasheet
82Kb / 5P
[Old version datasheet]   DIFFERENTIAL COMPARATOR
TL712D TI-TL712D Datasheet
927Kb / 16P
[Old version datasheet]   DIFFERENTIAL COMPARATOR
logo
List of Unclassifed Man...
UA710 ETC-UA710 Datasheet
103Kb / 2P
   Differential Comparator
logo
Wuxi Youda electronics ...
YD393 YOUDA-YD393 Datasheet
100Kb / 3P
   QUAD DIFFERENTIAL COMPARATOR
logo
GTM CORPORATION
GSCLM393 GTM-GSCLM393 Datasheet
229Kb / 4P
   DUAL DIFFERENTIAL COMPARATOR
logo
Motorola, Inc
MC1414 MOTOROLA-MC1414 Datasheet
210Kb / 4P
   DUAL DIFFERENTIAL COMPARATOR
logo
SeCoS Halbleitertechnol...
SPWLM393D SECOS-SPWLM393D Datasheet
761Kb / 4P
   Dual Differential Comparator
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com