Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STC3800 Fiches technique(PDF) 11 Page - Connor-Winfield Corporation

No de pièce STC3800
Description  INTEGRATED - STRATUM 3E TIMING SOURCE
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CONNOR-WINFIELD [Connor-Winfield Corporation]
Site Internet  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC3800 Fiches technique(HTML) 11 Page - Connor-Winfield Corporation

Back Button STC3800_15 Datasheet HTML 7Page - Connor-Winfield Corporation STC3800_15 Datasheet HTML 8Page - Connor-Winfield Corporation STC3800_15 Datasheet HTML 9Page - Connor-Winfield Corporation STC3800_15 Datasheet HTML 10Page - Connor-Winfield Corporation STC3800_15 Datasheet HTML 11Page - Connor-Winfield Corporation STC3800_15 Datasheet HTML 12Page - Connor-Winfield Corporation STC3800_15 Datasheet HTML 13Page - Connor-Winfield Corporation STC3800_15 Datasheet HTML 14Page - Connor-Winfield Corporation STC3800_15 Datasheet HTML 15Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
Preliminary Data Sheet #: TM061
Page 11 of 48
Rev: P06 Date: 11/22/04
© Copyright 2001 The Connor-Winfield Corp.
All Rights Reserved Specifications subject to change without notice
Detailed Description continued
In slave mode, the operational mode is “locked” and the reference is the Xref input.
See Register Descriptions and Operation and Application section: Control Modes for more details.
The VC_Sel pin determines if the VCXO input to the chip is TTL or PECL, 1 = TTL, 0 = PECL. See Application Notes,
Peripherals section.
Following any device reset, either via power-up or operation of the Reset pin, the device needs to be loaded with its
DPLL configuration data. This data may come from either an external EEPROM, or the bus interface. The Dmode pin
selects the source for configuration data, 0 = from the bus interface, 1 = from the EEPROM. If the source is an
EEPROM, devices pre-loaded with the configuration data are available from Connor-Winfield (See Application Notes,
External Component Selection section). Data may also be loaded into or read from the EEPROM via the bus interface
(See Application Notes, Reading and Writing EEPROM Data section).
If the data is to be application provided on reset through the bus interface (i.e. the optional EEPROM is not equipped), the
data is available from Connor-Winfield as a file and is loaded per the procedure described in the Application Note,
Configuration Data section.
Control Modes
Parallel or serial bus interfaces are provided to access STC3800 internal control and status registers.The selected
reference, operational modes can be accessed from either the bus interface or external device pins. Master/slave mode
can only be controlled by M/S pin.
Hardware Control – The device may be configured for direct pin control over key functions for simple hardwired
configurations.
The HM_Ref pin enables hardware control of reference selection and operational mode. When it is a “1”, mode control
and reference input selection may be provided by direct hardware pin inputs Sel0-3 (see Table 5) and the
corresponding register access becomes read-only. When HM_Ref is disabled (=0), reference selection and operational
mode control is via register access.
The M/S pin determines master or slave mode. 1=Master, 0=Slave. In master mode and with HM_Ref = 1, the
hardware control of operational mode and reference selection are as shown in the table below:
Hardware Reference Selection and Mode Control
Table 5
Pin
Function
Sel3
Sel2
Sel1
Sel0
Mode
Reference
0
0
0
0
Free Run
N/A
0
0
0
1
Locked
1
0
0
1
0
Locked
2
0
0
1
1
Locked
3
0
1
0
0
Locked
4
0
1
0
1
Locked
5
0
1
1
0
Locked
6
0
1
1
1
Locked
7
1
0
0
0
Locked
8
1
0
0
1
Hold Over
N/A
1
0
1
0
Hold Over
N/A
1
0
1
1
Hold Over
N/A
1
1
0
0
Hold Over
N/A
1
1
0
1
Hold Over
N/A
1
1
1
0
Hold Over
N/A
1
1
1
1
Hold Over
N/A


Numéro de pièce similaire - STC3800_15

FabricantNo de pièceFiches techniqueDescription
logo
Connor-Winfield Corpora...
STC3800 CONNOR-WINFIELD-STC3800 Datasheet
523Kb / 48P
   INTEGRATED - STRATUM 3E TIMING SOURCE
More results

Description similaire - STC3800_15

FabricantNo de pièceFiches techniqueDescription
logo
Connor-Winfield Corpora...
STC3800 CONNOR-WINFIELD-STC3800 Datasheet
523Kb / 48P
   INTEGRATED - STRATUM 3E TIMING SOURCE
logo
List of Unclassifed Man...
STM-S3E ETC1-STM-S3E Datasheet
837Kb / 16P
   Stratum 3E Timing Module
logo
Semtech Corporation
ACS8530 SEMTECH-ACS8530 Datasheet
1Mb / 152P
   Synchronous Equipment Timing Source for Stratum 2/3E Systems
logo
Connor-Winfield Corpora...
STL-S3E CONNOR-WINFIELD-STL-S3E Datasheet
975Kb / 24P
   Stratum 3E Timing Module
STM-S3E CONNOR-WINFIELD-STM-S3E Datasheet
835Kb / 16P
   Stratum 3E Timing Module
STC3500 CONNOR-WINFIELD-STC3500 Datasheet
513Kb / 48P
   INTEGRATED - STRATUM 3 TIMING SOURCE
logo
Maxim Integrated Produc...
DS3100 MAXIM-DS3100 Datasheet
1Mb / 226P
   Stratum 3/3E Timing Card IC
REV: 060607
logo
Dallas Semiconductor
DS3101 DALLAS-DS3101 Datasheet
1Mb / 149P
   Stratum 3/3E Timing Card IC
logo
Maxim Integrated Produc...
DS3101 MAXIM-DS3101 Datasheet
670Kb / 150P
   Stratum 2/3E/3 Timing Card IC
Rev 4; 5/09
DS3100 MAXIM-DS3100_09 Datasheet
1Mb / 227P
   Stratum 2/3E/3 Timing Card IC
Rev 9; 5/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com