Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD2C111 Fiches technique(PDF) 2 Page - Solid State Optronic

No de pièce AD2C111
Description  Small 4 pin DIP package outline - reduces board space
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SSOUSA [Solid State Optronic]
Site Internet  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD2C111 Fiches technique(HTML) 2 Page - Solid State Optronic

  AD2C111_15 Datasheet HTML 1Page - Solid State Optronic AD2C111_15 Datasheet HTML 2Page - Solid State Optronic AD2C111_15 Datasheet HTML 3Page - Solid State Optronic AD2C111_15 Datasheet HTML 4Page - Solid State Optronic AD2C111_15 Datasheet HTML 5Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AD2C111
1 Form A
Solid State Relay
ELECTRICAL CHARACTERISTICS - 25°C
PARAMETER
UNIT
MIN
TYP
MAX
TEST CONDITIONS
INPUT SPECIFICATIONS
LED Forward Voltage
V
1.8
2
If = 10mA
Turn-On Current
m
2
5
Io = 100mA, Vo=20V T=10ms
A
Turn-Off Current
m
0.2
A
OUTPUT SPECIFICATIONS
Blocking Voltage
V
400
Io = 1uA
Continuous Load Current
m
130
If = 5mA
A
On-Resistance
17
30
Io = 130mA
Output Off-State Leakage Current
µ
0.2
1
Vo = 400V
A
I/O Capacitance
p
6
If=0, f = 1.0MHz
F
COUPLED SPECIFICATIONS
Isolation Voltage
V
5000
T = 1 min
Turn-On Time
m
1
2
If = 5mA, Io = 130mA
s
Turn-Off Time
m
0.05
1
If = 0mA, Io = 130mA
s
Isolation Resistance
G
100
www.ssousa.com • +1.408.293.4600
Page
2 of 5
AD2C111
rev 1.43 (2/4/2011)
© 2011 Solid State Optronics • San José, CA


Numéro de pièce similaire - AD2C111_15

FabricantNo de pièceFiches techniqueDescription
logo
Solid State Optronic
AD2C111-L SSOUSA-AD2C111-L Datasheet
249Kb / 5P
   Solid State Relay with Current Limiting
More results

Description similaire - AD2C111_15

FabricantNo de pièceFiches techniqueDescription
logo
Solid State Optronic
SAT400 SSOUSA-SAT400_15 Datasheet
582Kb / 10P
   Small 4 pin DIP/SMD package
logo
Micro Commercial Compon...
ESDLC0524DFN10 MCC-ESDLC0524DFN10 Datasheet
689Kb / 4P
   Small package saves board space
logo
Solid State Optronic
TDM3021 SSOUSA-TDM3021 Datasheet
333Kb / 8P
   Ultra Miniature 4-Pin Small Outline Package
TDM3052 SSOUSA-TDM3052 Datasheet
342Kb / 8P
   Ultra Miniature 4-Pin Small Outline Package
TDM3082 SSOUSA-TDM3082 Datasheet
386Kb / 8P
   Ultra Miniature 4-Pin Small Outline Package
M211 SSOUSA-M211_15 Datasheet
181Kb / 5P
   Ultra miniature 4-pin small outline package
M222 SSOUSA-M222_15 Datasheet
171Kb / 5P
   Ultra miniature 4-pin small outline package
SAT450 SSOUSA-SAT450_15 Datasheet
378Kb / 8P
   Ultra Minature 4-Pin Small Outline Package
TDM3051 SSOUSA-TDM3051 Datasheet
334Kb / 8P
   Ultra Miniature 4-Pin Small Outline Package
TDM3022 SSOUSA-TDM3022 Datasheet
334Kb / 8P
   Ultra Miniature 4-Pin Small Outline Package
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com