Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRFB7440PBF Fiches technique(PDF) 10 Page - International Rectifier

No de pièce IRFB7440PBF
Description  Brushed Motor drive applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRFB7440PBF Fiches technique(HTML) 10 Page - International Rectifier

Back Button IRFB7440PBF_15 Datasheet HTML 2Page - International Rectifier IRFB7440PBF_15 Datasheet HTML 3Page - International Rectifier IRFB7440PBF_15 Datasheet HTML 4Page - International Rectifier IRFB7440PBF_15 Datasheet HTML 5Page - International Rectifier IRFB7440PBF_15 Datasheet HTML 6Page - International Rectifier IRFB7440PBF_15 Datasheet HTML 7Page - International Rectifier IRFB7440PBF_15 Datasheet HTML 8Page - International Rectifier IRFB7440PBF_15 Datasheet HTML 9Page - International Rectifier IRFB7440PBF_15 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
IRFB7440PbF
10
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
February 19, 2015
† Qualification standards can be found at International Rectifier’s web site: http://www.irf.com/product-info/reliability/
†† Applicable version of JEDEC standard at the time of product release.
IR WORLD HEADQUARTERS: 101 N. Sepulveda Blvd., El Segundo, California 90245, USA
To contact International Rectifier, please visit http://www.irf.com/whoto-call/
Qualification level
Moisture Sensitivity Level
TO-220
Not applicable
RoHS compliant
(per JEDEC JESD47F†† guidelines)
Yes
Qualification information
Industrial
Revision History
Date
Comment
• Updated data sheet with new IR corporate template.
• Updated package outline and part marking on page 9.
• Added bullet point in the Benefits "RoHS Compliant, Halogen -Free" on page 1.
• Updated EAS (L =1mH) = 387mJ on page 2
• Updated note 9 “Limited by TJmax, starting TJ = 25°C, L = 1mH, RG = 50Ω, IAS = 28A, VGS =10V”. on page 2
4/22/2014
2/19/2015


Numéro de pièce similaire - IRFB7440PBF_15

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRFB7440PBF IRF-IRFB7440PBF Datasheet
270Kb / 10P
   Brushed Motor drive applications
More results

Description similaire - IRFB7440PBF_15

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF7946PBF IRF-IRF7946PBF_15 Datasheet
295Kb / 12P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202_15 Datasheet
526Kb / 10P
   Brushed Motor drive applications
IRFB7545PBF IRF-IRFB7545PBF_15 Datasheet
532Kb / 10P
   Brushed motor drive applications
IRFB7740PBF IRF-IRFB7740PBF_15 Datasheet
527Kb / 10P
   Brushed Motor drive applications
IRFP7430PBF IRF-IRFP7430PBF_15 Datasheet
263Kb / 10P
   Brushed Motor drive applications
IRFP7718PBF IRF-IRFP7718PBF_15 Datasheet
564Kb / 10P
   Brushed Motor drive applications
IRFS7434PBF IRF-IRFS7434PBF_15 Datasheet
310Kb / 12P
   Brushed Motor drive applications
IRFS7440PBF IRF-IRFS7440PBF_15 Datasheet
307Kb / 12P
   Brushed Motor drive applications
IRFS7734-7PPBF IRF-IRFS7734-7PPBF_15 Datasheet
584Kb / 11P
   Brushed Motor drive applications
IRL60B216 IRF-IRL60B216_15 Datasheet
725Kb / 10P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202 Datasheet
526Kb / 10P
   Brushed Motor drive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com