Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74VHC_VHCT125 Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce 74VHC_VHCT125
Description  Quad buffer/line driver; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74VHC_VHCT125 Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button 74VHC_VHCT125_15 Datasheet HTML 3Page - NXP Semiconductors 74VHC_VHCT125_15 Datasheet HTML 4Page - NXP Semiconductors 74VHC_VHCT125_15 Datasheet HTML 5Page - NXP Semiconductors 74VHC_VHCT125_15 Datasheet HTML 6Page - NXP Semiconductors 74VHC_VHCT125_15 Datasheet HTML 7Page - NXP Semiconductors 74VHC_VHCT125_15 Datasheet HTML 8Page - NXP Semiconductors 74VHC_VHCT125_15 Datasheet HTML 9Page - NXP Semiconductors 74VHC_VHCT125_15 Datasheet HTML 10Page - NXP Semiconductors 74VHC_VHCT125_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
74VHC_VHCT125_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 13 October 2009
7 of 15
NXP Semiconductors
74VHC125; 74VHCT125
Quad buffer/line driver; 3-state
[1]
Typical values are measured at nominal supply voltage (VCC = 3.3 V and VCC = 5.0 V).
[2]
tpd is the same as tPLH and tPHL.
ten is the same as tPZL and tPZH.
tdis is the same as tPLZ and tPHZ.
[3]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz, fo = output frequency in MHz
CL = output load capacitance in pF
VCC = supply voltage in Volts
N = number of inputs switching
Σ(C
L × VCC
2
× f
o) = sum of the outputs.
11. Waveforms
For type 74VHCT125
tpd
propagation
delay
nA to nY; see Figure 6
[2]
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
3.0
5.5
1.0
6.5
1.0
7.0
ns
CL = 50 pF
-
4.3
7.5
1.0
8.5
1.0
9.5
ns
ten
enable time
nOE to nY; see Figure 7
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
3.4
5.1
1.0
6.0
1.0
6.5
ns
CL = 50 pF
-
4.9
7.3
1.0
8.3
1.0
9.5
ns
tdis
disable time
nOE to nY; see Figure 7
[2]
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
4.5
6.8
1.0
8.0
1.0
8.5
ns
CL = 50 pF
-
6.5
8.8
1.0
10.0
1.0
11.0
ns
CPD
power
dissipation
capacitance
CL = 50 pF; fi = 1 MHz;
VI = GND to VCC
[3]
-12
-
-
-
-
-
pF
Table 7.
Dynamic characteristics …continued
GND = 0 V; For test circuit see Figure 8.
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ[1] Max
Min
Max
Min
Max
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 6.
Propagation delay input (nA) to output (nY)
mna230
tPHL
tPLH
VM
VM
nA input
nY output
GND
VI
VOH
VOL


Numéro de pièce similaire - 74VHC_VHCT125_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74VHC_VHCT126 PHILIPS-74VHC_VHCT126_15 Datasheet
98Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 01-13 August 2009
More results

Description similaire - 74VHC_VHCT125_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHC125 PHILIPS-74AHC125 Datasheet
78Kb / 16P
   Quad buffer/line driver; 3-state
1999 Sep 27
74HC126 PHILIPS-74HC126 Datasheet
40Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
74LV126 PHILIPS-74LV126 Datasheet
112Kb / 12P
   Quad buffer/line driver 3-State
1998 Apr 28
logo
Nexperia B.V. All right...
74AHC125-Q100 NEXPERIA-74AHC125-Q100 Datasheet
822Kb / 17P
   Quad buffer/line driver; 3-state
logo
NXP Semiconductors
74VHC_VHCT126 PHILIPS-74VHC_VHCT126_15 Datasheet
98Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 01-13 August 2009
logo
Nexperia B.V. All right...
74ALVC125-Q100 NEXPERIA-74ALVC125-Q100 Datasheet
804Kb / 15P
   Quad buffer/line driver 3-state
74ALVC125 NEXPERIA-74ALVC125 Datasheet
242Kb / 13P
   Quad buffer/line driver; 3-state
Rev. 4 - 30 April 2021
logo
NXP Semiconductors
74LV125 PHILIPS-74LV125 Datasheet
111Kb / 12P
   Quad buffer/line driver 3-State
1998 Apr 28
74HC_HCT125 PHILIPS-74HC_HCT125_15 Datasheet
184Kb / 17P
   Quad buffer/line driver; 3-state
Rev. 5-19 January 2015
74HC125D NXP-74HC125D Datasheet
41Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com