Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74VHC_VHCT14 Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce 74VHC_VHCT14
Description  Hex inverting Schmitt trigger
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74VHC_VHCT14 Fiches technique(HTML) 5 Page - NXP Semiconductors

  74VHC_VHCT14_15 Datasheet HTML 1Page - NXP Semiconductors 74VHC_VHCT14_15 Datasheet HTML 2Page - NXP Semiconductors 74VHC_VHCT14_15 Datasheet HTML 3Page - NXP Semiconductors 74VHC_VHCT14_15 Datasheet HTML 4Page - NXP Semiconductors 74VHC_VHCT14_15 Datasheet HTML 5Page - NXP Semiconductors 74VHC_VHCT14_15 Datasheet HTML 6Page - NXP Semiconductors 74VHC_VHCT14_15 Datasheet HTML 7Page - NXP Semiconductors 74VHC_VHCT14_15 Datasheet HTML 8Page - NXP Semiconductors 74VHC_VHCT14_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
74VHC_VHCT14_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 17 August 2009
5 of 16
NXP Semiconductors
74VHC14; 74VHCT14
Hex inverting Schmitt trigger
9.
Static characteristics
Table 6.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max
74VHC14
VOH
HIGH-level
output voltage
VI = VT+ or VT−
IO = −50 µA; VCC = 2.0 V
1.9
2.0
-
1.9
-
1.9
-
V
IO = −50 µA; VCC = 3.0 V
2.9
3.0
-
2.9
-
2.9
-
V
IO = −50 µA; VCC = 4.5 V
4.4
4.5
-
4.4
-
4.4
-
V
IO = −4.0 mA; VCC = 3.0 V
2.58
-
-
2.48
-
2.40
-
V
IO = −8.0 mA; VCC = 4.5 V
3.94
-
-
3.80
-
3.70
-
V
VOL
LOW-level
output voltage
VI = VT+ or VT−
IO = 50 µA; VCC = 2.0 V
-
0
0.1
-
0.1
-
0.1
V
IO = 50 µA; VCC = 3.0 V
-
0
0.1
-
0.1
-
0.1
V
IO = 50 µA; VCC = 4.5 V
-
0
0.1
-
0.1
-
0.1
V
IO = 4.0 mA; VCC = 3.0 V
-
-
0.36
-
0.44
-
0.55
V
IO = 8.0 mA; VCC = 4.5 V
-
-
0.36
-
0.44
-
0.55
V
II
input leakage
current
VI = 5.5 V or GND;
VCC = 0 V to 5.5 V
-
-
0.1
-
1.0
-
2.0
µA
ICC
supply current
VI =VCC or GND; IO = 0 A;
VCC = 5.5 V
-
-
2.0
-
20
-
40
µA
CI
input
capacitance
-
3
10
-
10
-
10
pF
CO
output
capacitance
-4
-
-
-
-
-
pF
74VHCT14
VOH
HIGH-level
output voltage
VI = VT+ or VT−
IO = −50 µA; VCC = 4.5 V
4.4
4.5
-
4.4
-
4.4
-
V
IO = −8.0 mA; VCC = 4.5 V
3.94
-
-
3.80
-
3.70
-
V
VOL
LOW-level
output voltage
VI = VT+ or VT−
IO = 50 µA; VCC = 4.5 V
-
0
0.1
-
0.1
-
0.1
V
IO = 8.0 mA; VCC = 4.5 V
-
-
0.36
-
0.44
-
0.55
V
II
input leakage
current
VI = 5.5 V or GND;
VCC = 0 V to 5.5 V
-
-
0.1
-
1.0
-
2.0
µA
ICC
supply current
VI =VCC or GND; IO = 0 A;
VCC = 5.5 V
-
-
2.0
-
20
-
40
µA
∆ICC
additional
supply current
per input pin;
VI =VCC − 2.1 V; other pins
at VCC or GND; IO =0A;
VCC = 4.5 V to 5.5 V
-
-
1.35
-
1.5
-
1.5
mA
CI
input
capacitance
-
3
10
-
10
-
10
pF
CO
output
capacitance
-4
-
-
-
-
-
pF


Numéro de pièce similaire - 74VHC_VHCT14_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74VHC_VHCT125 PHILIPS-74VHC_VHCT125_15 Datasheet
464Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 02-13 October 2009
74VHC_VHCT126 PHILIPS-74VHC_VHCT126_15 Datasheet
98Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 01-13 August 2009
More results

Description similaire - 74VHC_VHCT14_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ALVC14 PHILIPS-74ALVC14 Datasheet
92Kb / 16P
   Hex inverting Schmitt trigger
Rev. 03-15 February 2005
logo
Fairchild Semiconductor
MM74HC14 FAIRCHILD-MM74HC14 Datasheet
91Kb / 8P
   Hex Inverting Schmitt Trigger
MM74HCT14 FAIRCHILD-MM74HCT14 Datasheet
87Kb / 6P
   Hex Inverting Schmitt Trigger
logo
NXP Semiconductors
74AHC14 PHILIPS-74AHC14 Datasheet
103Kb / 16P
   Hex inverting Schmitt trigger
1999 Sep 27
74AHC14D-T NXP-74AHC14D-T Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
74AHC_AHCT14 PHILIPS-74AHC_AHCT14_15 Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
logo
Nexperia B.V. All right...
74HC14-Q100 NEXPERIA-74HC14-Q100 Datasheet
271Kb / 17P
   Hex inverting Schmitt trigger
Rev. 7 - 13 August 2021
74LV14 NEXPERIA-74LV14 Datasheet
259Kb / 15P
   Hex inverting Schmitt trigger
Rev. 9 - 14 September 2021
74LV14A NEXPERIA-74LV14A Datasheet
239Kb / 13P
   Hex inverting Schmitt trigger
Rev. 4 - 29 April 2021
logo
NXP Semiconductors
74HCT14 PHILIPS-74HCT14 Datasheet
120Kb / 23P
   Hex inverting Schmitt trigger
2003 Oct 30
logo
Fairchild Semiconductor
MM74HCT14 FAIRCHILD-MM74HCT14_05 Datasheet
94Kb / 7P
   Hex Inverting Schmitt Trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com