Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVT16646A Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce 74LVT16646A
Description  3.3 V 16-bit bus transceiver; 3-state
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT16646A Fiches technique(HTML) 3 Page - NXP Semiconductors

  74LVT16646A_15 Datasheet HTML 1Page - NXP Semiconductors 74LVT16646A_15 Datasheet HTML 2Page - NXP Semiconductors 74LVT16646A_15 Datasheet HTML 3Page - NXP Semiconductors 74LVT16646A_15 Datasheet HTML 4Page - NXP Semiconductors 74LVT16646A_15 Datasheet HTML 5Page - NXP Semiconductors 74LVT16646A_15 Datasheet HTML 6Page - NXP Semiconductors 74LVT16646A_15 Datasheet HTML 7Page - NXP Semiconductors 74LVT16646A_15 Datasheet HTML 8Page - NXP Semiconductors 74LVT16646A_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
9397 750 14326
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 12 January 2005
3 of 21
Philips Semiconductors
74LVT16646A
3.3 V 16-bit bus transceiver; 3-state
5.
Functional diagram
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
001aac208
1CPAB
1SAB
1DIR
1CPBA
1SBA
1OE
2
5
1A0
6
1A1
8
1A2
9
1A3
10
1A4
12
1A5
13
1A6
14
52
51
49
48
47
45
44
43
1A7
1B0 1B1 1B2 1B3 1B4 1B5 1B6 1B7
3
1
55
54
56
2CPAB
2SAB
2DIR
2CPBA
2SBA
2OE
27
15
2A0
16
2A1
18
2A2
19
2A3
20
2A4
22
2A5
23
2A6
24
42
41
40
38
37
36
34
33
2A7
2B0 2B1 2B2 2B3 2B4 2B5 2B6 2B7
26
28
30
31
29
001aac207
56
1
3EN2[AB]
1
6
61
4D
5D
1
2
G3
3EN1[BA]
G6
55
C4
54
G7
3
2
5
7
7
C5
1
1
6
8
9
10
12
13
14
51
52
49
48
47
45
44
43
29
28
10EN9[AB]
8
13
13 1
11D
12D
1
9
G10
10EN8[BA]
G13
31
C11
31
G14
26
27
15
14
14
C12
1
1
16
17
19
20
21
23
24
41
42
40
38
37
36
34
33


Numéro de pièce similaire - 74LVT16646A_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVT16646ADGG PHILIPS-74LVT16646ADGG Datasheet
114Kb / 21P
   3.3V ABT 16-bit bus transceiver 3-State
Rev. 03-12 January 2005
logo
Nexperia B.V. All right...
74LVT16646ADGG NEXPERIA-74LVT16646ADGG Datasheet
231Kb / 22P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03 - 12 January 2005
logo
NXP Semiconductors
74LVT16646ADL PHILIPS-74LVT16646ADL Datasheet
114Kb / 21P
   3.3V ABT 16-bit bus transceiver 3-State
Rev. 03-12 January 2005
logo
Nexperia B.V. All right...
74LVT16646ADL NEXPERIA-74LVT16646ADL Datasheet
231Kb / 22P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03 - 12 January 2005
More results

Description similaire - 74LVT16646A_15

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74LVT16646A NEXPERIA-74LVT16646A Datasheet
231Kb / 22P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03 - 12 January 2005
logo
NXP Semiconductors
74LVT16652A PHILIPS-74LVT16652A_15 Datasheet
122Kb / 21P
   3.3 V 16-bit bus transceiver/register; 3-state
Rev. 03-12 January 2005
logo
Nexperia B.V. All right...
74LVT16652A NEXPERIA-74LVT16652A Datasheet
233Kb / 22P
   3.3 V 16-bit bus transceiver/register; 3-state
logo
NXP Semiconductors
74LVTN16245B PHILIPS-74LVTN16245B_15 Datasheet
221Kb / 17P
   3.3 V 16-bit transceiver; 3-state
Rev. 5-5 April 2012
74LVT_LVTH16245B PHILIPS-74LVT_LVTH16245B_15 Datasheet
261Kb / 19P
   3.3 V 16-bit transceiver; 3-state
Rev. 10-1 March 2012
74LVTN16245B NXP-74LVTN16245B_10 Datasheet
155Kb / 17P
   3.3 V 16-bit transceiver; 3-state
Rev. 02-23 March 2010
74LVTN16245B NXP-74LVTN16245B Datasheet
101Kb / 16P
   3.3 V 16-bit transceiver; 3-state
Rev. 01-29 July 2009
logo
Nexperia B.V. All right...
74LVTN16245B NEXPERIA-74LVTN16245B Datasheet
212Kb / 13P
   3.3 V 16-bit transceiver; 3-state
Rev. 6 - 30 October 2018
74LVTH16245B NEXPERIA-74LVTH16245B Datasheet
227Kb / 12P
   3.3 V 16-bit transceiver; 3-state
Rev. 12 - 12 August 2021
logo
NXP Semiconductors
74LVT16245B NXP-74LVT16245B Datasheet
182Kb / 19P
   3.3 V 16-bit transceiver; 3-state
Rev. 07-29 March 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com