Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

9ZXL1530 Fiches technique(PDF) 8 Page - Integrated Device Technology

No de pièce 9ZXL1530
Description  Fixed feedback path
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

9ZXL1530 Fiches technique(HTML) 8 Page - Integrated Device Technology

Back Button 9ZXL1530 Datasheet HTML 4Page - Integrated Device Technology 9ZXL1530 Datasheet HTML 5Page - Integrated Device Technology 9ZXL1530 Datasheet HTML 6Page - Integrated Device Technology 9ZXL1530 Datasheet HTML 7Page - Integrated Device Technology 9ZXL1530 Datasheet HTML 8Page - Integrated Device Technology 9ZXL1530 Datasheet HTML 9Page - Integrated Device Technology 9ZXL1530 Datasheet HTML 10Page - Integrated Device Technology 9ZXL1530 Datasheet HTML 11Page - Integrated Device Technology 9ZXL1530 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
9ZXL1530
15-OUTPUT LOW POWER DIFFERENTIAL ZBUFFER FOR PCIE GEN3 AND QPI
IDT®
15-OUTPUT LOW POWER DIFFERENTIAL ZBUFFER FOR PCIE GEN3 AND QPI
8
9ZXL1530
REV C 031312
Electrical Characteristics–Skew and Differential Jitter Parameters
TA = TCOM; Supply Voltage VDD/VDDA = 3.3 V +/-5%, VDDIO = 1.05 to 3.3V +/-5%. See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
CLK_IN, DIF[x:0]
tSPO_PLL
Input-to-Output Skew in PLL mode
nominal value @ 25°C, 3.3V
-100
-44
100
ps
1,2,4,5,8
CLK_IN, DIF[x:0]
tPD_BYP
Input-to-Output Skew in Bypass mode
nominal value @ 25°C, 3.3V
2.5
3.6
4.5
ns
1,2,3,5,8
CLK_IN, DIF[x:0]
tDSPO_PLL
Input-to-Output Skew Varation in PLL mode
across voltage and temperature
-50
-2
50
ps
1,2,3,5,8
CLK_IN, DIF[x:0]
tDSPO_BYP
Input-to-Output Skew Varation in Bypass mode
across temperature for a given voltage
-250
250
ps
1,2,3,5,8
CLK_IN, DIF[x:0]
tDTE
Random Differential Tracking error beween two
9ZX devices in Hi BW Mode
35
ps
(rms)
1,2,3,5,8
CLK_IN, DIF[x:0]
tDSSTE
Random Differential Spread Spectrum Tracking
error beween two 9ZX devices in Hi BW Mode
15
75
ps
1,2,3,5,8
DIF{x:0]
tSKEW_ALL
Output-to-Output Skew across all outputs
(Common to Bypass and PLL mode)
45
65
ps
1,2,3,8
PLL Jitter Peaking
jpeak-hibw
LOBW#_BYPASS_HIBW = 1
0
1.75
2.5
dB
7,8
PLL Jitter Peaking
jpeak-lobw
LOBW#_BYPASS_HIBW = 0
0
0.75
2
dB
7,8
PLL Bandwidth
pllHIBW
LOBW#_BYPASS_HIBW = 1
2
3.33
4
MHz
8,9
PLL Bandwidth
pllLOBW
LOBW#_BYPASS_HIBW = 0
0.7
1.18
1.4
MHz
8,9
Duty Cycle
tDC
Measured differentially, PLL Mode
45
50.4%
55
%
1
Duty Cycle Distortion
tDCD
Measured differentially, Bypass Mode
@100MHz
-2
0
2
%
1,10
PLL mode
24
50
ps
1,11
Additive Jitter in Bypass Mode
0
50
ps
1,11
Notes for preceding table:
6.t is the period of the input clock
7 Measured as maximum pass band gain. At frequencies within the loop BW, highest point of magnification is called PLL jitter peaking.
8. Guaranteed by design and characterization, not 100% tested in production.
9 Measured at 3 db down or half power point.
10 Duty cycle distortion is the difference in duty cycle between the output and the input clock when the device is operated in bypass mode.
11 Measured from differential waveform
3 All Bypass Mode Input-to-Output specs refer to the timing between an input edge and the specific output edge created by it.
4 This parameter is deterministic for a given device
5 Measured with scope averaging on to find mean value.
Jitter, Cycle to cycle
tjcyc-cyc
1 Measured into fixed 2 pF load cap. Input to output skew is measured at the first output edge following the corresponding input.
2 Measured from differential cross-point to differential cross-point. This parameter can be tuned with external feedback path, if present.


Numéro de pièce similaire - 9ZXL1530

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
9ZXL1530 IDT-9ZXL1530 Datasheet
227Kb / 19P
   15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
logo
Renesas Technology Corp
9ZXL1530 RENESAS-9ZXL1530 Datasheet
439Kb / 20P
   15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
2019
logo
Integrated Device Techn...
9ZXL1530BKLF IDT-9ZXL1530BKLF Datasheet
227Kb / 19P
   15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
logo
Renesas Technology Corp
9ZXL1530BKLF RENESAS-9ZXL1530BKLF Datasheet
439Kb / 20P
   15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
2019
logo
Integrated Device Techn...
9ZXL1530BKLFT IDT-9ZXL1530BKLFT Datasheet
227Kb / 19P
   15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
More results

Description similaire - 9ZXL1530

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
9ZX21501C IDT-9ZX21501C Datasheet
224Kb / 19P
   Fixed feedback path
9ZXL1930 IDT-9ZXL1930 Datasheet
234Kb / 18P
   Fixed feedback path
9ZXL1950 IDT-9ZXL1950 Datasheet
296Kb / 18P
   Fixed feedback path
logo
Texas Instruments
AFE7799 TI1-AFE7799 Datasheet
338Kb / 9P
[Old version datasheet]   Quad-Channel RF Transceiver With Feedback Path
AFE7769 TI1-AFE7769 Datasheet
341Kb / 9P
[Old version datasheet]   AFE7769 Quad-Channel RF Transceiver With Feedback Path
AFE7920 TI1-AFE7920 Datasheet
350Kb / 12P
[Old version datasheet]   AFE79xx Quad-Channel RF Transceiver With Feedback Path
logo
List of Unclassifed Man...
IPS20 ETC2-IPS20 Datasheet
94Kb / 12P
   Precision Feedback Controllers Fixed and PTAT references
logo
Fairchild Semiconductor
GTLP1B151 FAIRCHILD-GTLP1B151 Datasheet
112Kb / 7P
   1-Bit LVTTL/GTLP Transceiver with Separate LVTTL Port and Feedback Path
GTLP10B320 FAIRCHILD-GTLP10B320 Datasheet
261Kb / 12P
   10-Bit LVTTL/GTLP Transceiver with Split LVTTL Port and Feedback Path
logo
Coilcraft lnc.
HP1-1400L COILCRAFT-HP1-1400L Datasheet
489Kb / 10P
   Hexa-Path Magnetics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com