Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

9ZXL0651 Fiches technique(PDF) 1 Page - Integrated Device Technology

No de pièce 9ZXL0651
Description  PLL or bypass mode
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

9ZXL0651 Fiches technique(HTML) 1 Page - Integrated Device Technology

  9ZXL0651 Datasheet HTML 1Page - Integrated Device Technology 9ZXL0651 Datasheet HTML 2Page - Integrated Device Technology 9ZXL0651 Datasheet HTML 3Page - Integrated Device Technology 9ZXL0651 Datasheet HTML 4Page - Integrated Device Technology 9ZXL0651 Datasheet HTML 5Page - Integrated Device Technology 9ZXL0651 Datasheet HTML 6Page - Integrated Device Technology 9ZXL0651 Datasheet HTML 7Page - Integrated Device Technology 9ZXL0651 Datasheet HTML 8Page - Integrated Device Technology 9ZXL0651 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
DATASHEET
6-OUTPUT LOW-POWER HCSL BUFFER FOR PCIE GEN1-2-3 AND QPI
9ZXL0651
IDT®
6-OUTPUT LOW-POWER HCSL BUFFER FOR PCIE GEN1-2-3 AND QPI
1
9ZXL0651
REV C 040115
General Description
The 9ZXL0651 is a low-power 6-output differential buffer
that meets all the performance requirements of the Intel
DB1200Z specification. It consumes 50% less power than
standard HCSL devices and has internal terminations to
allow direct connection to 85 ohm transmission lines. The
9ZXL0651 is backwards compatible to PCIe Gen1 and
Gen2 and QPI 6.4GT/s specifications. A fixed, internal
feedback path maintains low drift for critical QPI
applications.
Recommended Application
6-Output Low-Power HCSL Buffer for PCIe Gen1-2-3 and
QPI
Output Features
6 - 0.7V low-power HCSL (LP-HCSL) output pairs
w/integrated terminations
Features/Benefits
Low-Power-HCSL outputs w/Zo = 85; save power and
board space - no termination resistors required. Ideal for
blade servers.
Space-saving 40-pin VFQFPN package
Fixed feedback path for 0ps input-to-output delay
6 OE# pins; Hardware control of each output
PLL or bypass mode; PLL can dejitter incoming clock
Selectable PLL bandwidth; minimizes jitter peaking in
downstream PLL's
Spread Spectrum Compatible; tracks spreading input
clock for low EMI
Key Specifications
Cycle-to-cycle jitter <50ps
Output-to-output skew <65 ps
Input-to-output delay variation <50ps
PCIe Gen3 phase jitter <1.0ps RMS
QPI 9.6GT/s 12UI phase jitter <0.2ps RMS
Block Diagram
Logic
DIF(5:0)
HIBW_BYPM_LOBW#
SMBDAT
SMBCLK
CKPWRGD/PD#
Z-PLL
(SS Compatible)
DFB_OUT_NC
DIF_IN
DIF_IN#
OE(5:0)#


Numéro de pièce similaire - 9ZXL0651

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
9ZXL0651 RENESAS-9ZXL0651 Datasheet
634Kb / 15P
   6-Output DB800ZL Derivative with Integrated 85ohm Terminations
January 28, 2021
9ZXL0651AKLF RENESAS-9ZXL0651AKLF Datasheet
634Kb / 15P
   6-Output DB800ZL Derivative with Integrated 85ohm Terminations
January 28, 2021
9ZXL0651AKLFT RENESAS-9ZXL0651AKLFT Datasheet
634Kb / 15P
   6-Output DB800ZL Derivative with Integrated 85ohm Terminations
January 28, 2021
logo
Integrated Device Techn...
9ZXL0651E IDT-9ZXL0651E Datasheet
303Kb / 20P
   6-Output DB800ZL Derivative for PCIe Gen1?? and UPI
9ZXL0651EKILF IDT-9ZXL0651EKILF Datasheet
303Kb / 20P
   6-Output DB800ZL Derivative for PCIe Gen1?? and UPI
More results

Description similaire - 9ZXL0651

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI53119-A03A SILABS-SI53119-A03A Datasheet
1Mb / 34P
   PLL or bypass mode
logo
Integrated Device Techn...
9ZXL1550 IDT-9ZXL1550 Datasheet
301Kb / 18P
   PLL or bypass mode
9DB833 IDT-9DB833 Datasheet
240Kb / 18P
   PLL or bypass mode
logo
Microchip Technology
MCP1256 MICROCHIP-MCP1256_13 Datasheet
696Kb / 24P
   Regulated 3.3V, Low-Ripple Charge Pump with Low- Operating Current SLEEP Mode or BYPASS Mode
2006-2013
MCP1256 MICROCHIP-MCP1256 Datasheet
1Mb / 24P
   Regulated 3.3V, Low-Ripple Charge Pump with Low- Operating Current SLEEP Mode or BYPASS Mode
2006
logo
ON Semiconductor
FAN5903 ONSEMI-FAN5903 Datasheet
2Mb / 21P
   Buck Converter with Bypass Mode
Rev. 1.0.9
logo
Skyworks Solutions Inc.
RFX8055 SKYWORKS-RFX8055 Datasheet
401Kb / 6P
   Low Noise Amplifier with Bypass Mode
logo
RF Micro Devices
RF3857 RFMD-RF3857 Datasheet
624Kb / 11P
   DUAL CHANNEL LNA WITH BYPASS MODE
logo
Richtek Technology Corp...
RT4805A RICHTEK-RT4805A Datasheet
1Mb / 22P
   Synchronous Boost Regulator with Bypass Mode
logo
Broadcom Corporation.
DEMO-MGA-655T6 BOARDCOM-DEMO-MGA-655T6 Datasheet
239Kb / 14P
   Low Noise Amplifier with Bypass Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com