Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF7665S2PBF Fiches technique(PDF) 8 Page - International Rectifier

No de pièce IRF7665S2PBF
Description  Can deliver up to 100W per channel into 8 with no heatsink
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRF7665S2PBF Fiches technique(HTML) 8 Page - International Rectifier

  IRF7665S2PBF Datasheet HTML 1Page - International Rectifier IRF7665S2PBF Datasheet HTML 2Page - International Rectifier IRF7665S2PBF Datasheet HTML 3Page - International Rectifier IRF7665S2PBF Datasheet HTML 4Page - International Rectifier IRF7665S2PBF Datasheet HTML 5Page - International Rectifier IRF7665S2PBF Datasheet HTML 6Page - International Rectifier IRF7665S2PBF Datasheet HTML 7Page - International Rectifier IRF7665S2PBF Datasheet HTML 8Page - International Rectifier IRF7665S2PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
IRF7665S2TR/TR1PbF
8
www.irf.com
DirectFET
™ Part Marking
DirectFET Auto™ Outline Dimension, SB Outline (Small Size Can).
Please see AN-1035 for DirectFET assembly details and stencil and substrate design recommendations
MAX
4.85
3.95
2.85
0.45
0.52
0.92
1.02
0.92
N/A
1.05
1.95
0.676
0.080
0.17
MIN
4.75
3.70
2.75
0.35
0.48
0.88
0.98
0.88
N/A
0.95
1.85
0.616
0.020
0.08
CODE
A
B
C
D
E
F
G
H
J
K
L
M
R
P
DIMENSIONS
METRIC
IMPERIAL
MAX
0.191
0.156
0.112
0.018
0.020
0.036
0.040
0.036
N/A
0.041
0.073
0.0274
0.0031
0.007
MIN
0.187
0.146
0.108
0.014
0.019
0.035
0.039
0.035
N/A
0.037
0.073
0.0235
0.0008
0.003
LOGO
GATE MARKING
BATCH NUMBER
PART NUMBER
DATE CODE
Line above the last character of
the date code indicates "Lead-Free"


Numéro de pièce similaire - IRF7665S2PBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF7665S2PBF IRF-IRF7665S2PBF Datasheet
253Kb / 9P
   Key parameters optimized for Class-D audio amplifier applications
More results

Description similaire - IRF7665S2PBF

FabricantNo de pièceFiches techniqueDescription
logo
Bel Fuse Inc.
SC-2CAKXXXM BEL-SC-2CAKXXXM Datasheet
790Kb / 2P
   USB 2.0 can deliver up to 480 Mbps transfer speeds
logo
STMicroelectronics
STEVAL-ILL035V1 STMICROELECTRONICS-STEVAL-ILL035V1 Datasheet
256Kb / 6P
   Up to 15 white LEDs per channel
June 2012 Rev 1
logo
National Instruments Co...
NI6123 NI-NI6123 Datasheet
633Kb / 7P
   S Series Multifunction DAQ-up to 16-Bit, up to 3 MS/s per Channel, up to 8 Analog Inputs
logo
International Rectifier
IRS23365DMPBF IRF-IRS23365DMPBF_15 Datasheet
594Kb / 37P
   Gate drive supplies up to 20 V per channel
logo
Kemet Corporation
2A-160 KEMET-2A-160 Datasheet
121Kb / 1P
   Assembly into Can , Sleeving Machine
logo
Ultralife Corporation.
UBBP01 ULTRALIFE-UBBP01 Datasheet
456Kb / 2P
   Can be assembled into packs
Rev: L
logo
Honeywell Solid State E...
HMR3000 HONEYWELL-HMR3000_16 Datasheet
446Kb / 7P
   Up to 20 Updates per Second
logo
C&K Components
F4UEEAU CK-COMPONENTS-F4UEEAU Datasheet
440Kb / 10P
   Up to 10 poles per module
logo
Advanced Power Electron...
AP0504GMT-HF A-POWER-AP0504GMT-HF_16 Datasheet
52Kb / 5P
   SO-8 Compatible with Heatsink
AP93T03AGMT-HF A-POWER-AP93T03AGMT-HF_16 Datasheet
68Kb / 5P
   SO-8 Compatible with Heatsink
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com