Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVCH16541A Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce 74LVCH16541A
Description  16-bit buffer/line driver; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVCH16541A Fiches technique(HTML) 2 Page - NXP Semiconductors

  74LVCH16541A_15 Datasheet HTML 1Page - NXP Semiconductors 74LVCH16541A_15 Datasheet HTML 2Page - NXP Semiconductors 74LVCH16541A_15 Datasheet HTML 3Page - NXP Semiconductors 74LVCH16541A_15 Datasheet HTML 4Page - NXP Semiconductors 74LVCH16541A_15 Datasheet HTML 5Page - NXP Semiconductors 74LVCH16541A_15 Datasheet HTML 6Page - NXP Semiconductors 74LVCH16541A_15 Datasheet HTML 7Page - NXP Semiconductors 74LVCH16541A_15 Datasheet HTML 8Page - NXP Semiconductors 74LVCH16541A_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
74LVCH16541A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 3 — 15 February 2012
2 of 15
NXP Semiconductors
74LVCH16541A
16-bit buffer/line driver; 3-state
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LVCH16541ADGG
40 to +125 C
TSSOP48
plastic thin shrink small outline package; 48 leads;
body width 6.1 mm
SOT362-1
74LVCH16541ADL
40 to +125 C
SSOP48
plastic shrink small outline package; 48 leads;
body width 7.5 mm
SOT370-1
Fig 1.
IEC logic symbol
Fig 2.
Logic diagram
23
mna057
37
12
11
9
8
6
5
47
46
44
43
41
40
38
A7
A0
A1
A2
A3
A4
A5
A6
2
3
1Y7
1Y6
1Y5
1Y4
1Y3
1Y2
1Y0
1Y1
26
22
20
19
17
16
36
35
33
32
30
29
27
A7
A0
A1
A2
A3
A4
A5
A6
13
14
2Y7
2Y6
2Y5
2Y4
2Y3
2Y2
2Y0
2Y1
25
24
1OE2
1OE1
2OE2
2OE1
48
1
&
&
EN
1
1
2
2
47
46
44
43
41
40
38
37
2
3
5
6
8
9
11
12
1
48
1A0
1A1
1A2
1A3
1A4
1A5
1A6
1A7
1Y0
1Y1
1Y2
1Y3
1Y4
1Y5
1Y6
1Y7
1OE1
1OE2
mna056
36
35
33
32
30
29
27
26
13
14
16
17
19
20
22
23
24
25
2A0
2A1
2A2
2A3
2A4
2A5
2A6
2A7
2Y0
2Y1
2Y2
2Y3
2Y4
2Y5
2Y6
2Y7
2OE1
2OE2
Fig 3.
Bus hold circuit
to internal circuit
mna004
VCC
data
input


Numéro de pièce similaire - 74LVCH16541A_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVCH16541ADGG PHILIPS-74LVCH16541ADGG Datasheet
83Kb / 10P
   16-bit buffer/line driver 3-State
1998 May 19
logo
Nexperia B.V. All right...
74LVCH16541ADGG NEXPERIA-74LVCH16541ADGG Datasheet
217Kb / 12P
   16-bit buffer/line driver; 3-state
Rev. 4 - 1 May 2019
logo
Texas Instruments
74LVCH16541ADGGRE4 TI1-74LVCH16541ADGGRE4 Datasheet
342Kb / 13P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
MARCH2005
74LVCH16541ADGGRG4 TI1-74LVCH16541ADGGRG4 Datasheet
342Kb / 13P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
MARCH2005
74LVCH16541ADGVRE4 TI1-74LVCH16541ADGVRE4 Datasheet
342Kb / 13P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
MARCH2005
More results

Description similaire - 74LVCH16541A_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
MB2241 PHILIPS-MB2241 Datasheet
82Kb / 12P
   16-bit buffer/line driver 3-State
1998 Jan 16
74LVCH16541A PHILIPS-74LVCH16541A Datasheet
83Kb / 10P
   16-bit buffer/line driver 3-State
1998 May 19
74LVC16241A PHILIPS-74LVC16241A Datasheet
78Kb / 10P
   16-bit buffer/line driver 3-State
1997 Jul 29
74ABT16244A PHILIPS-74ABT16244A Datasheet
75Kb / 10P
   16-bit buffer/line driver 3-State
1998 Oct 07
MB2244 PHILIPS-MB2244 Datasheet
72Kb / 12P
   16-bit buffer/line driver 3-State
1998 Jan 16
74ABT16541 PHILIPS-74ABT16541 Datasheet
79Kb / 10P
   16-bit buffer/line driver 3-State
1998 Feb 25
logo
Nexperia B.V. All right...
74ABT16244A NEXPERIA-74ABT16244A Datasheet
207Kb / 11P
   16-bit buffer/line driver; 3-state
Rev. 9 - 5 July 2021
logo
NXP Semiconductors
74ABT16244A NXP-74ABT16244A Datasheet
87Kb / 13P
   16-bit buffer/line driver; 3-state
Rev. 06-23 March 2009
logo
Nexperia B.V. All right...
74ALVT16244 NEXPERIA-74ALVT16244 Datasheet
195Kb / 15P
   16-bit buffer/line driver; 3-state
Rev. 5 - 2 February 2018
74LVCH16541A NEXPERIA-74LVCH16541A Datasheet
217Kb / 12P
   16-bit buffer/line driver; 3-state
Rev. 4 - 1 May 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com