Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC32245A Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce 74LVC32245A
Description  32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC32245A Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button 74LVC32245A_15 Datasheet HTML 3Page - NXP Semiconductors 74LVC32245A_15 Datasheet HTML 4Page - NXP Semiconductors 74LVC32245A_15 Datasheet HTML 5Page - NXP Semiconductors 74LVC32245A_15 Datasheet HTML 6Page - NXP Semiconductors 74LVC32245A_15 Datasheet HTML 7Page - NXP Semiconductors 74LVC32245A_15 Datasheet HTML 8Page - NXP Semiconductors 74LVC32245A_15 Datasheet HTML 9Page - NXP Semiconductors 74LVC32245A_15 Datasheet HTML 10Page - NXP Semiconductors 74LVC32245A_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
74LVC32245A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 16 December 2011
7 of 14
NXP Semiconductors
74LVC32245A
32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
10. Dynamic characteristics
[1]
Typical values are measured at Tamb =25 C and VCC = 1.2 V, 1.8 V, 2.5 V, 2.7 V, and 3.3 V respectively.
[2]
tpd is the same as tPLH and tPHL.
ten is the same as tPZL and tPZH.
tdis is the same as tPLZ and tPHZ.
[3]
Skew between any two outputs of the same package switching in the same direction. This parameter is guaranteed by design.
[4]
CPD is used to determine the dynamic power dissipation (PD in W).
PD =CPD  VCC2  fi  N+ (CL  VCC2  fo) where:
fi = input frequency in MHz; fo = output frequency in MHz
CL = output load capacitance in pF
VCC = supply voltage in Volts
N = number of inputs switching
(C
L  VCC
2
 f
o) = sum of the outputs.
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 5.
Symbol Parameter
Conditions
Tamb = 40 C to +85 C 40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation
delay
nAn to nBn; nBn to nAn; see Figure 3
[2]
VCC = 1.2 V
-
13.0
-
-
-
ns
VCC = 1.65 V to 1.95 V
1.5
4.8
10.4
1.5
12.0
ns
VCC = 2.3 V to 2.7 V
1.0
2.6
5.4
1.0
6.1
ns
VCC = 2.7 V
1.0
2.6
4.7
1.0
6.0
ns
VCC = 3.0 V to 3.6 V
1.0
2.2
4.5
1.0
6.0
ns
ten
enable time
nOE to nAn, nBn: see Figure 4
[2]
VCC = 1.2 V
-
15.0
-
-
-
ns
VCC = 1.65 V to 1.95 V
1.5
5.8
12.5
1.5
14.4
ns
VCC = 2.3 V to 2.7 V
1.0
3.3
6.9
1.0
8.0
ns
VCC = 2.7 V
1.5
3.4
6.7
1.5
8.5
ns
VCC = 3.0 V to 3.6 V
1.0
2.7
5.5
1.0
7.0
ns
tdis
disable time
nOE to nAn, nBn; see Figure 4
[2]
VCC = 1.2 V
-
11.0
-
-
-
ns
VCC = 1.65 V to 1.95 V
1.0
4.4
9.7
1.0
11.2
ns
VCC = 2.3 V to 2.7 V
0.5
2.5
5.5
0.5
6.5
ns
VCC = 2.7 V
1.5
2.5
6.6
1.5
8.5
ns
VCC = 3.0 V to 3.6 V
1.5
3.1
5.6
1.5
7.0
ns
tsk(o)
output skew
time
VCC = 3.0 V to 3.6 V
[3]
-
-
1.0
-
1.5
ns
CPD
power
dissipation
capacitance
per buffer; VI =GND to VCC
[4]
VCC = 1.65 V to 1.95 V
-
11.5
-
-
-
pF
VCC = 2.3 V to 2.7 V
-
15.2
-
-
-
pF
VCC = 3.0 V to 3.6 V
-
18.5
-
-
-
pF


Numéro de pièce similaire - 74LVC32245A_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC32245AEC PHILIPS-74LVC32245AEC Datasheet
87Kb / 16P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
1999 Sep 01
74LVC32245AEC NXP-74LVC32245AEC Datasheet
88Kb / 12P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 01-20 August 2007
logo
Nexperia B.V. All right...
74LVC32245AEC NEXPERIA-74LVC32245AEC Datasheet
984Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3 - 16 December 2011
More results

Description similaire - 74LVC32245A_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC32245A NXP-74LVC32245A Datasheet
88Kb / 12P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 01-20 August 2007
74LVCH32245A NXP-74LVCH32245A Datasheet
93Kb / 13P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 03-20 August 2007
74LVC32245A PHILIPS-74LVC32245A Datasheet
87Kb / 16P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
1999 Sep 01
74LVCH32245A PHILIPS-74LVCH32245A_15 Datasheet
175Kb / 15P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 5-15 December 2011
logo
Nexperia B.V. All right...
74LVC32245A NEXPERIA-74LVC32245A Datasheet
984Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3 - 16 December 2011
logo
Integrated Circuit Syst...
74LVC_LVCH16245A ICST-74LVC_LVCH16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
logo
Nexperia B.V. All right...
74LVC16245A-Q100 NEXPERIA-74LVC16245A-Q100 Datasheet
248Kb / 14P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
74LVCH16245A NEXPERIA-74LVCH16245A Datasheet
260Kb / 15P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 14 - 24 September 2021
logo
NXP Semiconductors
74LVC_LVCH16245A PHILIPS-74LVC_LVCH16245A_15 Datasheet
283Kb / 20P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 12-13 February 2012
74LVC16245A PHILIPS-74LVC16245A Datasheet
122Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 08-6 November 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com