Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HC05 Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce 74HC05
Description  Hex inverter with open-drain outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC05 Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button 74HC05_15 Datasheet HTML 2Page - NXP Semiconductors 74HC05_15 Datasheet HTML 3Page - NXP Semiconductors 74HC05_15 Datasheet HTML 4Page - NXP Semiconductors 74HC05_15 Datasheet HTML 5Page - NXP Semiconductors 74HC05_15 Datasheet HTML 6Page - NXP Semiconductors 74HC05_15 Datasheet HTML 7Page - NXP Semiconductors 74HC05_15 Datasheet HTML 8Page - NXP Semiconductors 74HC05_15 Datasheet HTML 9Page - NXP Semiconductors 74HC05_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
74HC05_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 18 June 2009
6 of 13
NXP Semiconductors
74HC05
Hex inverter with open-drain outputs
11. Waveforms
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 6.
The input nA to output nY propagation delays and output transition times
001aaj981
nA input
nY output
VI
VM
VX
tPZL
tTHL
tPLZ
VM
90 %
10 %
GND
VCC
VOL
Table 8.
Measurement points
Input
Output
VM
VM
VX
0.5VCC
0.5VCC
0.1VCC


Numéro de pièce similaire - 74HC05_15

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
74HC05S14 DIODES-74HC05S14 Datasheet
314Kb / 7P
   HEX INVERTERS WITH OPEN DRAIN OUTPUTS
74HC05S14-13 DIODES-74HC05S14-13 Datasheet
314Kb / 7P
   HEX INVERTERS WITH OPEN DRAIN OUTPUTS
74HC05T14 DIODES-74HC05T14 Datasheet
314Kb / 7P
   HEX INVERTERS WITH OPEN DRAIN OUTPUTS
74HC05T14-13 DIODES-74HC05T14-13 Datasheet
314Kb / 7P
   HEX INVERTERS WITH OPEN DRAIN OUTPUTS
More results

Description similaire - 74HC05_15

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC74HC05A ONSEMI-MC74HC05A Datasheet
157Kb / 7P
   Hex Inverter with Open Drain Outputs
November, 2009 ??Rev. 0
logo
Nexperia B.V. All right...
74LVC06A-Q100 NEXPERIA-74LVC06A-Q100 Datasheet
223Kb / 12P
   Hex inverter with open-drain outputs
logo
KODENSHI_AUK CORP.
KK74HC05A KODENSHI-KK74HC05A Datasheet
286Kb / 6P
   Hex Inverter with Open-Drain Outputs
logo
System Logic Semiconduc...
SL74HC05 SLS-SL74HC05 Datasheet
35Kb / 5P
   Hex Inverter with Open-Drain Outputs
logo
Nexperia B.V. All right...
74HC05-Q100 NEXPERIA-74HC05-Q100 Datasheet
858Kb / 15P
   Hex inverter with open-drain outputs
logo
National Semiconductor ...
54AC05 NSC-54AC05 Datasheet
113Kb / 6P
   Hex Inverter with Open Drain Outputs
logo
Fairchild Semiconductor
74AC05 FAIRCHILD-74AC05 Datasheet
33Kb / 4P
   Hex Inverter with Open Drain Outputs
logo
NXP Semiconductors
74HC05 NXP-74HC05 Datasheet
90Kb / 13P
   Hex inverter with open-drain outputs
Rev. 02-18 June 2009
logo
ON Semiconductor
MC74HC05A ONSEMI-MC74HC05A_13 Datasheet
123Kb / 6P
   Hex Inverter with Open Drain Outputs
May, 2013 ??Rev. 1
logo
Nexperia B.V. All right...
74LVC06A NEXPERIA-74LVC06A Datasheet
234Kb / 12P
   Hex inverter with open-drain outputs
Rev. 7 - 4 August 2020
logo
NXP Semiconductors
74LVC06A PHILIPS-74LVC06A Datasheet
71Kb / 16P
   Hex inverter with open-drain outputs
2000 Mar 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com