Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HC_HCT42_CNV Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce 74HC_HCT42_CNV
Description  BCD to decimal decoder (1-of-10)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC_HCT42_CNV Fiches technique(HTML) 3 Page - NXP Semiconductors

  74HC_HCT42_CNV_15 Datasheet HTML 1Page - NXP Semiconductors 74HC_HCT42_CNV_15 Datasheet HTML 2Page - NXP Semiconductors 74HC_HCT42_CNV_15 Datasheet HTML 3Page - NXP Semiconductors 74HC_HCT42_CNV_15 Datasheet HTML 4Page - NXP Semiconductors 74HC_HCT42_CNV_15 Datasheet HTML 5Page - NXP Semiconductors 74HC_HCT42_CNV_15 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
December 1990
3
Philips Semiconductors
Product specification
BCD to decimal decoder (1-of-10)
74HC/HCT42
PIN DESCRIPTION
PIN NO.
SYMBOL
NAME AND FUNCTION
1, 2, 3, 4, 5, 6, 7, 9, 10, 11
Y0 to Y9
multiplexer outputs
8
GND
ground (0 V)
15, 14, 13, 12
A0 to A3
data inputs
16
VCC
positive supply voltage
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.


Numéro de pièce similaire - 74HC_HCT42_CNV_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC_HCT423 PHILIPS-74HC_HCT423_15 Datasheet
295Kb / 24P
   Dual retriggerable monostable multivibrator with reset
Rev. 6-19 December 2011
More results

Description similaire - 74HC_HCT42_CNV_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC42 PHILIPS-74HC42 Datasheet
41Kb / 6P
   BCD to decimal decoder 1-of-10
December 1990
logo
Nexperia B.V. All right...
74HC42 NEXPERIA-74HC42 Datasheet
979Kb / 12P
   BCD to decimal decoder (1-of-10)
Rev. 3 - 27 September 2016
logo
Texas Instruments
CD74HC42 TI-CD74HC42 Datasheet
40Kb / 6P
[Old version datasheet]   High Speed CMOS Logic BCD To Decimal Decoder 1 of 10
logo
Fairchild Semiconductor
CD4028BC FAIRCHILD-CD4028BC Datasheet
53Kb / 6P
   BCD-to-Decimal Decoder
logo
Toshiba Semiconductor
TC4028BP TOSHIBA-TC4028BP Datasheet
223Kb / 5P
   BCD - TO -DECIMAL DECODER
logo
Hitachi Semiconductor
HD74LS42 HITACHI-HD74LS42 Datasheet
61Kb / 6P
   BCD-to-Decimal Decoder
logo
Fairchild Semiconductor
DM7442A FAIRCHILD-DM7442A Datasheet
41Kb / 4P
   BCD to Decimal Decoder
CD4028BC FAIRCHILD-CD4028BC_02 Datasheet
76Kb / 6P
   BCD-to-Decimal Decoder
logo
National Semiconductor ...
CD4028BM NSC-CD4028BM Datasheet
116Kb / 4P
   BCD-to-Decimal Decoder
MM54C42 NSC-MM54C42 Datasheet
107Kb / 4P
   BCD-to-Decimal Decoder
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com