Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRLR6225PBF Fiches technique(PDF) 1 Page - International Rectifier

No de pièce IRLR6225PBF
Description  Compatible with Existing Surface Mount Techniques
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRLR6225PBF Fiches technique(HTML) 1 Page - International Rectifier

  IRLR6225PBF_15 Datasheet HTML 1Page - International Rectifier IRLR6225PBF_15 Datasheet HTML 2Page - International Rectifier IRLR6225PBF_15 Datasheet HTML 3Page - International Rectifier IRLR6225PBF_15 Datasheet HTML 4Page - International Rectifier IRLR6225PBF_15 Datasheet HTML 5Page - International Rectifier IRLR6225PBF_15 Datasheet HTML 6Page - International Rectifier IRLR6225PBF_15 Datasheet HTML 7Page - International Rectifier IRLR6225PBF_15 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.irf.com
1
11/15/2010
IRLR6225PbF
HEXFET® Power MOSFET
Notes  through † are on page 8
PD - 97594
Features and Benefits
Applications
Battery Protection Switch
GD
S
Gate
Drain
Source
D-Pak
IRLR6225PbF
G
S
D
D
S
G
Note
Form
Quantity
IRLR6225PbF
D-PAK
Tube/Bulk
75
IRLR6225TRPbF
D-PAK
Tape and Reel
2000
Orderable part number
Package Type
Standard Pack
Features
Benefits
Industry-Standard Pinout
Multi-Vendor Compatibility
Compatible with Existing Surface Mount Techniques
results in Easier Manufacturing
RoHS Compliant Containing no Lead, no Bromide and no Halogen
Environmentally Friendlier
MSL1, Industrial Qualification
Increased Reliability
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
VGS
Gate-to-Source Voltage
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
c
PD @TC = 25°C
Power Dissipation
g
PD @ TC = 100°C
Power Dissipation
g
Linear Derating Factor
g
W/°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case)
-55 to + 150
63
0.5
25
Max.
63
h
400
±12
20
100
h
V
W
A
°C
VDS
20
V
RDS(on) max
(@VGS = 4.5V)
4.0
m
RDS(on) max
(@VGS = 2.5V)
5.2
m
Qg (typical)
48
nC
RG (typical)
2.2
ID
42h
A


Numéro de pièce similaire - IRLR6225PBF_15

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRLR6225PBF IRF-IRLR6225PBF Datasheet
301Kb / 8P
   Battery Protection Switch
More results

Description similaire - IRLR6225PBF_15

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF6674TR1PBF IRF-IRF6674TR1PBF Datasheet
255Kb / 9P
   Compatible with existing Surface Mount Techniques
IRF6635TR1PBF IRF-IRF6635TR1PBF Datasheet
253Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFH8321PBF IRF-IRFH8321PBF_15 Datasheet
238Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFML8244PBF IRF-IRFML8244PBF_15 Datasheet
202Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFHM4231PBF IRF-IRFHM4231PBF_15 Datasheet
572Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM8228PBF IRF-IRFHM8228PBF_15 Datasheet
672Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRFHM9391PBF IRF-IRFHM9391PBF_15 Datasheet
564Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML2244PBF IRF-IRLML2244PBF_15 Datasheet
240Kb / 10P
   Compatible with existing Surface Mount Techniques
IRLML2246PBF-1 IRF-IRLML2246PBF-1_15 Datasheet
204Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML6401PBF-1 IRF-IRLML6401PBF-1_15 Datasheet
195Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML6402PBF-1 IRF-IRLML6402PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com