Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HC_HCT2G14 Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce 74HC_HCT2G14
Description  Dual inverting Schmitt trigger
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC_HCT2G14 Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button 74HC_HCT2G14_15 Datasheet HTML 7Page - NXP Semiconductors 74HC_HCT2G14_15 Datasheet HTML 8Page - NXP Semiconductors 74HC_HCT2G14_15 Datasheet HTML 9Page - NXP Semiconductors 74HC_HCT2G14_15 Datasheet HTML 10Page - NXP Semiconductors 74HC_HCT2G14_15 Datasheet HTML 11Page - NXP Semiconductors 74HC_HCT2G14_15 Datasheet HTML 12Page - NXP Semiconductors 74HC_HCT2G14_15 Datasheet HTML 13Page - NXP Semiconductors 74HC_HCT2G14_15 Datasheet HTML 14Page - NXP Semiconductors 74HC_HCT2G14_15 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
74HC_HCT2G14
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 14 March 2014
11 of 21
NXP Semiconductors
74HC2G14; 74HCT2G14
Dual inverting Schmitt trigger
15. Waveforms transfer characteristics
Fig 7.
Transfer characteristic
Fig 8.
Definition of VT+, VT and VH
mna207
VO
VI
VH
VT+
VT−
mna208
VO
VI
VH
VT+
VT−
a. VCC = 2.0 V
b. VCC = 4.5 V
mna028
0
2.0
100
0
50
ICC
(
μA)
1.0
VI (V)
mna029
0
5.0
1.0
0.8
0.6
0.4
0.2
0
ICC
(mA)
2.5
VI (V)


Numéro de pièce similaire - 74HC_HCT2G14_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC_HCT2G125 PHILIPS-74HC_HCT2G125_15 Datasheet
155Kb / 15P
   Dual buffer/line driver; 3-state
Rev. 5-17 March 2014
74HC_HCT2G17 PHILIPS-74HC_HCT2G17_15 Datasheet
104Kb / 18P
   Dual non-inverting Schmitt trigger
Rev. 01-6 October 2006
More results

Description similaire - 74HC_HCT2G14_15

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74HC2G14 NEXPERIA-74HC2G14 Datasheet
260Kb / 16P
   Dual inverting Schmitt trigger
Rev. 3 - 28 January 2022
logo
NXP Semiconductors
74HC2G14 NXP-74HC2G14 Datasheet
95Kb / 19P
   Dual inverting Schmitt trigger
Rev. 01 - 11 October 2006
logo
Nexperia B.V. All right...
74HC2G14-Q100 NEXPERIA-74HC2G14-Q100 Datasheet
803Kb / 21P
   Dual inverting Schmitt trigger
logo
NXP Semiconductors
74HC2G17 PHILIPS-74HC2G17 Datasheet
96Kb / 18P
   Dual non-inverting Schmitt trigger
Rev. 01-6 October 2006
74HC_HCT2G17 PHILIPS-74HC_HCT2G17_15 Datasheet
104Kb / 18P
   Dual non-inverting Schmitt trigger
Rev. 01-6 October 2006
logo
Nexperia B.V. All right...
74HC2G17 NEXPERIA-74HC2G17 Datasheet
252Kb / 15P
   Dual non-inverting Schmitt trigger
Rev. 2 - 2 February 2022
74HC2G17-Q100 NEXPERIA-74HC2G17-Q100 Datasheet
721Kb / 19P
   Dual non-inverting Schmitt trigger
logo
NXP Semiconductors
74AHC1G14 NXP-74AHC1G14 Datasheet
105Kb / 15P
   Inverting Schmitt trigger
Rev. 06 ??18 May 2009
logo
Nexperia B.V. All right...
74AHC1G14 NEXPERIA-74AHC1G14 Datasheet
261Kb / 14P
   Inverting Schmitt trigger
Rev. 10 - 12 January 2022
XC7SET14 NEXPERIA-XC7SET14 Datasheet
227Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 14 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com