Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74CBTLVD3244 Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce 74CBTLVD3244
Description  8-bit level-shifting bus switch with 4-bit output enables
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74CBTLVD3244 Fiches technique(HTML) 8 Page - NXP Semiconductors

Back Button 74CBTLVD3244_15 Datasheet HTML 4Page - NXP Semiconductors 74CBTLVD3244_15 Datasheet HTML 5Page - NXP Semiconductors 74CBTLVD3244_15 Datasheet HTML 6Page - NXP Semiconductors 74CBTLVD3244_15 Datasheet HTML 7Page - NXP Semiconductors 74CBTLVD3244_15 Datasheet HTML 8Page - NXP Semiconductors 74CBTLVD3244_15 Datasheet HTML 9Page - NXP Semiconductors 74CBTLVD3244_15 Datasheet HTML 10Page - NXP Semiconductors 74CBTLVD3244_15 Datasheet HTML 11Page - NXP Semiconductors 74CBTLVD3244_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
74CBTLVD3244
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 16 December 2011
8 of 20
NXP Semiconductors
74CBTLVD3244
8-bit level-shifting bus switch with 4-bit output enables
Fig 12. Pass voltage versus supply voltage; Tamb = 40 C (typical)
VCC (V)
3.0
3.6
3.4
3.2
001aam106
1.90
Vpass
(V)
1.55
1.60
1.65
1.70
1.75
1.80
1.85
20
μA
100
μA
2 mA
4 mA


Numéro de pièce similaire - 74CBTLVD3244_15

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74CBTLVD3244BQ NEXPERIA-74CBTLVD3244BQ Datasheet
237Kb / 14P
   8-bit level-shifting bus switch with 4-bit output enables
74CBTLVD3244PW NEXPERIA-74CBTLVD3244PW Datasheet
237Kb / 14P
   8-bit level-shifting bus switch with 4-bit output enables
More results

Description similaire - 74CBTLVD3244_15

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74CBTLVD3244 NEXPERIA-74CBTLVD3244 Datasheet
237Kb / 14P
   8-bit level-shifting bus switch with 4-bit output enables
74CBTLVD3384 NEXPERIA-74CBTLVD3384 Datasheet
240Kb / 14P
   10-bit level-shifting bus switch with 5-bit output enables
logo
NXP Semiconductors
74CBTLVD3384 PHILIPS-74CBTLVD3384_15 Datasheet
255Kb / 20P
   10-bit level-shifting bus switch with 5-bit output enables
Rev. 2-16 December 2011
CBTD16210 PHILIPS-CBTD16210_15 Datasheet
89Kb / 10P
   20-bit level shifting bus switch with 10-bit output enables
2000 Oct 12
logo
Nexperia B.V. All right...
CBTD3384 NEXPERIA-CBTD3384 Datasheet
229Kb / 13P
   10-bit level shifting bus switch with 5-bit output enables
Rev. 10 - 12 March 2021
logo
NXP Semiconductors
CBTD16210 PHILIPS-CBTD16210 Datasheet
82Kb / 10P
   20-bit level shifting bus switch with 10-bit output enables
2000 Oct 12
CBTD3384 PHILIPS-CBTD3384 Datasheet
109Kb / 12P
   10-bit level shifting bus switch with 5-bit output enables
2001 Dec 20
CBTD3384 PHILIPS-CBTD3384_15 Datasheet
136Kb / 17P
   10-bit level shifting bus switch with 5-bit output enables
Rev. 8-12 December 2012
logo
Nexperia B.V. All right...
CBTD16210 NEXPERIA-CBTD16210 Datasheet
201Kb / 11P
   20-bit level shifting bus switch with 10-bit output enables
2000 Oct 12
logo
Integrated Circuit Syst...
CBTD16211 ICST-CBTD16211 Datasheet
77Kb / 10P
   24-bit level shifting bus exchange switch with 12-bit output enables
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com