Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74CBTLVD3244 Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce 74CBTLVD3244
Description  8-bit level-shifting bus switch with 4-bit output enables
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74CBTLVD3244 Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button 74CBTLVD3244_15 Datasheet HTML 2Page - NXP Semiconductors 74CBTLVD3244_15 Datasheet HTML 3Page - NXP Semiconductors 74CBTLVD3244_15 Datasheet HTML 4Page - NXP Semiconductors 74CBTLVD3244_15 Datasheet HTML 5Page - NXP Semiconductors 74CBTLVD3244_15 Datasheet HTML 6Page - NXP Semiconductors 74CBTLVD3244_15 Datasheet HTML 7Page - NXP Semiconductors 74CBTLVD3244_15 Datasheet HTML 8Page - NXP Semiconductors 74CBTLVD3244_15 Datasheet HTML 9Page - NXP Semiconductors 74CBTLVD3244_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
74CBTLVD3244
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 16 December 2011
6 of 20
NXP Semiconductors
74CBTLVD3244
8-bit level-shifting bus switch with 4-bit output enables
[1]
All typical values are measured at Tamb =25 C.
[2]
One input at 3 V, other inputs at VCC or GND.
9.1 Test circuits
IS(OFF)
OFF-state
leakage current
VCC = 3.6 V; see Figure 6
--
1-
20
A
IS(ON)
ON-state
leakage current
VCC = 3.6 V; see Figure 7
--
1-
20
A
IOFF
power-off
leakage current
VI or VO = 0 V to 3.6 V;
VCC =0V
--
10
-
50
A
ICC
supply current
VI = VCC; IO = 0 A; VCC =3.6 V;
VSW =GND or VCC
--
20
-
50
A
VI = GND; IO = 0 A;
VCC =3.6 V;
VSW =GND or VCC
-
-
100
-
150
A
I
CC
additional
supply current
pin nOE; VI =VCC  0.6 V;
VSW =GND or VCC;
VCC =3.6 V
[2]
-
-
300
-
2000
A
CI
input
capacitance
pin nOE; VCC = 3.3 V;
VI = 0 V to 3.3 V
-0.9
-
-
-
pF
CS(OFF)
OFF-state
capacitance
VCC = 3.3 V; VI = 0 V to 3.3 V
-
2.5
-
-
-
pF
CS(ON)
ON-state
capacitance
VCC = 3.3 V; VI = 0 V to 3.3 V
-
9.0
-
-
-
pF
Table 6.
Static characteristics …continued
At recommended operating conditions voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Tamb = 40 C to +85 C Tamb = 40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
VI = VCC or GND and VO = GND or VCC.VI = VCC or GND and VO = open circuit.
Fig 6.
Test circuit for measuring OFF-state leakage
current (one switch)
Fig 7.
Test circuit for measuring ON-state leakage
current (one switch)
001aam032
nBn
nOE
VIH
nAn
GND
VCC
Vl
VO
Is
A
Is
A
001aam033
nAn
nOE
VIL
nBn
GND
VCC
Vl
VO
Is
A


Numéro de pièce similaire - 74CBTLVD3244_15

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74CBTLVD3244BQ NEXPERIA-74CBTLVD3244BQ Datasheet
237Kb / 14P
   8-bit level-shifting bus switch with 4-bit output enables
74CBTLVD3244PW NEXPERIA-74CBTLVD3244PW Datasheet
237Kb / 14P
   8-bit level-shifting bus switch with 4-bit output enables
More results

Description similaire - 74CBTLVD3244_15

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74CBTLVD3244 NEXPERIA-74CBTLVD3244 Datasheet
237Kb / 14P
   8-bit level-shifting bus switch with 4-bit output enables
74CBTLVD3384 NEXPERIA-74CBTLVD3384 Datasheet
240Kb / 14P
   10-bit level-shifting bus switch with 5-bit output enables
logo
NXP Semiconductors
74CBTLVD3384 PHILIPS-74CBTLVD3384_15 Datasheet
255Kb / 20P
   10-bit level-shifting bus switch with 5-bit output enables
Rev. 2-16 December 2011
CBTD16210 PHILIPS-CBTD16210_15 Datasheet
89Kb / 10P
   20-bit level shifting bus switch with 10-bit output enables
2000 Oct 12
logo
Nexperia B.V. All right...
CBTD3384 NEXPERIA-CBTD3384 Datasheet
229Kb / 13P
   10-bit level shifting bus switch with 5-bit output enables
Rev. 10 - 12 March 2021
logo
NXP Semiconductors
CBTD16210 PHILIPS-CBTD16210 Datasheet
82Kb / 10P
   20-bit level shifting bus switch with 10-bit output enables
2000 Oct 12
CBTD3384 PHILIPS-CBTD3384 Datasheet
109Kb / 12P
   10-bit level shifting bus switch with 5-bit output enables
2001 Dec 20
CBTD3384 PHILIPS-CBTD3384_15 Datasheet
136Kb / 17P
   10-bit level shifting bus switch with 5-bit output enables
Rev. 8-12 December 2012
logo
Nexperia B.V. All right...
CBTD16210 NEXPERIA-CBTD16210 Datasheet
201Kb / 11P
   20-bit level shifting bus switch with 10-bit output enables
2000 Oct 12
logo
Integrated Circuit Syst...
CBTD16211 ICST-CBTD16211 Datasheet
77Kb / 10P
   24-bit level shifting bus exchange switch with 12-bit output enables
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com