Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74CBTLV16211 Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce 74CBTLV16211
Description  24-bit bus switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74CBTLV16211 Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button 74CBTLV16211_15 Datasheet HTML 7Page - NXP Semiconductors 74CBTLV16211_15 Datasheet HTML 8Page - NXP Semiconductors 74CBTLV16211_15 Datasheet HTML 9Page - NXP Semiconductors 74CBTLV16211_15 Datasheet HTML 10Page - NXP Semiconductors 74CBTLV16211_15 Datasheet HTML 11Page - NXP Semiconductors 74CBTLV16211_15 Datasheet HTML 12Page - NXP Semiconductors 74CBTLV16211_15 Datasheet HTML 13Page - NXP Semiconductors 74CBTLV16211_15 Datasheet HTML 14Page - NXP Semiconductors 74CBTLV16211_15 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
74CBTLV16211
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 15 December 2011
11 of 16
NXP Semiconductors
74CBTLV16211
24-bit bus switch
12. Package outline
Fig 16. Package outline SOT364-1 (TSSOP56)
UNIT
A1
A2
A3
bp
cD(1)
E(2)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.15
0.05
0.2
0.1
8
0
o
o
0.1
DIMENSIONS (mm are the original dimensions).
Notes
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic interlead protrusions of 0.25 mm maximum per side are not included.
SOT364-1
99-12-27
03-02-19
w M
θ
A
A1
A2
D
L p
Q
detail X
E
Z
e
c
L
X
(A )
3
0.25
128
56
29
y
pin 1 index
b
H
1.05
0.85
0.28
0.17
0.2
0.1
14.1
13.9
6.2
6.0
0.5
1
8.3
7.9
0.50
0.35
0.5
0.1
0.08
0.25
0.8
0.4
p
E
v M A
A
TSSOP56: plastic thin shrink small outline package; 56 leads; body width 6.1 mm
SOT364-1
A
max.
1.2
0
2.5
5 mm
scale
MO-153


Numéro de pièce similaire - 74CBTLV16211_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74CBTLV16211CGRDR TI-74CBTLV16211CGRDR Datasheet
303Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS SWITCH
74CBTLV16211CZRDR TI-74CBTLV16211CZRDR Datasheet
303Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS SWITCH
logo
Nexperia B.V. All right...
74CBTLV16211DGG NEXPERIA-74CBTLV16211DGG Datasheet
374Kb / 18P
   24-bit bus switch
74CBTLV16211DGG NEXPERIA-74CBTLV16211DGG Datasheet
373Kb / 18P
   24-bit bus switch
Rev. 7 - 9 November 2016
74CBTLV16211DGV NEXPERIA-74CBTLV16211DGV Datasheet
374Kb / 18P
   24-bit bus switch
More results

Description similaire - 74CBTLV16211_15

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FSLV16211 FAIRCHILD-FSLV16211 Datasheet
239Kb / 6P
   24-Bit Bus Switch
logo
Pericom Semiconductor C...
PI5C16211AEX PERICOM-PI5C16211AEX Datasheet
467Kb / 4P
   24-Bit Bus Switch
logo
ON Semiconductor
FST16211 ONSEMI-FST16211 Datasheet
392Kb / 9P
   24-Bit Bus Switch
Revised July 2002
logo
Nexperia B.V. All right...
74CBTLV1621 NEXPERIA-74CBTLV1621 Datasheet
374Kb / 18P
   24-bit bus switch
74CBTLV16211 NEXPERIA-74CBTLV16211 Datasheet
373Kb / 18P
   24-bit bus switch
Rev. 7 - 9 November 2016
logo
Fairchild Semiconductor
FST16211 FAIRCHILD-FST16211 Datasheet
287Kb / 8P
   24-Bit Bus Switch
logo
Texas Instruments
SN74CBT16211 TI-SN74CBT16211 Datasheet
68Kb / 5P
[Old version datasheet]   24-BIT BUS SWITCH
logo
Pericom Semiconductor C...
PI5C16211 PERICOM-PI5C16211 Datasheet
115Kb / 3P
   24-Bit Bus Switch
logo
Fairchild Semiconductor
FSLV16211 FAIRCHILD-FSLV16211_07 Datasheet
304Kb / 8P
   24-Bit Bus Switch
logo
ON Semiconductor
FSLV16211 ONSEMI-FSLV16211 Datasheet
431Kb / 9P
   24-Bit Bus Switch
October 2010 Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com