Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74CBTLV3861 Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce 74CBTLV3861
Description  10-bit bus switch with output enable
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74CBTLV3861 Fiches technique(HTML) 2 Page - NXP Semiconductors

  74CBTLV3861_15 Datasheet HTML 1Page - NXP Semiconductors 74CBTLV3861_15 Datasheet HTML 2Page - NXP Semiconductors 74CBTLV3861_15 Datasheet HTML 3Page - NXP Semiconductors 74CBTLV3861_15 Datasheet HTML 4Page - NXP Semiconductors 74CBTLV3861_15 Datasheet HTML 5Page - NXP Semiconductors 74CBTLV3861_15 Datasheet HTML 6Page - NXP Semiconductors 74CBTLV3861_15 Datasheet HTML 7Page - NXP Semiconductors 74CBTLV3861_15 Datasheet HTML 8Page - NXP Semiconductors 74CBTLV3861_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
74CBTLV3861
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 16 December 2011
2 of 18
NXP Semiconductors
74CBTLV3861
10-bit bus switch with output enable
3.
Ordering information
[1]
Also known as QSOP24 package
4.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature
range
Name
Description
Version
74CBTLV3861DK
40 C to +125 C SSOP24[1]
plastic shrink small outline package; 24 leads;
body width 3.9 mm; lead pitch 0.635 mm
SOT556-1
74CBTLV3861PW
40 C to +125 C TSSOP24
plastic thin shrink small outline package; 24 leads;
body width 4.4 mm
SOT355-1
74CBTLV3861BQ
40 C to +125 C DHVQFN24
plastic dual in-line compatible thermal enhanced very
thin quad flat package; no leads; 24 terminals;
body 3.5
 5.5  0.85 mm
SOT815-1
Fig 1.
Logic symbol
001aan142
A1
OE
B1
2
22
23
A2
B2
3
21
A3
B3
4
20
A4
B4
5
19
A5
B5
6
18
A6
B6
7
17
A7
B7
8
16
A8
B8
9
15
A9
B9
10
14
A10
B10
11
13
Fig 2.
Logic diagram (one switch)
001aan143
nB
nA
OE


Numéro de pièce similaire - 74CBTLV3861_15

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74CBTLV3861BQ NEXPERIA-74CBTLV3861BQ Datasheet
286Kb / 15P
   10-bit bus switch with output enable
Rev. 5 - 16 February 2021
logo
Integrated Device Techn...
74CBTLV3861PPG IDT-74CBTLV3861PPG Datasheet
228Kb / 5P
   LOW-VOLTAGE 10-BIT BUS SWITCH
74CBTLV3861PPG IDT-74CBTLV3861PPG Datasheet
95Kb / 5P
   LOW-VOLTAGE OCTAL BUS SWITCH
74CBTLV3861PPG8 IDT-74CBTLV3861PPG8 Datasheet
228Kb / 5P
   LOW-VOLTAGE 10-BIT BUS SWITCH
74CBTLV3861PPG8 IDT-74CBTLV3861PPG8 Datasheet
95Kb / 5P
   LOW-VOLTAGE OCTAL BUS SWITCH
More results

Description similaire - 74CBTLV3861_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74CBTLV3861 NXP-74CBTLV3861 Datasheet
165Kb / 18P
   10-bit bus switch with output enable
Rev. 3-16 December 2011
logo
Nexperia B.V. All right...
CBT3861 NEXPERIA-CBT3861 Datasheet
208Kb / 10P
   10-bit bus switch with output enable
Rev. 4 - 6 March 2019
74CBTLV3861 NEXPERIA-74CBTLV3861 Datasheet
286Kb / 15P
   10-bit bus switch with output enable
Rev. 5 - 16 February 2021
logo
NXP Semiconductors
CBT3861 NXP-CBT3861 Datasheet
316Kb / 14P
   10-bit bus switch with output enable
Rev. 1-19 August 2010
logo
Nexperia B.V. All right...
CBTD3861 NEXPERIA-CBTD3861 Datasheet
218Kb / 12P
   10-bit level shifting bus switch with output enable
Rev. 3 - 6 March 2019
74CBTLVD3861 NEXPERIA-74CBTLVD3861 Datasheet
240Kb / 14P
   10-bit level-shifting bus switch with output enable
Rev. 5 - 18 April 2019
logo
NXP Semiconductors
CBTD3861 NXP-CBTD3861 Datasheet
342Kb / 16P
   10-bit level shifting bus switch with output enable
Rev. 1-19 August 2010
74CBTLVD3861 PHILIPS-74CBTLVD3861_15 Datasheet
142Kb / 19P
   10-bit level-shifting bus switch with output enable
Rev. 4-14 December 2011
74CBTLV3245 PHILIPS-74CBTLV3245_15 Datasheet
163Kb / 18P
   8-bit bus switch with output enable
Rev. 2-15 December 2011
logo
Nexperia B.V. All right...
74CBTLV3245 NEXPERIA-74CBTLV3245 Datasheet
267Kb / 15P
   8-bit bus switch with output enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com