Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AXP1G06 Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce 74AXP1G06
Description  Low-power inverter with open-drain output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AXP1G06 Fiches technique(HTML) 5 Page - NXP Semiconductors

  74AXP1G06_15 Datasheet HTML 1Page - NXP Semiconductors 74AXP1G06_15 Datasheet HTML 2Page - NXP Semiconductors 74AXP1G06_15 Datasheet HTML 3Page - NXP Semiconductors 74AXP1G06_15 Datasheet HTML 4Page - NXP Semiconductors 74AXP1G06_15 Datasheet HTML 5Page - NXP Semiconductors 74AXP1G06_15 Datasheet HTML 6Page - NXP Semiconductors 74AXP1G06_15 Datasheet HTML 7Page - NXP Semiconductors 74AXP1G06_15 Datasheet HTML 8Page - NXP Semiconductors 74AXP1G06_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
74AXP1G06
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 15 January 2014
5 of 17
NXP Semiconductors
74AXP1G06
Low-power inverter with open-drain output
10. Static characteristics
[1]
All typical values are measured at VCC = 1.2 V.
Table 7.
Static characteristics
At recommended operating conditions, unless otherwise specified; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Tamb = 40 C to +85 C
Unit
Min
Typ 25
C Max 25 C Max 85 C
VIH
HIGH-level input
voltage
VCC = 0.75 V to 0.85 V
0.75VCC
--
-
V
VCC = 1.1 V to 1.95 V
0.65VCC
--
-
V
VCC = 2.3 V to 2.7 V
1.6
-
-
-
V
VIL
LOW-level input
voltage
VCC = 0.75 V to 0.85 V
-
-
0.25VCC
0.25VCC
V
VCC = 1.1 V to 1.95 V
-
-
0.35VCC
0.35VCC
V
VCC = 2.3 V to 2.7 V
-
-
0.7
0.7
V
VOL
LOW-level output
voltage
IO = 20 A; VCC = 0.7 V
-
0.01
-
-
V
IO = 100 A; VCC = 0.75 V
-
-
0.1
0.1
V
IO = 2 mA; VCC = 1.1 V
-
-
0.275
0.275
V
IO = 3 mA; VCC = 1.4 V
-
-
0.35
0.35
V
IO = 4.5 mA; VCC = 1.65 V
-
-
0.45
0.45
V
IO = 8 mA; VCC = 2.3 V
-
-
0.7
0.7
V
II
input leakage
current
VI = 0 V to 2.75 V;
VCC =0Vto2.75V
[1]
-0.001
0.1
0.5
A
IOZ
OFF-state output
current
VI = VIL; VO = 0 V to 2.75 V
[1]
-0.02
0.1
0.5
A
IOFF
power-off leakage
current
VI or VO = 0 V to 2.75 V;
VCC =0V
[1]
-0.01
0.1
0.5
A
I
OFF
additional power-off
leakage current
VI or VO = 0 V or 2.75 V;
VCC =0Vto0.1 V
[1]
-0.02
0.1
0.5
A
ICC
supply current
VI = 0 V or VCC; IO = 0 A
[1]
-0.01
0.3
0.6
A
I
CC
additional supply
current
VI = VCC  0.5 V; IO = 0 A;
VCC =2.5 V
-
2
100
150
A


Numéro de pièce similaire - 74AXP1G06_15

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AXP1G06GM NEXPERIA-74AXP1G06GM Datasheet
786Kb / 17P
   Low-power inverter with open-drain output
74AXP1G06GN NEXPERIA-74AXP1G06GN Datasheet
786Kb / 17P
   Low-power inverter with open-drain output
74AXP1G06GS NEXPERIA-74AXP1G06GS Datasheet
786Kb / 17P
   Low-power inverter with open-drain output
74AXP1G06GX NEXPERIA-74AXP1G06GX Datasheet
786Kb / 17P
   Low-power inverter with open-drain output
More results

Description similaire - 74AXP1G06_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AUP1G06 NXP-74AUP1G06 Datasheet
92Kb / 15P
   Low-power inverter with open-drain output
Rev. 04-10 June 2009
logo
Nexperia B.V. All right...
74AUP1G06 NEXPERIA-74AUP1G06 Datasheet
263Kb / 17P
   Low-power inverter with open-drain output
Rev. 10 - 13 January 2022
logo
NXP Semiconductors
74AUP1G06 PHILIPS-74AUP1G06 Datasheet
78Kb / 15P
   Low-power inverter with open-drain output
Rev. 02-24 August 2006
logo
Nexperia B.V. All right...
74AXP1G06 NEXPERIA-74AXP1G06 Datasheet
786Kb / 17P
   Low-power inverter with open-drain output
74AUP1G06-Q100 NEXPERIA-74AUP1G06-Q100 Datasheet
684Kb / 13P
   Low-power inverter with open-drain output
logo
NXP Semiconductors
74AUP1G06 PHILIPS-74AUP1G06_15 Datasheet
343Kb / 19P
   Low-power inverter with open-drain output
Rev. 7-28 June 2012
74AUP2G06 NXP-74AUP2G06 Datasheet
125Kb / 18P
   Low-power dual inverter with open-drain output
Rev. 4-6 December 2011
74AUP2G06 PHILIPS-74AUP2G06_15 Datasheet
198Kb / 18P
   Low-power dual inverter with open-drain output
Rev. 5-29 November 2012
logo
Nexperia B.V. All right...
74AUP2G06 NEXPERIA-74AUP2G06 Datasheet
247Kb / 15P
   Low-power dual inverter with open-drain output
Rev. 8 - 31 January 2022
logo
Leshan Radio Company
MC74VHC1G05 LRC-MC74VHC1G05 Datasheet
153Kb / 4P
   Inverter with Open Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com