Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AVCH16245 Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce 74AVCH16245
Description  16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AVCH16245 Fiches technique(HTML) 8 Page - NXP Semiconductors

Back Button 74AVCH16245_15 Datasheet HTML 4Page - NXP Semiconductors 74AVCH16245_15 Datasheet HTML 5Page - NXP Semiconductors 74AVCH16245_15 Datasheet HTML 6Page - NXP Semiconductors 74AVCH16245_15 Datasheet HTML 7Page - NXP Semiconductors 74AVCH16245_15 Datasheet HTML 8Page - NXP Semiconductors 74AVCH16245_15 Datasheet HTML 9Page - NXP Semiconductors 74AVCH16245_15 Datasheet HTML 10Page - NXP Semiconductors 74AVCH16245_15 Datasheet HTML 11Page - NXP Semiconductors 74AVCH16245_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
74AVCH16245
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 8 January 2013
8 of 16
NXP Semiconductors
74AVCH16245
16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
9.1 Graphs
10. Dynamic characteristics
Fig 4.
Output voltage as a function of the HIGH-level
output current.
Fig 5.
Output voltage as a function of the LOW-level
output current.
92+ 9



DDD



,2+
P$

9
9
9
92/ 9



DDD



,2/
P$

9
9
9
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 8.
Symbol
Parameter
Conditions
40 C to +85 C
Unit
Min
Typ[2]
Max
tpd
propagation delay
nAn to nBn; nBn to nAn; see Figure 6
[1]
VCC = 1.2 V
-
5.4
-
ns
VCC = 1.4 V to 1.6 V
-
3.1
-
ns
VCC = 1.65 V to 1.95 V
1.4
2.3
3.3
ns
VCC = 2.3 V to 2.7 V
0.5
1.6
2.2
ns
VCC = 3.0 V to 3.6 V
0.7
1.4
2.0
ns
ten
enable time
nOE to nAn, nBn; see Figure 7
[1]
VCC = 1.2 V
-
7.4
-
ns
VCC = 1.4 V to 1.6 V
-
6.4
-
ns
VCC = 1.65 V to 1.95 V
1.4
4.4
7.0
ns
VCC = 2.3 V to 2.7 V
1.0
2.8
4.3
ns
VCC = 3.0 V to 3.6 V
0.7
2.3
3.7
ns
tdis
disable time
nOE to nAn, nBn; see Figure 7
[1]
VCC = 1.2 V
-
7.3
-
ns
VCC = 1.4 V to 1.6 V
-
5.7
-
ns
VCC = 1.65 V to 1.95 V
2.2
4.2
7.0
ns
VCC = 2.3 V to 2.7 V
1.1
2.3
5.4
ns
VCC = 3.0 V to 3.6 V
1.2
2.5
3.9
ns


Numéro de pièce similaire - 74AVCH16245_15

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AVCH16245DGG NEXPERIA-74AVCH16245DGG Datasheet
745Kb / 16P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3 - 8 January 2013
More results

Description similaire - 74AVCH16245_15

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AVCH16245 NEXPERIA-74AVCH16245 Datasheet
745Kb / 16P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3 - 8 January 2013
logo
NXP Semiconductors
74AVC16245 PHILIPS-74AVC16245_15 Datasheet
134Kb / 15P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3-31 January 2013
74AVCH16245 PHILIPS-74AVCH16245 Datasheet
88Kb / 16P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
2000 Mar 07
logo
Nexperia B.V. All right...
74AVC16245-Q100 NEXPERIA-74AVC16245-Q100 Datasheet
760Kb / 15P
   16-bit transceiver with direction pin; 3.6 V tolerant 3-state
74AVC16245 NEXPERIA-74AVC16245 Datasheet
740Kb / 15P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3 - 31 January 2013
logo
NXP Semiconductors
74AVC16245 PHILIPS-74AVC16245 Datasheet
87Kb / 16P
   16-bit transceiver with direction pin; 3-state 3.6 V tolerant
1999 Nov 15
logo
Integrated Circuit Syst...
74LVC_LVCH16245A ICST-74LVC_LVCH16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
logo
Nexperia B.V. All right...
74LVC16245A-Q100 NEXPERIA-74LVC16245A-Q100 Datasheet
248Kb / 14P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
74LVCH16245A NEXPERIA-74LVCH16245A Datasheet
260Kb / 15P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 14 - 24 September 2021
logo
NXP Semiconductors
74LVC_LVCH16245A PHILIPS-74LVC_LVCH16245A_15 Datasheet
283Kb / 20P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 12-13 February 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com