Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPC-1251T-E3AE Fiches technique(PDF) 2 Page - Advantech Co., Ltd.

No de pièce TPC-1251T-E3AE
Description  12.1" TFT LED LCD Intel짰 Atom??Thin Client Terminal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ADVANTECH [Advantech Co., Ltd.]
Site Internet  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

TPC-1251T-E3AE Fiches technique(HTML) 2 Page - Advantech Co., Ltd.

  TPC-1251T-E3AE Datasheet HTML 1Page - Advantech Co., Ltd. TPC-1251T-E3AE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
TPC-1251T
Dimensions
Unit: mm
Application Software
Version : V2.1 or above
An innovative remote device management software,
allowing efficient remote monitoring, quick recovery &
backup, and real-time remote configuration, to create a
more intelligent and interconnected embedded computing
solution.
Version : V7.1 or above
WebAccess, as the core of Advantech’s IoT solution, is full
web browser-based software package for HMI and SCADA
software. All HMI and SCADA software features including:
Animated Graphics Displays, Real-time Data, Control,
Trends, Alarms and Logs, are available in a standard web
browser. WebAccess is built around the latest internet
technologies. With its open architecture, vertical domain
applications can easily be integrated.
Version : V2.0.3.8 or above
Panel Express, a windows based HMI mini SCADA, realizes
the cross platform flexibility offered by WebOP Designer
to switch hardware for the consideration of cost and
performance become an easy job. Panel Express software
provides the best economic and express solution for data
intensive high-end HMI applications.
Version : V2.0.3.8 or above
An easy to use integrated development tool featuring
solution-oriented screen objects, high-end graphics,
Windows fonts for multi-language applications. WebOP
runtime, a part of WebOP Designer, guarantees reliability
and performance because of the minimum system
overhead, high communication data rates, and sub-second
screen switching.
Ordering Information
ƒ
TPC-1251T-E3AE
12" XGA Panel PC, Intel® Atom™ E3827 1.75 GHz
Processor, 4GB (True-flat touch screen)
ƒ
TPC-1251H-E3AE
12" XGA Panel PC, Intel® Atom™ E3827 1.75 GHz
Processor, 4GB (Non-flat touch screen IP65 certified
traditional TPC front panel)
Accessories
ƒ
PWR-247-BE
63W DC 24V/2.62A Output Power Supply
ƒ
TPC-1251T-EHKE
HDD and iDoor extension kit
ƒ
1702002600
Power Cable US Plug 1.8 M
ƒ
1702002605
Power Cable EU Plug 1.8 M
ƒ
1702031801
Power Cable UK Plug 1.8 M
ƒ
1700000596
Power Cable China/Australia Plug 1.8 M
ƒ
TPC-1000H-WMKE
TPC VESA Mounting Kit from 10" to 17" TPC
ƒ
TPC-1000H-SMKE
TPC Stand kit from 10" to 17" TPC
Automation S/W & Embedded O/S
ƒ
2070013519
TPC-xx51T/H WS7P x64 MUI Image v4.12
ƒ
2070013613
TPC-xx51T/H WS7P x86 MUI Image v4.12
ƒ
2070013595
TPC-1251T/H WEC7 x64 MUI Image V4.00
ƒ
968WEXP003X
PanelExpress V2.0 300 tags S/W license
ƒ
968WEXP015X
PanelExpress V2.0 1500 tags S/W license
ƒ
968WEXP050X
PanelExpress V2.0 5000 tags S/W license
ƒ
968WEXP2USB
PanelExpress V2.0 S/W USB dongle
iDoor Modules (TPC-1251T-EHKE is required for iDoor modules)
ƒ
PCM-26D2CA
SJA1000 CANBus, CANOpen, DB9 x 2
ƒ
PCM-26D1PB
Hilscher netX100 FieldBus, ProfiBus, DB9 x 1
ƒ
PCM-27D24DI
Digital I/O, 16 DI / 8 DO, Isolation, DB37 x 1
ƒ
PCM-24D2R4
OXPCIe-952 UART, Isolated RS-422/485, DB9 x 2
ƒ
PCM-24D2R2
OXPCIe-952 UART, Isolated RS-232, DB9 x 2
ƒ
PCM-24R2GL
2 Port Giga LAN Intel i350 PCIe mini card
ƒ
PCM-24R1TP
Intel 82574L, GbE, IEEE 1588 PTP, RJ45 x 1
TPC-1251T Panel Cut-out Dimensions: 303 x 229 mm (11.93" x 9.02")
9
180
9
180


Numéro de pièce similaire - TPC-1251T-E3AE

FabricantNo de pièceFiches techniqueDescription
logo
Advantech Co., Ltd.
TPC-1251T-E3BE ADVANTECH-TPC-1251T-E3BE Datasheet
520Kb / 2P
   12" XGA TFT LED LCD Thin-Client Terminal with Intel® Atom™ Processor
12-Jul-2022
TPC-1251T-E3BU ADVANTECH-TPC-1251T-E3BU Datasheet
520Kb / 2P
   12" XGA TFT LED LCD Thin-Client Terminal with Intel® Atom™ Processor
12-Jul-2022
TPC-1251T-E3CE ADVANTECH-TPC-1251T-E3CE Datasheet
520Kb / 2P
   12" XGA TFT LED LCD Thin-Client Terminal with Intel® Atom™ Processor
12-Jul-2022
TPC-1251T-E3CU ADVANTECH-TPC-1251T-E3CU Datasheet
520Kb / 2P
   12" XGA TFT LED LCD Thin-Client Terminal with Intel® Atom™ Processor
12-Jul-2022
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com