Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ALVT16827 Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce 74ALVT16827
Description  20-bit buffer/line driver; non-inverting; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16827 Fiches technique(HTML) 5 Page - NXP Semiconductors

  74ALVT16827_15 Datasheet HTML 1Page - NXP Semiconductors 74ALVT16827_15 Datasheet HTML 2Page - NXP Semiconductors 74ALVT16827_15 Datasheet HTML 3Page - NXP Semiconductors 74ALVT16827_15 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16827_15 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16827_15 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16827_15 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16827_15 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16827_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
9397 750 15122
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 2 June 2005
5 of 16
Philips Semiconductors
74ALVT16827
20-bit buffer/line driver; non-inverting; 3-state
7.
Functional description
7.1 Function table
[1]
X = don’t care;
Z = High-impedance OFF-state;
H = HIGH voltage level;
L = LOW voltage level.
8.
Limiting values
2A2
40
data input
2A1
41
data input
2A0
42
data input
1A9
43
data input
1A8
44
data input
1A7
45
data input
GND
46
ground (0 V)
1A6
47
data input
1A5
48
data input
1A4
49
data input
VCC
50
positive voltage supply
1A3
51
data input
1A2
52
data input
GND
53
ground (0 V)
1A1
54
data input
1A0
55
data input
1OE1
56
output enable input (active-LOW)
Table 3:
Pin description …continued
Symbol
Pin
Description
Table 4:
Function table [1]
Input
Output
Operating mode
nOEx
nAx
nYx
LLLtransparent
L
H
H
transparent
H
X
Z
High-impedance
Table 5:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). [1] Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+7.0
V
IIK
input diode current
VI < 0 V
−18
-
mA
VI
input voltage
[2]
−1.2
+7.0
V
IOK
output diode current
VO < 0 V
−50
-
mA


Numéro de pièce similaire - 74ALVT16827_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ALVT16827DGG PHILIPS-74ALVT16827DGG Datasheet
82Kb / 10P
   2.5V/3.3V ALVT 20-bit buffer/line driver, non-inverting 3-State
1998 Feb 13
logo
Nexperia B.V. All right...
74ALVT16827DGG NEXPERIA-74ALVT16827DGG Datasheet
201Kb / 14P
   20-bit buffer/line driver; non-inverting; 3-state
Rev. 4 - 24 January 2018
logo
NXP Semiconductors
74ALVT16827DL PHILIPS-74ALVT16827DL Datasheet
82Kb / 10P
   2.5V/3.3V ALVT 20-bit buffer/line driver, non-inverting 3-State
1998 Feb 13
More results

Description similaire - 74ALVT16827_15

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74ALVT16827 NEXPERIA-74ALVT16827 Datasheet
201Kb / 14P
   20-bit buffer/line driver; non-inverting; 3-state
Rev. 4 - 24 January 2018
74ALVCH16827 NEXPERIA-74ALVCH16827 Datasheet
189Kb / 13P
   20-bit buffer/line driver, non-inverting; 3-state
Rev. 3 - 6 April 2018
logo
NXP Semiconductors
74ABT16827A PHILIPS-74ABT16827A Datasheet
73Kb / 10P
   20-bit buffer/line driver, non-inverting 3-State
1998 Feb 27
74ALVCH16827 PHILIPS-74ALVCH16827 Datasheet
72Kb / 10P
   20-bit buffer/line driver, non-inverting 3-State
1998 Jul 27
74F827 NXP-74F827 Datasheet
88Kb / 13P
   10-bit buffer/line driver; non-inverting; 3-state
Rev. 04-29 January 2010
74ABT827 NXP-74ABT827 Datasheet
93Kb / 14P
   10-bit buffer/line driver; non-inverting; 3-state
Rev. 03-24 February 2010
74ABT827 PHILIPS-74ABT827 Datasheet
97Kb / 11P
   10-bit buffer/line driver, non-inverting 3-State
1998 Jan 16
74ABT16825A PHILIPS-74ABT16825A Datasheet
75Kb / 10P
   18-bit buffer/line driver; non-inverting 3-State
1998 Feb 25
74F827 PHILIPS-74F827 Datasheet
97Kb / 12P
   10-bit buffer/line driver, non-inverting 3-State
1994 Dec 5
74ALVT16827 PHILIPS-74ALVT16827 Datasheet
82Kb / 10P
   2.5V/3.3V ALVT 20-bit buffer/line driver, non-inverting 3-State
1998 Feb 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com