Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAX1901 Fiches technique(PDF) 27 Page - Maxim Integrated Products

No de pièce MAX1901
Description  500kHz Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1901 Fiches technique(HTML) 27 Page - Maxim Integrated Products

Back Button MAX1901 Datasheet HTML 23Page - Maxim Integrated Products MAX1901 Datasheet HTML 24Page - Maxim Integrated Products MAX1901 Datasheet HTML 25Page - Maxim Integrated Products MAX1901 Datasheet HTML 26Page - Maxim Integrated Products MAX1901 Datasheet HTML 27Page - Maxim Integrated Products MAX1901 Datasheet HTML 28Page - Maxim Integrated Products MAX1901 Datasheet HTML 29Page - Maxim Integrated Products MAX1901 Datasheet HTML 30Page - Maxim Integrated Products MAX1901 Datasheet HTML 31Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
500kHz Multi-Output, Low-Noise Power-Supply
Controllers for Notebook Computers
______________________________________________________________________________________
27
performance. In most applications, the circuit will be
located on a multilayer board, and full use of the four or
more copper layers is recommended. Use the top layer
for high-current connections, the bottom layer for quiet
connections (REF, SS, GND), and the inner layers for
an uninterrupted ground plane. Use the following step-
by-step guide:
1) Place the high-power components (Figure 1, C1, C3,
C4, Q1, Q2, L1, and R1) first, with their grounds
adjacent.
• Priority 1: Minimize current-sense resistor trace
lengths and ensure accurate current sensing with
Kelvin connections (Figure 9).
• Priority 2: Minimize ground trace lengths in the
high-current paths (discussed below).
• Priority 3: Minimize other trace lengths in the high
current paths.
Use >5mm-wide traces
CIN to high-side MOSFET drain: 10mm max
length
Rectifier diode cathode to low-side MOSFET:
5mm max length
LX node (MOSFETs, rectifier cathode, inductor):
15mm max length
Ideally, surface-mount power components are butted up
to one another with their ground terminals almost touch-
ing. These high-current grounds are then connected to
each other with a wide filled zone of top-layer copper so
they don’t go through vias. The resulting top layer “sub-
ground-plane” is connected to the normal inner-layer
ground plane at the output ground terminals, which
ensures that the IC’s analog ground is sensing at the sup-
ply’s output terminals without interference from IR drops
and ground noise. Other high-current paths should also
be minimized, but focusing primarily on short ground and
current-sense connections eliminates about 90% of all PC
board layout problems.
2) Place the IC and signal components. Keep the main
switching nodes (LX nodes) away from sensitive
analog components (current-sense traces and REF
capacitor). Place the IC and analog components on
the opposite side of the board from the power-
switching node. Important: the IC must be no more
than 10mm from the current-sense resistors. Keep
the gate-drive traces (DH_, DL_, and BST_) shorter
than 20mm and route them away from CSH_, CSL_,
and REF.
3) Use a single-point star ground where the input
ground trace, power ground (sub-ground-plane), and
normal ground plane meet at the supply’s output
ground terminal. Connect both IC ground pins and all
IC bypass capacitors to the normal ground plane.
MAX1901/MAX1902/MAX1904
SENSE RESISTOR
HIGH-CURRENT PATH
Figure 9. Kelvin Connections for the Current-Sense Resistors


Numéro de pièce similaire - MAX1901

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX190 MAXIM-MAX190 Datasheet
1,010Kb / 28P
   Low-Power, 12-Bit Sampling ADCs with Internal Reference and Power-Down
Rev 2; 4/93
MAX19000 MAXIM-MAX19000 Datasheet
1Mb / 19P
   Fully Assembled and Tested
Rev 0; 12/09
MAX19000EVKIT MAXIM-MAX19000EVKIT Datasheet
1Mb / 19P
   Fully Assembled and Tested
Rev 0; 12/09
MAX19000EVKIT++ MAXIM-MAX19000EVKIT+ Datasheet
1Mb / 19P
   Fully Assembled and Tested
Rev 0; 12/09
MAX19005 MAXIM-MAX19005 Datasheet
2Mb / 25P
   Quad, Ultra-Low-Power, 200Mbps ATE Drivers/Comparators
19-6092; Rev 0; 12/11
More results

Description similaire - MAX1901

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX1630 MAXIM-MAX1630_05 Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 4; 8/05
MAX1632AEAI MAXIM-MAX1632AEAI Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 1; 8/05
MAX1630 MAXIM-MAX1630 Datasheet
237Kb / 28P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
19-0480; Rev 3; 4/97
MAX1630A MAXIM-MAX1630A Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
19-3518; Rev 1; 8/05
logo
Semtech Corporation
SC1402 SEMTECH-SC1402 Datasheet
270Kb / 18P
   Multi-Output, Low-Noise Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
MAX1533A MAXIM-MAX1533A Datasheet
1Mb / 38P
   High-Efficiency, 5x Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 4/06
logo
Renesas Technology Corp
ISL6236 RENESAS-ISL6236 Datasheet
3Mb / 36P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003ETJ MAXIM-MAX17003ETJ Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 3/07
logo
Intersil Corporation
ISL6236A INTERSIL-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com