Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ALVC244 Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce 74ALVC244
Description  Octal buffer/line driver; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC244 Fiches technique(HTML) 3 Page - NXP Semiconductors

  74ALVC244_15 Datasheet HTML 1Page - NXP Semiconductors 74ALVC244_15 Datasheet HTML 2Page - NXP Semiconductors 74ALVC244_15 Datasheet HTML 3Page - NXP Semiconductors 74ALVC244_15 Datasheet HTML 4Page - NXP Semiconductors 74ALVC244_15 Datasheet HTML 5Page - NXP Semiconductors 74ALVC244_15 Datasheet HTML 6Page - NXP Semiconductors 74ALVC244_15 Datasheet HTML 7Page - NXP Semiconductors 74ALVC244_15 Datasheet HTML 8Page - NXP Semiconductors 74ALVC244_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
2003 Sep 08
3
Philips Semiconductors
Product specification
Octal buffer/line driver; 3-state
74ALVC244
FUNCTION TABLE
See note 1.
Note
1. H = HIGH voltage level;
L = LOW voltage level;
X = don’t care;
Z = high-impedance OFF-state.
ORDERING INFORMATION
INPUT
OUTPUT
nOE
nAn
nYn
LLL
LH
H
HX
Z
TYPE NUMBER
PACKAGE
TEMPERATURE
RANGE
PINS
PACKAGE
MATERIAL
CODE
74ALVC244D
−40 to +85 °C
20
SO20
plastic
SOT163-1
74ALVC244PW
−40 to +85 °C
20
TSSOP20
plastic
SOT360-1
74ALVC244BQ
−40 to +85 °C
20
DHVQFN20
plastic
SOT764-1
PINNING
PIN
SYMBOL
DESCRIPTION
11OE
output enable input (active LOW)
2
1A0
data input
3
2Y0
bus output
4
1A1
data input
5
2Y1
bus output
6
1A2
data input
7
2Y2
bus output
8
1A3
data input
9
2Y3
bus output
10
GND
ground (0 V)
11
2A3
data input
12
1Y3
bus output
13
2A2
data input
14
1Y2
bus output
15
2A1
data input
16
1Y1
bus output
17
2A0
data input
18
1Y0
bus output
19
2OE
output enable input (active LOW)
20
VCC
supply voltage
PIN
SYMBOL
DESCRIPTION


Numéro de pièce similaire - 74ALVC244_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ALVC244BQ PHILIPS-74ALVC244BQ Datasheet
90Kb / 15P
   Octal buffer/line driver; 3-state
2003 Sep 08
logo
Nexperia B.V. All right...
74ALVC244BQ NEXPERIA-74ALVC244BQ Datasheet
249Kb / 14P
   Octal buffer/line driver; 3-state
Rev. 5 - 30 April 2021
logo
NXP Semiconductors
74ALVC244D PHILIPS-74ALVC244D Datasheet
90Kb / 15P
   Octal buffer/line driver; 3-state
2003 Sep 08
logo
Nexperia B.V. All right...
74ALVC244D NEXPERIA-74ALVC244D Datasheet
249Kb / 14P
   Octal buffer/line driver; 3-state
Rev. 5 - 30 April 2021
logo
NXP Semiconductors
74ALVC244PW PHILIPS-74ALVC244PW Datasheet
90Kb / 15P
   Octal buffer/line driver; 3-state
2003 Sep 08
More results

Description similaire - 74ALVC244_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74LVC244APW-T NXP-74LVC244APW-T Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
logo
Nexperia B.V. All right...
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
   Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
   Octal buffer/line driver; 3-state
74VHC244 NEXPERIA-74VHC244 Datasheet
608Kb / 16P
   Octal buffer/line driver; 3-state
74VHC541-Q100 NEXPERIA-74VHC541-Q100 Datasheet
714Kb / 17P
   Octal buffer/line driver; 3-state
74HC541-Q100 NEXPERIA-74HC541-Q100 Datasheet
742Kb / 17P
   Octal buffer/line driver; 3-state
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
   Octal buffer/line driver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com