Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AHC_AHCT573 Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce 74AHC_AHCT573
Description  Octal D-type transparant latch; 3-state
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC_AHCT573 Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button 74AHC_AHCT573_15 Datasheet HTML 5Page - NXP Semiconductors 74AHC_AHCT573_15 Datasheet HTML 6Page - NXP Semiconductors 74AHC_AHCT573_15 Datasheet HTML 7Page - NXP Semiconductors 74AHC_AHCT573_15 Datasheet HTML 8Page - NXP Semiconductors 74AHC_AHCT573_15 Datasheet HTML 9Page - NXP Semiconductors 74AHC_AHCT573_15 Datasheet HTML 10Page - NXP Semiconductors 74AHC_AHCT573_15 Datasheet HTML 11Page - NXP Semiconductors 74AHC_AHCT573_15 Datasheet HTML 12Page - NXP Semiconductors 74AHC_AHCT573_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
74AHC_AHCT573
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 8 November 2011
9 of 19
NXP Semiconductors
74AHC573; 74AHCT573
Octal D-type transparant latch; 3-state
[1]
Typical values are measured at nominal supply voltage (VCC = 3.3 V and VCC = 5.0 V).
[2]
tpd is the same as tPHL and tPLH.
[3]
ten is the same as tPZH and tPZL.
[4]
tdis is the same as tPHZ and tPLZ.
[5]
CPD is used to determine the dynamic power dissipation (PD in W).
PD =CPD  VCC2  fi  N+ (CL  VCC2  fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
(C
L  VCC
2
 f
o) = sum of the outputs.
th
hold time
Dn to LE; see Figure 10
VCC = 3.0 V to 3.6 V
1.5
-
-
1.5
-
1.5
-
ns
VCC = 4.5 V to 5.5 V
1.5
-
-
1.5
-
1.5
-
ns
CPD
power
dissipation
capacitance
fi = 1 MHz;
VI =GND to VCC
[5]
-12
-
-
-
-
-
pF
74AHCT573; VCC = 4.5 V to 5.5 V
tpd
propagation
delay
Dn to Qn; see Figure 7
[2]
CL = 15 pF
-
3.5
5.5
1
6.5
1
7.0
ns
CL = 50 pF
-
4.9
7.5
1
8.5
1
9.5
ns
LE to Qn; see Figure 8
[2]
CL = 15 pF
-
3.9
6.0
1
7.0
1
7.5
ns
CL = 50 pF
-
5.5
8.5
1
9.5
1
11.0
ns
ten
enable time
OE to Qn; see Figure 9
[3]
CL = 15 pF
-
4.1
6.5
1
7.5
1
8.5
ns
CL = 50 pF
-
5.9
8.5
1
10.0
1
11.0
ns
tdis
disable time
OE to Qn; see Figure 9
[4]
CL = 15 pF
-
4.5
6.5
1
7.5
1
8.5
ns
CL = 50 pF
-
6.4
9.0
1
10.0
1
11.5
ns
tW
pulse width
LE HIGH; see Figure 8
5.0
-
-
5.0
-
5.0
-
ns
tsu
set-up time
Dn to LE; see Figure 10
3.5
-
-
3.5
-
3.5
-
ns
th
hold time
Dn to LE; see Figure 10
1.5
-
-
1.5
-
1.5
-
ns
CPD
power
dissipation
capacitance
fi = 1 MHz;
VI =GND to VCC
[5]
-18
-
-
-
-
-
pF
Table 7.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 11.
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ[1] Max
Min
Max
Min
Max


Numéro de pièce similaire - 74AHC_AHCT573_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHC_AHCT594 PHILIPS-74AHC_AHCT594_15 Datasheet
132Kb / 22P
   8-bit shift register with output register
Rev. 02-9 June 2008
74AHC_AHCT595 PHILIPS-74AHC_AHCT595_15 Datasheet
247Kb / 22P
   74AHC_AHCT595_15
Rev. 5-4 July 2012
More results

Description similaire - 74AHC_AHCT573_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHC573 NXP-74AHC573_10 Datasheet
175Kb / 19P
   Octal D-type transparant latch; 3-state
Rev. 05-25 March 2010
logo
Nexperia B.V. All right...
74AHC373 NEXPERIA-74AHC373 Datasheet
232Kb / 13P
   Octal D-type transparant latch; 3-state
Rev. 4 - 5 March 2019
logo
NXP Semiconductors
74AHC373 NXP-74AHC373_08 Datasheet
107Kb / 17P
   Octal D-type transparant latch; 3-state
Rev. 03-20 May 2008
74AHC_AHCT373 PHILIPS-74AHC_AHCT373_15 Datasheet
107Kb / 17P
   Octal D-type transparant latch; 3-state
Rev. 03-20 May 2008
logo
Nexperia B.V. All right...
74AHC573-Q100 NEXPERIA-74AHC573-Q100 Datasheet
732Kb / 19P
   Octal D-type transparant latch 3-state
logo
Fairchild Semiconductor
MM74HC573 FAIRCHILD-MM74HC573 Datasheet
88Kb / 8P
   3-STATE Octal D-Type Latch
logo
KODENSHI_AUK CORP.
KK74VHCT373 KODENSHI-KK74VHCT373 Datasheet
317Kb / 8P
   Octal d-type latch (3-state)
logo
ON Semiconductor
MM74HCT373 ONSEMI-MM74HCT373 Datasheet
230Kb / 12P
   3-STATE Octal D-Type Latch
Revised May 2005
logo
Fairchild Semiconductor
MM74HC373 FAIRCHILD-MM74HC373_05 Datasheet
101Kb / 8P
   3-STATE Octal D-Type Latch
logo
Integral Corp.
IN74VHCT373 INTEGRAL-IN74VHCT373 Datasheet
302Kb / 8P
   Octal d-type latch (3-state)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com