Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MJWI25 Fiches technique(PDF) 5 Page - Minmax Technology Co., Ltd.

No de pièce MJWI25
Description  fully regulated output voltage
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MINMAX [Minmax Technology Co., Ltd.]
Site Internet  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MJWI25 Fiches technique(HTML) 5 Page - Minmax Technology Co., Ltd.

  MJWI25 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MJWI25 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MJWI25 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MJWI25 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MJWI25 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MJWI25 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MJWI25 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MJWI25 Datasheet HTML 8Page - Minmax Technology Co., Ltd. MJWI25 Datasheet HTML 9Page - Minmax Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MJWI25 SERIES
DC/DC CONVERTER 25W, Highest Power Density
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2015/05/22 REV:3
Page 5 of 10
®
Efficiency Curve @25
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
9V
24V
36V
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
9V
24V
36V
MJWI25-24S033 Efficiency vs Load Current
MJWI25-24S05 Efficiency vs Load Current
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
9V
24V
36V
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
9V
24V
36V
MJWI25-24S12 Efficiency vs Load Current
MJWI25-24S15 Efficiency vs Load Current
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
9V
24V
36V
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
9V
24V
36V
MJWI25-24D12 Efficiency vs Load Current
MJWI25-24D15 Efficiency vs Load Current
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
18V
48V
75V
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
18V
48V
75V
MJWI25-48S033 Efficiency vs Load Current
MJWI25-48S05 Efficiency vs Load Current


Numéro de pièce similaire - MJWI25

FabricantNo de pièceFiches techniqueDescription
logo
Minmax Technology Co., ...
MJWI25-24D15 MINMAX-MJWI25-24D15 Datasheet
374Kb / 10P
   DC/DC CONVERTER 25W, Highest Power Density 1
logo
Total Power Internation...
MJWI25-24D15 TOTAL-POWER-MJWI25-24D15 Datasheet
539Kb / 10P
   Highest Power Density
More results

Description similaire - MJWI25

FabricantNo de pièceFiches techniqueDescription
logo
Minmax Technology Co., ...
MFW03 MINMAX-MFW03 Datasheet
601Kb / 5P
   fully regulated output voltage
MIDER03-HI MINMAX-MIDER03-HI Datasheet
591Kb / 4P
   fully regulated output voltage
MIE03-HI MINMAX-MIE03-HI Datasheet
733Kb / 4P
   fully regulated output voltage
MIE06-HI MINMAX-MIE06-HI Datasheet
728Kb / 4P
   fully regulated output voltage
MIW10 MINMAX-MIW10 Datasheet
533Kb / 5P
   fully regulated output voltage
MKE20-HI MINMAX-MKE20-HI Datasheet
409Kb / 5P
   fully regulated output voltage
MFW02 MINMAX-MFW02 Datasheet
407Kb / 5P
   fully regulated output voltage
MJWI15 MINMAX-MJWI15 Datasheet
502Kb / 10P
   fully regulated output voltage
MKE15-HI MINMAX-MKE15-HI Datasheet
418Kb / 5P
   fully regulated output voltage
MIEI03-HI MINMAX-MIEI03-HI Datasheet
713Kb / 4P
   fully regulated output voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com