Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAX1582 Fiches technique(PDF) 4 Page - Maxim Integrated Products

No de pièce MAX1582
Description  High-Efficiency, 26V Step-Up Converter for White LED Main and Subdisplay Backlighting
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1582 Fiches technique(HTML) 4 Page - Maxim Integrated Products

  MAX1582 Datasheet HTML 1Page - Maxim Integrated Products MAX1582 Datasheet HTML 2Page - Maxim Integrated Products MAX1582 Datasheet HTML 3Page - Maxim Integrated Products MAX1582 Datasheet HTML 4Page - Maxim Integrated Products MAX1582 Datasheet HTML 5Page - Maxim Integrated Products MAX1582 Datasheet HTML 6Page - Maxim Integrated Products MAX1582 Datasheet HTML 7Page - Maxim Integrated Products MAX1582 Datasheet HTML 8Page - Maxim Integrated Products MAX1582 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
40
60
50
80
70
90
100
010
515
20
EFFICIENCY vs. LED CURRENT
(vs. NUMBER of LEDs)
LED CURRENT (mA)
2 LEDs
4 LEDs
6 LEDs
40
60
50
80
70
90
100
010
515
20
EFFICIENCY vs. LED CURRENT
(vs. INPUT VOLTAGE)
LED CURRENT (mA)
4.2 VIN
3.6 VIN
2.7 VIN
40
60
50
80
70
90
100
010
515
20
EFFICIENCY vs. LED CURRENT
(vs. INDUCTANCE)
LED CURRENT (mA)
10
µH
4.7
µH
47
µH
22
µH
0
10
5
15
30
35
25
20
40
0
10152025
5
3035404550
INPUT RIPPLE vs. INDUCTANCE
INDUCTANCE (
µH)
0
1
2
4
5
3
6
0
2345
1
6
789
10
INPUT RIPPLE SPECTRUM
FREQUENCY (MHz)
0
5
10
20
15
25
0
20304050
10
60 70 80 90 100
LED CURRENT vs. DIRECT-PWM
DIMMING DUTY CYCLE
DIRECT-PWM DIMMING DUTY CYCLE (%)
VCTRL = SQUARE WAVE
200Hz < FREQ < 200kHz
Typical Operating Characteristics
(See the Typical Applications Circuit, VV+ = VVP = 3.6V, ILED = 15mA, L1 = 22µH, COUT1 = 0.1µF, CCOMP = 0.022µF, RSENSE = 7.5
Ω,
VCTRL = 1.5V, 4 LEDs, TA = +25°C, unless otherwise noted.)
High-Efficiency, 26V Step-Up Converter
for White LED Main and Subdisplay Backlighting
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VV+ = +3.0V, VOUT1 = +20V, L1 = 22µH, COUT = 0.1µF, CCOMP = 0.022µF, RSENSE = 7.5
Ω, VCTRL = +1.5V, EN1 = EN2 = V+, TA =
-40°C to +85°C, unless otherwise noted.) (Notes 1, 3)
PARAMETER
CONDITIONS
MIN
MAX
UNITS
Maximum Duty Cycle
CTRL = V+, CS = GND
91
%
N-CHANNEL SWITCH
LX On-Resistance
2.25
LX Current Limit
Duty cycle = 90%
450
950
mA
Note 1: Limits are 100% production tested at TA = +25°C for UCSP parts. Limits over the entire operating temperature range are
guaranteed by design and characterization but are not production tested.
Note 2: The minimum output voltage is the input voltage minus the forward voltage drop of the Schottky diode:
VOUT(MIN) = VV+ - VDIODE
Note 3: Specifications to -40°C are guaranteed by design and not production tested.


Numéro de pièce similaire - MAX1582

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX1583 MAXIM-MAX1583 Datasheet
133Kb / 5P
   MAX1583 Evaluation Kit
Rev 0; 4/04
MAX1583EVKIT MAXIM-MAX1583EVKIT Datasheet
133Kb / 5P
   MAX1583 Evaluation Kit
Rev 0; 4/04
MAX1584 MAXIM-MAX1584 Datasheet
632Kb / 29P
   5-Channel Slim DSC Power Supplies
19-2883; Rev 0; 7/03
MAX1584-MAX1585 MAXIM-MAX1584-MAX1585 Datasheet
632Kb / 29P
   5-Channel Slim DSC Power Supplies
19-2883; Rev 0; 7/03
MAX1584ETJ MAXIM-MAX1584ETJ Datasheet
632Kb / 29P
   5-Channel Slim DSC Power Supplies
19-2883; Rev 0; 7/03
More results

Description similaire - MAX1582

FabricantNo de pièceFiches techniqueDescription
logo
Will Semiconductor Ltd.
WD3131E WILLSEMI-WD3131E Datasheet
394Kb / 14P
   High Efficiency, 26V Step-Up White LED Driver
logo
Maxim Integrated Produc...
MAX1561 MAXIM-MAX1561 Datasheet
245Kb / 10P
   High-Efficiency, 26V Step-Up Converters for Two to Six White LEDs
19-2731; Rev 1; 10/03
logo
Eutech Microelectronics...
EUP2520 EUTECH-EUP2520 Datasheet
652Kb / 13P
   Dual Output Step-Up Converter for White LED Backlighting and OLED Display Power Supply
logo
Anpec Electronics Corop...
APW7207 ANPEC-APW7207_12 Datasheet
392Kb / 18P
   1MHz, High-Efficiency, Step-Up Converter for White LEDs
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
   Step-Up Converter for White LED Applications
LM3502 NSC-LM3502_06 Datasheet
924Kb / 18P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3557 TI1-LM3557 Datasheet
944Kb / 19P
[Old version datasheet]   Step-Up Converter for White LED Applications
LM3502 TI1-LM3502 Datasheet
1Mb / 28P
[Old version datasheet]   Step-Up Converter for White LED Applications
logo
Minilogic Device Corpor...
ML0308 MINILOGIC-ML0308_1 Datasheet
357Kb / 9P
   Tiny Package, High Efficiency, White LED Driver and Step-up DC/DC Converter
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
   Step-Up Converter for White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com