Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAX1570 Fiches technique(PDF) 1 Page - Maxim Integrated Products

No de pièce MAX1570
Description  White LED Current Regulator with 1x/1.5x High-Efficiency Charge Pump
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1570 Fiches technique(HTML) 1 Page - Maxim Integrated Products

  MAX1570 Datasheet HTML 1Page - Maxim Integrated Products MAX1570 Datasheet HTML 2Page - Maxim Integrated Products MAX1570 Datasheet HTML 3Page - Maxim Integrated Products MAX1570 Datasheet HTML 4Page - Maxim Integrated Products MAX1570 Datasheet HTML 5Page - Maxim Integrated Products MAX1570 Datasheet HTML 6Page - Maxim Integrated Products MAX1570 Datasheet HTML 7Page - Maxim Integrated Products MAX1570 Datasheet HTML 8Page - Maxim Integrated Products MAX1570 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
General Description
The MAX1570 fractional charge pump drives up to five
white LEDs with regulated constant current for uniform
intensity. The MAX1570 maintains the highest possible
efficiency over the full 1-cell lithium-ion (Li+) battery
input voltage range by utilizing a 1x/1.5x fractional
charge pump and very-low-dropout current regulators.
The MAX1570 operates with 1MHz fixed-frequency
switching, allowing for tiny external components. The
regulation scheme is optimized to ensure low EMI and
low input ripple.
An external resistor sets the full-scale LED current,
while two digital inputs control on/off and select
between three levels of brightness. A pulse-width mod-
ulation (PWM) signal can also be used to modulate LED
brightness.
The MAX1570 is available in 16-pin 4mm 4mm Thin
QFN packaging (0.8mm max height).
Applications
White LED Backlighting
Cell Phones and Smart Phones
PDA and Palmtop Computers
Portable MP3 Players
Digital Cameras and Camcorders
Features
o Excellent 0.3% LED-to-LED Current Matching
o 30mA/LED Drive Capability
o Proprietary 1x/1.5x Modes for Ultra-High
Efficiency
o Low Input Ripple and EMI
o Eliminates Ballast Resistors
o Digital or PWM LED Dimming Control
o 0.1µA Shutdown Current
o 2.7V to 5.5V Supply Voltage Range
o Soft-Start Limits Inrush Current
o Thermal-Shutdown Protection
o No External Inductor, Schottky, or Zener Diode
Required
o Tiny 16-Pin 4mm 4mm Thin QFN Package
White LED Current Regulator with 1x/1.5x
High-Efficiency Charge Pump
________________________________________________________________ Maxim Integrated Products
1
16
15
14
13
9
10
11
12
SET
EN1
PGND
C1N
4
3
2
1
LED5
GND
EN2
C1P
56
7
8
LED4 LED3 LED2 LED1
MAX1570
C2N OUT C2P IN
THIN QFN
(4mm x 4mm)
Pin Configuration
Ordering Information
LED1
LED2
LED3
LED4
LED5
4.7
µF
PGND
GND
C1P
C1N C2P
C2N
1
µF1µF
EN1
EN2
SET
IN
RSET
1
µF
2.7V TO 5.5V
ON/OFF
AND
DIMMING
1x/1.5x
REGULATING CHARGE PUMP
REFERENCE
AND
CONTROL
LOW-DROPOUT
CURRENT
REGULATORS
MAX1570
OUT
Typical Operating Circuit
19-2526; Rev 0; 7/02
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX1570ETE
-40°C to +85°C
16 Thin QFN


Numéro de pièce similaire - MAX1570

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX157 MAXIM-MAX157 Datasheet
169Kb / 12P
   Dual-Channel CardBus and PCMCIA VCC/VPP Power-Switching Networks
19-1388; Rev 0; 11/98
MAX157 MAXIM-MAX157 Datasheet
238Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX
Rev 0; 11/98
MAX1572 MAXIM-MAX1572 Datasheet
340Kb / 11P
   800mA, 2MHz, PWM DC-to-DC Step-Down Converter with RESET
Rev 0; 4/03
MAX1572ETC MAXIM-MAX1572ETC Datasheet
340Kb / 11P
   800mA, 2MHz, PWM DC-to-DC Step-Down Converter with RESET
Rev 0; 4/03
MAX1572ETC075 MAXIM-MAX1572ETC075 Datasheet
340Kb / 11P
   800mA, 2MHz, PWM DC-to-DC Step-Down Converter with RESET
Rev 0; 4/03
More results

Description similaire - MAX1570

FabricantNo de pièceFiches techniqueDescription
logo
Eutech Microelectronics...
EUP2794 EUTECH-EUP2794 Datasheet
444Kb / 13P
   White LED Driver with 1X /1.5X High-Efficiency Charge Pump
logo
Advanced Analogic Techn...
AAT3151B ANALOGICTECH-AAT3151B Datasheet
265Kb / 15P
   High Efficiency 1X/1.5X Charge Pump For White LED Applications
AAT3151B ANALOGICTECH-AAT3151B_08 Datasheet
295Kb / 13P
   High Efficiency 1X/1.5X Charge Pump For White LED Applications
logo
Exar Corporation
SP6683 EXAR-SP6683 Datasheet
260Kb / 14P
   1X/1.5X High Efficiency Charge Pump
logo
Advanced Analogic Techn...
AAT3340 ANALOGICTECH-AAT3340 Datasheet
995Kb / 14P
   High Efficiency 1x/1.5x Charge Pump
AAT3340 ANALOGICTECH-AAT3340_08 Datasheet
989Kb / 14P
   High Efficiency 1x/1.5x Charge Pump
logo
SiGe Semiconductor, Inc...
AATIAN58 SIGE-AATIAN58 Datasheet
86Kb / 4P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3123 ANALOGICTECH-AAT3123 Datasheet
321Kb / 18P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3140 AAT-AAT3140 Datasheet
483Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
AAT3142 AAT-AAT3142 Datasheet
481Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com