Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRLML5103PBF-1 Fiches technique(PDF) 4 Page - International Rectifier

No de pièce IRLML5103PBF-1
Description  Compatible with Existing Surface Mount Techniques
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRLML5103PBF-1 Fiches technique(HTML) 4 Page - International Rectifier

  IRLML5103PBF-1 Datasheet HTML 1Page - International Rectifier IRLML5103PBF-1 Datasheet HTML 2Page - International Rectifier IRLML5103PBF-1 Datasheet HTML 3Page - International Rectifier IRLML5103PBF-1 Datasheet HTML 4Page - International Rectifier IRLML5103PBF-1 Datasheet HTML 5Page - International Rectifier IRLML5103PBF-1 Datasheet HTML 6Page - International Rectifier IRLML5103PBF-1 Datasheet HTML 7Page - International Rectifier IRLML5103PBF-1 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRLML5103PbF-1
4
www.irf.com © 2013 International Rectifier Submit Datasheet Feedback
November 25, 2013
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
0
20
40
60
80
100
120
140
1
10
100
A
DS
-V
, Drain-to-Source Voltage (V)
V
= 0V,
f = 1MHz
C
= C
+ C
, C
SHORTED
C
= C
C
= C
+ C
GS
iss
gs
gd
ds
rss
gd
oss
ds
gd
Ciss
Coss
Crss
0
4
8
12
16
20
0.0
1.0
2.0
3.0
4.0
5.0
G
A
Q , Total Gate Charge (nC)
V
= -24V
V
= -15V
DS
DS
FOR TEST CIRCUIT
SEE FIGURE 9
I = -0.60A
D
0.1
1
10
0.4
0.6
0.8
1.0
1.2
1.4
1.6
T = 25°C
T = 150°C
J
J
V
= 0V
GS
SD
A
-V
, Source-to-Drain Voltage (V)
0.1
1
10
1
10
100
OPERATION IN THIS AREA LIMITED
BY RDS(on)
T
= 25°C
T
= 150°C
Single Pulse
A
-V
, Drain-to-Source Voltage (V)
DS
A
J
100μs
1ms
10ms


Numéro de pièce similaire - IRLML5103PBF-1

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRLML5103PBF IRF-IRLML5103PBF Datasheet
228Kb / 8P
   HEXFET-R POWER MOSFET
IRLML5103PBF IRF-IRLML5103PBF Datasheet
251Kb / 9P
   ULTRA LOW ON RESISFANCE
IRLML5103PBF IRF-IRLML5103PBF_11 Datasheet
222Kb / 8P
   Lead-Free, Fast Switching, Available in Tape and Reel
IRLML5103PBF IRF-IRLML5103PBF_15 Datasheet
251Kb / 9P
   ULTRA LOW ON RESISFANCE
More results

Description similaire - IRLML5103PBF-1

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF6674TR1PBF IRF-IRF6674TR1PBF Datasheet
255Kb / 9P
   Compatible with existing Surface Mount Techniques
IRF6635TR1PBF IRF-IRF6635TR1PBF Datasheet
253Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFH8321PBF IRF-IRFH8321PBF_15 Datasheet
238Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFML8244PBF IRF-IRFML8244PBF_15 Datasheet
202Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFHM4231PBF IRF-IRFHM4231PBF_15 Datasheet
572Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM8228PBF IRF-IRFHM8228PBF_15 Datasheet
672Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRFHM9391PBF IRF-IRFHM9391PBF_15 Datasheet
564Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML2244PBF IRF-IRLML2244PBF_15 Datasheet
240Kb / 10P
   Compatible with existing Surface Mount Techniques
IRLML2246PBF-1 IRF-IRLML2246PBF-1_15 Datasheet
204Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML6401PBF-1 IRF-IRLML6401PBF-1_15 Datasheet
195Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML6402PBF-1 IRF-IRLML6402PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com