Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRLML5103PBF-1 Fiches technique(PDF) 8 Page - International Rectifier

No de pièce IRLML5103PBF-1
Description  Compatible with Existing Surface Mount Techniques
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRLML5103PBF-1 Fiches technique(HTML) 8 Page - International Rectifier

  IRLML5103PBF-1_15 Datasheet HTML 1Page - International Rectifier IRLML5103PBF-1_15 Datasheet HTML 2Page - International Rectifier IRLML5103PBF-1_15 Datasheet HTML 3Page - International Rectifier IRLML5103PBF-1_15 Datasheet HTML 4Page - International Rectifier IRLML5103PBF-1_15 Datasheet HTML 5Page - International Rectifier IRLML5103PBF-1_15 Datasheet HTML 6Page - International Rectifier IRLML5103PBF-1_15 Datasheet HTML 7Page - International Rectifier IRLML5103PBF-1_15 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRLML5103PbF-1
8
www.irf.com © 2013 International Rectifier Submit Datasheet Feedback
November 25, 2013
Micro3™ Tape & Reel Information
Dimensions are shown in millimeters (inches)
2.05 ( .080 )
1.95 ( .077 )
TR
FEED DIRECTION
4.1 ( .161 )
3.9 ( .154 )
1.6 ( .062 )
1.5 ( .060 )
1.85 ( .072 )
1.65 ( .065 )
3.55 ( .139 )
3.45 ( .136 )
1.1 ( .043 )
0.9 ( .036 )
4.1 ( .161 )
3.9 ( .154 )
0.35 ( .013 )
0.25 ( .010 )
8.3 ( .326 )
7.9 ( .312 )
1.32 ( .051 )
1.12 ( .045 )
9.90 ( .390 )
8.40 ( .331 )
178.00
( 7.008 )
MAX.
NOTES:
1. CONTROLLING DIMENSION : MILLIMETER.
2. OUTLINE CONFORMS TO EIA-481 & EIA-541.
Note: For the most current drawing please refer to IR website at http://www.irf.com/package
Qualification standards can be found at International Rectifier’s web site: http://www.irf.com/product-info/reliability
†† Applicable version of JEDEC standard at the time of product release
MS L1
(per JEDEC J-S TD-020D
†† )
RoHS compliant
Yes
Qualification information
Qualification level
Industrial
(per JEDEC JES D47F
†† guidelines)
Moisture Sensitivity Level
Micro3
™ (SOT-23)
IR WORLD HEADQUARTERS: 101 N. Sepulveda Blvd., El Segundo, California 90245, USA
To contact International Rectifier, please visit http://www.irf.com/whoto-call/


Numéro de pièce similaire - IRLML5103PBF-1_15

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRLML5103PBF IRF-IRLML5103PBF Datasheet
228Kb / 8P
   HEXFET-R POWER MOSFET
IRLML5103PBF IRF-IRLML5103PBF Datasheet
251Kb / 9P
   ULTRA LOW ON RESISFANCE
IRLML5103PBF IRF-IRLML5103PBF_11 Datasheet
222Kb / 8P
   Lead-Free, Fast Switching, Available in Tape and Reel
IRLML5103PBF IRF-IRLML5103PBF_15 Datasheet
251Kb / 9P
   ULTRA LOW ON RESISFANCE
More results

Description similaire - IRLML5103PBF-1_15

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF6674TR1PBF IRF-IRF6674TR1PBF Datasheet
255Kb / 9P
   Compatible with existing Surface Mount Techniques
IRF6635TR1PBF IRF-IRF6635TR1PBF Datasheet
253Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFH8321PBF IRF-IRFH8321PBF_15 Datasheet
238Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFML8244PBF IRF-IRFML8244PBF_15 Datasheet
202Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFHM4231PBF IRF-IRFHM4231PBF_15 Datasheet
572Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM8228PBF IRF-IRFHM8228PBF_15 Datasheet
672Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRFHM9391PBF IRF-IRFHM9391PBF_15 Datasheet
564Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML2244PBF IRF-IRLML2244PBF_15 Datasheet
240Kb / 10P
   Compatible with existing Surface Mount Techniques
IRLML2246PBF-1 IRF-IRLML2246PBF-1_15 Datasheet
204Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML6401PBF-1 IRF-IRLML6401PBF-1_15 Datasheet
195Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML6402PBF-1 IRF-IRLML6402PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com